Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CB35000 Datasheet(PDF) 8 Page - STMicroelectronics

Part # CB35000
Description  HCMOS STANDARD CELLS
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

CB35000 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button CB35000 Datasheet HTML 4Page - STMicroelectronics CB35000 Datasheet HTML 5Page - STMicroelectronics CB35000 Datasheet HTML 6Page - STMicroelectronics CB35000 Datasheet HTML 7Page - STMicroelectronics CB35000 Datasheet HTML 8Page - STMicroelectronics CB35000 Datasheet HTML 9Page - STMicroelectronics CB35000 Datasheet HTML 10Page - STMicroelectronics CB35000 Datasheet HTML 11Page - STMicroelectronics CB35000 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
CB35000 SERIES
8/16
®
core scan cells are provided in the CB35000
Series library. Examples include FDxS/FJKxS
cells which are edge sensitive and LSxx cells
which are true LSSD cells. Non-overlapping clock
generator macros are also available.
EVALUATION DEVICE
An evaluation device is used to demonstrate the
performance of the CB35000 series as well as
verify the effectiveness of the design system. The
device has path delays, latches, a host of
macrocells and memory functions which were
Figure 5
Evaluation Device
used to verify the simulated characteristics that
are supplied in the data book. Characterization of
the path delays including interconnect shows
typical delays of 210 ps for a 2 input NAND with
receivers/drivers operating at frequencies of 200
MHz. The evaluation device is available in a 208
pin plastic quad flat pack.


Similar Part No. - CB35000

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CB3 ETC1-CB3 Datasheet
145Kb / 4P
   CMOS/TTL CLOCK OSCILLATOR
logo
CTS Corporation
CB3 CTS-CB3 Datasheet
1Mb / 4P
   Standard 7.0x5.0mm Surface Mount Footprint
CB3 CTS-CB3 Datasheet
216Kb / 3P
   Standard 7.0mm x 5.0mm 4-Pad Surface Mount Package
logo
Eaton All Rights Reserv...
CB3 EATON-CB3 Datasheet
3Mb / 27P
   Single Row Terminal Blocks
logo
Stackpole Electronics, ...
CB3 SEI-CB3 Datasheet
329Kb / 4P
   Ceramic Housed with Axial Leads Power Resistor
4/13/2021
More results

Similar Description - CB35000

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
CB45000 STMICROELECTRONICS-CB45000 Datasheet
265Kb / 16P
   HCMOS6 STANDARD CELLS
logo
Eaton All Rights Reserv...
M0810-2R5105-R EATON-M0810-2R5105-R Datasheet
347Kb / 3P
   Cylindrical cells
HV0810-2R7105-R EATON-HV0810-2R7105-R Datasheet
458Kb / 5P
   Cylindrical cells
logo
ATMEL Corporation
ATC18RHA ATMEL-ATC18RHA_14 Datasheet
164Kb / 16P
   Comprehensive Library of Standard Logic and I/O Cells
logo
Eaton All Rights Reserv...
B0510-2R5224-R EATON-B0510-2R5224-R Datasheet
364Kb / 3P
   Cylindrical cells
HB0820-2R5305-R EATON-HB0820-2R5305-R Datasheet
426Kb / 5P
   Cylindrical cells
logo
CSB Battery Co., Ltd.
GP121000 CSB-BATTERY-GP121000_16 Datasheet
719Kb / 2P
   Cells Per Unit 6 Cells Per Unit 6
logo
Eaton All Rights Reserv...
TV1020-3R0605-R EATON-TV1020-3R0605-R Datasheet
494Kb / 5P
   Cylindrical cells
KR-5R5V104-R EATON-KR-5R5V104-R Datasheet
643Kb / 5P
   Coin cells
KW-5R5C104-R EATON-KW-5R5C104-R Datasheet
440Kb / 4P
   Coin cells
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com