Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS75105YFFR Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TPS75105YFFR
Description  Low Dropout, Two-Bank LED Driver with PWM Brightness Control
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS75105YFFR Datasheet(HTML) 5 Page - Texas Instruments

  TPS75105YFFR Datasheet HTML 1Page - Texas Instruments TPS75105YFFR Datasheet HTML 2Page - Texas Instruments TPS75105YFFR Datasheet HTML 3Page - Texas Instruments TPS75105YFFR Datasheet HTML 4Page - Texas Instruments TPS75105YFFR Datasheet HTML 5Page - Texas Instruments TPS75105YFFR Datasheet HTML 6Page - Texas Instruments TPS75105YFFR Datasheet HTML 7Page - Texas Instruments TPS75105YFFR Datasheet HTML 8Page - Texas Instruments TPS75105YFFR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
www.ti.com
PIN ASSIGNMENTS
A3
A2
A1
C3
C2
C1
B1
B3
B2
TPS7510xYFF
9-BallWCSP
(TopView)
TPS7510x
SBVS080E – SEPTEMBER 2006 – REVISED JANUARY 2008
TERMINAL FUNCTIONS
INPUT/
NAME
WCSP
OUTPUT
DESCRIPTION
Enable pin, Bank A. Driving this pin high turns on the current source to Bank A outputs.
Driving this pin low turns off the current source to Bank A outputs. An applied PWM signal
reduces the LED current (between 0mA and the maximum current set by ISET) as a function
ENA
A3
I
of the duty cycle of the PWM signal. ENA and ENB can be tied together. ENA can be left
OPEN or connected to GND if not used. See the Application Information section for more
details.
D1A
B3
O
Diode source current output, Bank A. Connect to LED anode.
D2A
C3
O
Diode source current output, Bank A. Connect to LED anode.
Enable pin, Bank B. Driving this pin high turns on the current source to Bank B outputs.
Driving this pin low turns off the current source to Bank B outputs. An applied PWM signal
reduces the LED current (between 0mA and the maximum current set by ISET) as a function
ENB
A2
I
of the duty cycle of the PWM signal. ENA and ENB can be tied together. ENB can be left
OPEN or connected to GND if not used. See the Application Information section for more
details.
VIN
B2
I
Supply Input
GND
C2
Ground
An optional resistor can be connected between this pin and GND to set the maximum current
ISET
A1
O
through the LEDs. If no resistor is connected, ISET defaults to the internally-programmed
value.
D1B
B1
O
Diode source current output, Bank B. Connect to LED anode.
D2B
C1
O
Diode source current output, Bank B. Connect to LED anode.
Copyright © 2006–2008, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): TPS7510x


Similar Part No. - TPS75105YFFR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS75105YFFR TI-TPS75105YFFR Datasheet
363Kb / 15P
[Old version datasheet]   Low Dropout, Two-Bank LED Driver with PWM Brightness Control
TPS75105YFFR TI1-TPS75105YFFR Datasheet
588Kb / 19P
[Old version datasheet]   Low Dropout, Two-Bank LED Driver with PWM Brightness Control
TPS75105YFFR TI1-TPS75105YFFR Datasheet
1Mb / 22P
[Old version datasheet]   Low Dropout, Two-Bank LED Driver with PWM Brightness Control
TPS75105YFFR TI1-TPS75105YFFR Datasheet
1Mb / 27P
[Old version datasheet]   Low Dropout, Two-Bank LED Driver With PWM Brightness Control
More results

Similar Description - TPS75105YFFR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS7510X TI-TPS7510X Datasheet
363Kb / 15P
[Old version datasheet]   Low Dropout, Two-Bank LED Driver with PWM Brightness Control
TPS75100 TI1-TPS75100 Datasheet
1Mb / 27P
[Old version datasheet]   Low Dropout, Two-Bank LED Driver With PWM Brightness Control
TPS75103 TI1-TPS75103 Datasheet
588Kb / 19P
[Old version datasheet]   Low Dropout, Two-Bank LED Driver with PWM Brightness Control
TPS7510X TI1-TPS7510X_16 Datasheet
1Mb / 22P
[Old version datasheet]   Low Dropout, Two-Bank LED Driver with PWM Brightness Control
logo
Rohm
BD60A00NUX ROHM-BD60A00NUX_13 Datasheet
956Kb / 26P
   White LED Driver With PWM Brightness Control
logo
Texas Instruments
TPS61061 TI-TPS61061 Datasheet
609Kb / 22P
[Old version datasheet]   CONSTANT CURRENT LED DRIVER WITH DIGITAL AND PWM BRIGHTNESS CONTROL
logo
Integrated Silicon Solu...
IS31BL3230-QFLS2-TR ISSI-IS31BL3230-QFLS2-TR Datasheet
270Kb / 12P
   8 CHANNELS CONSTANT CURRENT LED DRIVER WITH PWM BRIGHTNESS CONTROL
logo
Will Semiconductor Ltd.
WD3148 WILLSEMI-WD3148 Datasheet
1Mb / 17P
   White LED Driver with PWM Brightness Control in Tiny Package
logo
Shanghai awinic technol...
AW9962 AWINIC-AW9962 Datasheet
1Mb / 24P
   White LED Driver with PWM Brightness Control in Small Package
logo
Texas Instruments
LP5524 TI1-LP5524_16 Datasheet
840Kb / 19P
[Old version datasheet]   LP5524 Parallel LED Driver With PWM Brightness Control in DSBGA Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com