Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

U8600B Datasheet(PDF) 7 Page - TEMIC Semiconductors

Part # U8600B
Description  Laser Controller
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEMIC [TEMIC Semiconductors]
Direct Link  http://www.temic.de
Logo TEMIC - TEMIC Semiconductors

U8600B Datasheet(HTML) 7 Page - TEMIC Semiconductors

Back Button U8600B Datasheet HTML 3Page - TEMIC Semiconductors U8600B Datasheet HTML 4Page - TEMIC Semiconductors U8600B Datasheet HTML 5Page - TEMIC Semiconductors U8600B Datasheet HTML 6Page - TEMIC Semiconductors U8600B Datasheet HTML 7Page - TEMIC Semiconductors U8600B Datasheet HTML 8Page - TEMIC Semiconductors U8600B Datasheet HTML 9Page - TEMIC Semiconductors U8600B Datasheet HTML 10Page - TEMIC Semiconductors U8600B Datasheet HTML 11Page - TEMIC Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
U8600B
Preliminary Information
TELEFUNKEN Semiconductors
Rev. A1, 30-Aug-96
7 (12)
AC Characteristics (continued)
VCCA = VCCL = VCCD = VCCS = 5 V, Tamb = 25°C, unless otherwise specified
Parameter
Test Conditions /Pin
Symbol
Min.
Typ.
Max.
Unit
Pulse widths
50% of pulse amplitude
Write pulse width, wpwdata = 0
OPENB = 0
Twp0
13
17
ns
Write pulse width, wpwdata = 5
OPENB = 0
Twp5
36
44
ns
Write pulse width, wpwdata = F
OPENB = 0
Twp15
81
99
ns
Write pulse width increment
OPENB = 0
DTwp
3.5
6
ns
Off pulse width, opwdata = 0
wpwdata = 0
Top0
13
17
ns
Off pulse width, opwdata = 5
wpwdata = 0
Top5
36
44
ns
Off pulse width, opwdata = F
wpwdata = 0
Top15
81
99
ns
Off pulse width increment
wpwdata = 0
DTop
3.5
6
ns
Temperature drift
pulse width: 40 ns
DTp/Dd
14
ps/
°C
Operation control unit
Figure 4
Fail period
Tfail
2.6
3.5
µs
Serial interface
Figure 5
SCLOCK pulse cycle
TcySCK
100
ns
SCLOCK pulse width high
TwhSCK
40
ns
SCLOCK pulse width low
TwlSCK
40
ns
SENB set up time
TsSEN
20
ns
SENB hold time
ThSEN
20
ns
SDATA set up time
TsDSA
15
ns
SDATA hold time
ThDSA
15
ns
Data change delay time
Figure 6
Tdcha
1.5
µs
(*)
Test circuit with electrical feedback on page 10. Measurement with sampling head with 300 ps sampling time.
Peak-to-peak value of 1200 measurements, each measurement represents the average of 64 samples. These
noise values ensure a stable operation of the servo amplifier for Tamb = 0 to 75°C.
(1)
Tdwd depends on DCLK frequency and write pulse width:
Tdwd = 2/fDCLK + Twp + 38 ns
(2)
Tdwg depends on write pulse width and off pulse width:
Tdwg = Twp + Top
(3)
Twd depends on write pulse width and off pulse width:
Twd
= Twp + Top + 12 ns


Similar Part No. - U8600B

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
U860 SEMTECH-U860 Datasheet
107Kb / 12P
   High-Performance USB Touch Screen Controller / Digitizer
More results

Similar Description - U8600B

ManufacturerPart #DatasheetDescription
logo
IC-Haus GmbH
IC-VJ ICHAUS-IC-VJ Datasheet
293Kb / 10P
   LASER DIODE CONTROLLER
VJSO16N ICHAUS-VJSO16N Datasheet
293Kb / 10P
   LASER DIODE CONTROLLER
logo
Analog Technologies, In...
TECLD200MA203D ANALOGTECHNOLOGIES-TECLD200MA203D Datasheet
333Kb / 6P
   TEC Laser Controller Combo
4/7/2022
TECLD250MA203D ANALOGTECHNOLOGIES-TECLD250MA203D Datasheet
333Kb / 6P
   TEC Laser Controller Combo
4/7/2022
logo
Mitsubishi Electric Sem...
M66515FP MITSUBISHI-M66515FP Datasheet
174Kb / 7P
   LASER-DIODE DRIVER/CONTROLLER
M61880FP MITSUBISHI-M61880FP Datasheet
160Kb / 6P
   Laser-diode driver / controller
logo
Analog Technologies, In...
TECLD1A203D ANALOGTECHNOLOGIES-TECLD1A203D Datasheet
328Kb / 6P
   TEC Laser Controller Combo
4/7/2022
logo
Renesas Technology Corp
M61880FP RENESAS-M61880FP Datasheet
228Kb / 21P
   Laser Diode Driver/Controller
logo
Analog Technologies, In...
TECLD100MA203D ANALOGTECHNOLOGIES-TECLD100MA203D Datasheet
332Kb / 6P
   TEC Laser Controller Combo
4/7/2022
TECLD500MA203D ANALOGTECHNOLOGIES-TECLD500MA203D Datasheet
333Kb / 6P
   TEC Laser Controller Combo
4/7/2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com