Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L9654M Datasheet(PDF) 2 Page - EPCOS

Part # L9654M
Description  SAW Components
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

L9654M Datasheet(HTML) 2 Page - EPCOS

  L9654M Datasheet HTML 1Page - EPCOS L9654M Datasheet HTML 2Page - EPCOS L9654M Datasheet HTML 3Page - EPCOS L9654M Datasheet HTML 4Page - EPCOS L9654M Datasheet HTML 5Page - EPCOS L9654M Datasheet HTML 6Page - EPCOS L9654M Datasheet HTML 7Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2
May 08, 2001
SAW Components
L 9654 M
33,90 MHz and 38,90 MHz
IF Filter for Audio Applications
Data Sheet
Plastic package SIP5K
Standard
s
L/L’
Features
s
TV IF audio filter with two channels
s
Channel 1 with pass band for sound carriers at
40,40 MHz (L’) and 39,75 MHz (L’-NICAM)
s
Channel 2 with pass band for sound carriers at
32,40 MHz (L) and 33,05 MHz (L-NICAM)
Terminals
s
Tinned CuFe alloy
Pin configuration
1
Input
2
Switching Input
3
Chip carrier - ground
4
Output
5
Output
Type
Ordering code
Marking and package
according to
Packing
according to
L 9654 M
B39389-L9654-M100
C61157-A1-A15
F61074-V8067-Z000
Maximum ratings
Operable temperature range
TA
–25/+65
˚C
Storage temperature range
Tstg
–40/+85
˚C
DC voltage
VDC
12
V
between any terminals
AC voltage
Vpp
10
V
between any terminals
Dimensions in mm, approx. weight 1,0 g


Similar Part No. - L9654M

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L9654 STMICROELECTRONICS-L9654 Datasheet
2Mb / 59P
   Quad squib driver and dual sensor interface ASIC for safety application
November 2013 Rev 3
L9654TR STMICROELECTRONICS-L9654TR Datasheet
2Mb / 59P
   Quad squib driver and dual sensor interface ASIC for safety application
November 2013 Rev 3
More results

Similar Description - L9654M

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
G3355K ETC-G3355K Datasheet
98Kb / 8P
   SAW COMPONENTS
logo
EPCOS
B5155 EPCOS-B5155 Datasheet
233Kb / 8P
   SAW Components
B39212B7750C810 EPCOS-B39212B7750C810 Datasheet
85Kb / 8P
   SAW Components
B39421R2702U310 EPCOS-B39421R2702U310 Datasheet
45Kb / 4P
   SAW Components
B39401R983U410 EPCOS-B39401R983U410 Datasheet
40Kb / 4P
   SAW Components
logo
TDK Electronics
B39182B9855P810 TDK-B39182B9855P810 Datasheet
136Kb / 8P
   SAW Components
B39901B8746P810 TDK-B39901B8746P810 Datasheet
98Kb / 7P
   SAW Components
logo
EPCOS
B3529 EPCOS-B3529 Datasheet
99Kb / 8P
   SAW Components
B3513 EPCOS-B3513 Datasheet
68Kb / 6P
   SAW Components
B3525 EPCOS-B3525 Datasheet
63Kb / 7P
   SAW Components
B7683 EPCOS-B7683 Datasheet
156Kb / 13P
   SAW Components
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com