Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS40180RGET Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TPS40180RGET
Description  SINGLE PHASE STACKABLE CONTROLLER
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS40180RGET Datasheet(HTML) 5 Page - Texas Instruments

  TPS40180RGET Datasheet HTML 1Page - Texas Instruments TPS40180RGET Datasheet HTML 2Page - Texas Instruments TPS40180RGET Datasheet HTML 3Page - Texas Instruments TPS40180RGET Datasheet HTML 4Page - Texas Instruments TPS40180RGET Datasheet HTML 5Page - Texas Instruments TPS40180RGET Datasheet HTML 6Page - Texas Instruments TPS40180RGET Datasheet HTML 7Page - Texas Instruments TPS40180RGET Datasheet HTML 8Page - Texas Instruments TPS40180RGET Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 52 page
background image
www.ti.com
TPS40180
SLVS753B – FEBRUARY 2007 – REVISED NOVEMBER 2007
ELECTRICAL CHARACTERISTICS (continued)
VVDD = 12V, VBP5 = 5V, VPVCC = 5V, –40°C < TJ < 85°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
CURRENT SENSE AMPLIFIER
VISOFST
Input offset voltage
–2.5
0
2.5
mV
IIB_CS
Input bias current
100
nA
GCS
Gain at PWM Input
0.2V
≤ VICM ≤ 5.8V
11.25
12.5
13.75
V/V
VICM
Input common mode range
0
5.8
V
VDIFFMX
Maximum differential input voltage
–60
60
mV
DIFFERENTIAL REMOTE VOLTAGE SENSE AMPLIFIER
GRVS
Gain
0.7 V < V(VOUT) – V(GSNS) < 5.8 V
0.995
1.000
1.005
V/V
V(VOUT) – V(GSNS) = 2 V, V(DIFFO) > 1.98 V,
2
V(VDD) – V(VOUT) > 2 V
IDIFFOH
DIFFO source current
mA
V(VOUT) – V(GSNS) = 5.8 V, V(DIFFO) > 5.6 V,
1
V(VDD) – V(VOUT) = 1 V
IDIFFOL
DIFFO sink current
V(VOUT) – V(GSNS) = 2 V, V(DIFFO) ≥ 2.02 V
2
mA
BWDIFFA
Unity gain bandwidth (2)
5
8
MHz
Input resistance, inverting
DIFFO to GSNS
60
RINDIFFA
k
Input resistance, noninverting
OUT to GND
60
PSEL PIN
IISEL
Bias current
21.5
23.5
25.5
µA
VMNCLK
Master mode, no output on CLKIO
0
0
0.5
VM8PH
Master mode, 6 phase CLKIO
0.5
0.7
0.9
VM6PH
Master mode, 8 phase CLKIO
0.9
VSSTDBY
Slave mode, standby state
3.4
Clock slave mode, 8 phase CLKIO, 45
°
VS45
0
0
0.2
phase slot(2)
Clock slave mode, 8 phase CLKIO, 90
°
VS90
0.2
0.35
0.5
phase slot(2)
Slave mode, 8 phase CLKIO, 135
°
VS135
0.5
0.7
0.9
phase slot(2)
Clock slave mode, 8 phase CLKIO,
VS180
0.9
1.1
1.3
180
° phase slot(2)
Clock slave mode, 8 phase CLKIO,
VS225
1.3
1.6
1.9
225
° phase slot(2)
V
Clock slave mode, 8 phase CLKIO,
VS270
1.9
2.25
2.6
270
° phase slot(2)
Clock slave mode, 8 phase CLKIO,
VS315
2.6
3.0
3.4
315
° phase slot(2)
Clock slave mode, 6 phase CLKIO,
VS0
1.9
2.25
2.6
0
phase slot(2)
Clock slave mode, 6 phase CLKIO, 60
°
VS60
0
0
0.2
phase slot(2)
Clock slave mode, 6 phase CLKIO,
VS120
0.2
0.35
0.5
120
° phase slot(2)
Clock slave mode, 6 phase CLKIO,
VS180
0.5
0.7
0.9
180
° phase slot(2)
Clock slave mode, 6 phase CLKIO,
VS240
0.9
1.1
1.3
240
° phase slot(2)
Clock slave mode, 6 phase CLKIO,
VS300
1.3
1.6
1.9
300
° phase slot(2)
(2)
Specified by design. Not production tested .
Copyright © 2007, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): TPS40180


Similar Part No. - TPS40180RGET

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS40100 TI-TPS40100 Datasheet
582Kb / 10P
[Old version datasheet]   MIDRANGE INPUT SYNCHRONOUS BUCK CONTROLLER WITH ADVANCED SEQUENCING AND OUTPUT MARGINING
TPS40100 TI-TPS40100 Datasheet
664Kb / 35P
[Old version datasheet]   MIDRANGE INPUT SYNCHRONOUS BUCK CONTROLLER WITH ADVANCED SEQUENCING AND OUTPUT MARGINING
TPS40100 TI-TPS40100 Datasheet
714Kb / 35P
[Old version datasheet]   4.5V TO 18V INPUT 10 PIN SYNCHRONOUS BUCK CONTROLLER WITH POWER GOOD
TPS40100 TI1-TPS40100 Datasheet
1Mb / 40P
[Old version datasheet]   MIDRANGE INPUT SYNCHRONOUS BUCK CONTROLLER WITH ADVANCED SEQUENCING AND OUTPUT MARGINING
TPS40100RGER TI-TPS40100RGER Datasheet
582Kb / 10P
[Old version datasheet]   MIDRANGE INPUT SYNCHRONOUS BUCK CONTROLLER WITH ADVANCED SEQUENCING AND OUTPUT MARGINING
More results

Similar Description - TPS40180RGET

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS40140 TI1-TPS40140_16 Datasheet
2Mb / 68P
[Old version datasheet]   Dual or 2-Phase, Stackable Controller
TPS53851 TI1-TPS53851 Datasheet
1Mb / 64P
[Old version datasheet]   DUAL OR 2-PHASE, STACKABLE CONTROLLER
TPS40140 TI-TPS40140 Datasheet
1Mb / 65P
[Old version datasheet]   DUAL OR 2-PHASE, STACKABLE CONTROLLER
TPS40140 TI-TPS40140_15 Datasheet
2Mb / 71P
[Old version datasheet]   TPS40140 Dual or 2-Phase, Stackable Controller
logo
STMicroelectronics
L6726A STMICROELECTRONICS-L6726A Datasheet
436Kb / 24P
   Single phase PWM controller
L6726A STMICROELECTRONICS-L6726A_07 Datasheet
464Kb / 24P
   Single phase PWM controller
L6726A STMICROELECTRONICS-L6726A_10 Datasheet
992Kb / 35P
   Single phase PWM controller
L6727 STMICROELECTRONICS-L6727_10 Datasheet
980Kb / 34P
   Single phase PWM controller
PM6697H STMICROELECTRONICS-PM6697H Datasheet
144Kb / 3P
   VR13 single phase controller
March 2017 Rev 1
L6727 STMICROELECTRONICS-L6727 Datasheet
459Kb / 22P
   Single phase PWM controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com