Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VNQ5050AK-E Datasheet(PDF) 8 Page - STMicroelectronics

Part # VNQ5050AK-E
Description  Quad channel high side driver with analog current sense for automotive applications
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VNQ5050AK-E Datasheet(HTML) 8 Page - STMicroelectronics

Back Button VNQ5050AK-E Datasheet HTML 4Page - STMicroelectronics VNQ5050AK-E Datasheet HTML 5Page - STMicroelectronics VNQ5050AK-E Datasheet HTML 6Page - STMicroelectronics VNQ5050AK-E Datasheet HTML 7Page - STMicroelectronics VNQ5050AK-E Datasheet HTML 8Page - STMicroelectronics VNQ5050AK-E Datasheet HTML 9Page - STMicroelectronics VNQ5050AK-E Datasheet HTML 10Page - STMicroelectronics VNQ5050AK-E Datasheet HTML 11Page - STMicroelectronics VNQ5050AK-E Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 31 page
background image
Electrical specifications
VNQ5050AK-E
8/31
2.2
Thermal data
Symbol
Parameter
Value
Unit
VESD
Electrostatic discharge
(human body model: R=1.5K
Ω; C=100pF)
- INPUT
- CURRENT SENSE
- CS_DIS
- OUTPUT
- VCC
4000
2000
4000
5000
5000
V
V
V
V
V
VESD
Charge device model (CDM-AEC-Q100-011)
750
V
Tj
Junction operating temperature
-40 to 150
°C
Tstg
Storage temperature
-55 to 150
°C
Table 4.
Absolute maximum ratings (continued)
Table 5.
Thermal data
Symbol
Parameter
Max value
Unit
Rthj-case
Thermal resistance junction-case (With one channel ON)
2.8
°C/W
Rthj-amb
Thermal resistance junction-ambient
See Figure 29.
°C/W


Similar Part No. - VNQ5050AK-E

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VNQ5050K-E STMICROELECTRONICS-VNQ5050K-E Datasheet
108Kb / 13P
   QUAD CHANNEL HIGH SIDE DRIVER FOR AUTOMOTIVE APPLICATIONS
VNQ5050KTR-E STMICROELECTRONICS-VNQ5050KTR-E Datasheet
108Kb / 13P
   QUAD CHANNEL HIGH SIDE DRIVER FOR AUTOMOTIVE APPLICATIONS
More results

Similar Description - VNQ5050AK-E

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VNQ5E250AJ-E STMICROELECTRONICS-VNQ5E250AJ-E Datasheet
475Kb / 37P
   Quad channel high-side driver with analog current sense for automotive applications
VNQ5E080TD1-E STMICROELECTRONICS-VNQ5E080TD1-E Datasheet
428Kb / 23P
   Quad channel high-side driver with analog current sense for automotive applications
June 2012 Rev. 5
VNQ5E160AK-E STMICROELECTRONICS-VNQ5E160AK-E Datasheet
684Kb / 37P
   Quad channel high side driver with analog current sense for automotive applications
VNQ5027AK-E STMICROELECTRONICS-VNQ5027AK-E Datasheet
449Kb / 31P
   Quad channel high side driver with analog current sense for automotive applications
VNQ5E050MK-E STMICROELECTRONICS-VNQ5E050MK-E Datasheet
473Kb / 36P
   Quad channel high-side driver with analog current sense for automotive applications
VNQ5E050AK-E STMICROELECTRONICS-VNQ5E050AK-E Datasheet
657Kb / 37P
   Quad channel high-side driver with analog current sense for automotive applications
VNQ9080AJ STMICROELECTRONICS-VNQ9080AJ Datasheet
1Mb / 44P
   Quad channel high-side driver with Current Sense analog feedback for automotive applications
Rev 6 - August 2022
VNQ9025AJ STMICROELECTRONICS-VNQ9025AJ Datasheet
1Mb / 44P
   Quad channel high-side driver with current sense analog feedback for automotive applications
Rev 6 - February 2023
VN5010AK-E STMICROELECTRONICS-VN5010AK-E Datasheet
618Kb / 31P
   High side driver with analog current sense for automotive applications
VNQ5E160MK-E STMICROELECTRONICS-VNQ5E160MK-E Datasheet
731Kb / 34P
   Quad channel high-side driver with analog current sense for automotive application
November 2013 Rev 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com