Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TEA2128 Datasheet(PDF) 3 Page - STMicroelectronics

Part # TEA2128
Description  COLOR TV SCANNING AND POWER SUPPLY PROCESSOR
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TEA2128 Datasheet(HTML) 3 Page - STMicroelectronics

  TEA2128 Datasheet HTML 1Page - STMicroelectronics TEA2128 Datasheet HTML 2Page - STMicroelectronics TEA2128 Datasheet HTML 3Page - STMicroelectronics TEA2128 Datasheet HTML 4Page - STMicroelectronics TEA2128 Datasheet HTML 5Page - STMicroelectronics TEA2128 Datasheet HTML 6Page - STMicroelectronics TEA2128 Datasheet HTML 7Page - STMicroelectronics TEA2128 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
VCC
Supply Voltage
13.5
V
I11
Output Current
80
mA
I20
Input Current
40
mA
I22
Input Current
± 5
mA
TAMB
Operating Ambient Temperature
0 , 70
oC
THERMAL DATA
Symbol
Parameter
Value
Unit
Rth(j-a)
Junction-ambient Thermal Resistance
60
oC/W
ELECTRICAL CHARACTERISTICS (TAMB =25
oC; VCC = 12V; Pulse duration 50% of the amplitude)
Symbol
Parameter
Pins
Test conditions
Min.
Typ.
Max.
Unit
Supply Voltage
13
12
V
Supply Current
13
Without load in Pins 11, 16, 21, 24
30
mA
VIDEO INPUT
Video Signal Amplitude
4
Z source < 200
0.2
1
3
VPP
Push out Current
4
During the synch. pulse
- 30
µA
Pull in Current
4
During the line
5
µA
50% SYNCH. PULSE CLAMP
Push out Current
3
During the synch. pulse
- 350
-900
µA
Pull in Current
3
During the line
25
µA
φ 1 AND φ 3 COMPARATOR
Short Time Output Current
7 - 8
Identification high
± 1.5
mA
Long Time Output Current
7 - 8
Identification high
± 0.5
mA
VCO
Catching Range
2
Ceramic CSB 503B, RSERIAL = 470
15
16.3
kHz
Transfer Characteristic
∆F Pin 20/∆V Pin 8
2
kHz/V
Free Running Frequency
Without video signal
15.6
kHz
VIDEO IDENTIFICATI ON AND STANDARD OUTPUT
No video on Pin 4
16
I16 = 3mA
0
500
mV
60Hz video
16
I16 = 3mA
5.7
6
6.3
V
50Hz video
16
I16 =10
µA
10.5
11
V
VIDEO IDENTIFICATI ON AND O.S.D. CONTROL
Identification Time
14
2
µs
Output Current
q
2
µs pulse within the synchro pulse
q
2
µs pulse outside the synchro pulse
-135
65
-160
80
-185
95
µA
µA
Identification Threshold
4.6
V
OSD Switching Threshold
lower than
1
V
REFERENCE VOLTAGE
Output voltage
6
I6 =0
VCC/2
V
Output impedance
∆I
6 =
± 50µA
600
Max output current
200
µA
AUTO VCR SWITCH
Switching threshold /V6
7
q
With no noise on the video (V5
≤ 6V)
q
With noise on video
(6V < V5 < 7.3V)
St* = 0.69 V5 - 3.85
± 0.28 ± 0.3
St*
± 0.32
V
V
TEA2128
3/8


Similar Part No. - TEA2128

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TEA2124 STMICROELECTRONICS-TEA2124 Datasheet
54Kb / 4P
   VIDEO SWITCH
September 1998
More results

Similar Description - TEA2128

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TEA2029C STMICROELECTRONICS-TEA2029C Datasheet
104Kb / 9P
   COLOR TV SCANNING AND POWER SUPPLY PROCESSOR
TEA2026C STMICROELECTRONICS-TEA2026C Datasheet
491Kb / 10P
   COLOR TV SCANNING AND POWER SUPPLY PROCESSOR
TEA2028B STMICROELECTRONICS-TEA2028B Datasheet
104Kb / 9P
   COLOR TV SCANNING AND POWER SUPPLY PROCESSOR
TEA2130 STMICROELECTRONICS-TEA2130 Datasheet
126Kb / 8P
   TV AND SATELLITE DECODER SCANNING PROCESSOR
September 1993
logo
Motorola, Inc
TDA3303 MOTOROLA-TDA3303 Datasheet
314Kb / 14P
   TV COLOR PROCESSOR
TDA3301B MOTOROLA-TDA3301B Datasheet
579Kb / 14P
   TV COLOR PROCESSOR
logo
List of Unclassifed Man...
ECG1089 ETC1-ECG1089 Datasheet
175Kb / 4P
   TV COLOR PROCESSOR
logo
STMicroelectronics
TEA5031D STMICROELECTRONICS-TEA5031D Datasheet
291Kb / 7P
   COLOR TV VIDEO PROCESSOR
logo
JILIN SINO-MICROELECTRO...
3DD5011 JSMC-3DD5011 Datasheet
238Kb / 5P
   Switching power supply for color TV
3DD5038P JSMC-3DD5038P Datasheet
302Kb / 5P
   Switching power supply for color TV
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com