Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SG6932DZ Datasheet(PDF) 8 Page - Fairchild Semiconductor

Part # SG6932DZ
Description  Green-Mode PFC / Forward PWM Controller
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

SG6932DZ Datasheet(HTML) 8 Page - Fairchild Semiconductor

Back Button SG6932DZ Datasheet HTML 4Page - Fairchild Semiconductor SG6932DZ Datasheet HTML 5Page - Fairchild Semiconductor SG6932DZ Datasheet HTML 6Page - Fairchild Semiconductor SG6932DZ Datasheet HTML 7Page - Fairchild Semiconductor SG6932DZ Datasheet HTML 8Page - Fairchild Semiconductor SG6932DZ Datasheet HTML 9Page - Fairchild Semiconductor SG6932DZ Datasheet HTML 10Page - Fairchild Semiconductor SG6932DZ Datasheet HTML 11Page - Fairchild Semiconductor SG6932DZ Datasheet HTML 12Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
Product Specification
Green-Mode PFC / Forward PWM Controller
SG6932
© System General Corp.
- 8 -
www.sg.com.tw • www.fairchildsemi.com
Version 1.1.1 (IAO33.0011.B2)
September 19, 2007
PWM-Current Sense
Symbol
Parameter
Test Conditions
Min.
Typ.
Max. Unit
TPD-PWM
Propagation Delay to Output – VLIMIT Loop
VDD=15V, OPWM drops to 9V
60
120
ns
VLIMIT
Peak Current Limit Threshold Voltage
0.65
0.70
0.75
V
TBNK-PWM
Leading-Edge Blanking Time
270
350
450
ns
VSLOPE
Slope Compensation
Vs=△VSLOPE x (Ton/T)
Vs: Compensation Voltage Added to
Current Sense
0.40
0.45
0.55
V
Output Driver
Symbol
Parameter
Test Conditions
Min.
Typ.
Max. Unit
VZ-PWM
Output Voltage Maximum (Clamp)
VDD=20V
16
18
V
TPWM
Interval of OPWM Lags Behind OPFC at
Start-up
RI=24kΩ
2
4
6
ms
VOL-PWM
Output Voltage Low
VDD=15V; IO=100mA
1.5
V
VOH-PWM
Output Voltage High
VDD=13V; IO=100mA
8
V
TR-PWM
Rising Time
VDD=15V; CL=5nF; O/P=2V to 9V
30
60
120
ns
TF-PWM
Falling Time
VDD=15V; CL=5nF; O/P=9V to 2V
30
50
110
ns
Maximum Duty Cycle
Symbol
Parameter
Test Conditions
Min.
Typ.
Max. Unit
DC SS=6V
Maximum Duty Cycle for SS=6V
RI=24kΩ
62
66
%
DC SS=5V
Maximum Duty Cycle for SS=5V
RI=24kΩ
46
50
%
Soft-Start
Symbol
Parameter
Test Conditions
Min.
Typ.
Max. Unit
ISS
Constant Current Output for Soft-Start
RT=24kΩ
44
50
56
µA
VDC-MAX-50%
Voltage of SS for 50% Maximum Duty Cycle
5
V
VDC-MAX--65%
Voltage of SS for 65% Maximum Duty Cycle
6
V
RD
Discharge Resistance
470


Similar Part No. - SG6932DZ

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
SG6932DZ FAIRCHILD-SG6932DZ Datasheet
924Kb / 20P
   PFC / Forward PWM Controller
More results

Similar Description - SG6932DZ

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
SG6932 FAIRCHILD-SG6932_08 Datasheet
924Kb / 20P
   PFC / Forward PWM Controller
SG6902 FAIRCHILD-SG6902 Datasheet
856Kb / 22P
   Green-Mode PFC / Flyback-PWM Controller
SG6905 FAIRCHILD-SG6905 Datasheet
689Kb / 21P
   Green mode PFC/Flyback-PWM Controller
ML4802 FAIRCHILD-ML4802 Datasheet
285Kb / 15P
   PFC/PWM Controller Combo with Green Mode
logo
Micro Linear Corporatio...
ML4802 MICRO-LINEAR-ML4802 Datasheet
299Kb / 15P
   PFC/PWM Controller Combo with Green Mode
logo
Champion Microelectroni...
CM6805BO CHAMP-CM6805BO Datasheet
255Kb / 15P
   10-PIN Green-Mode PFC/PWM Combo CONTROLLER
CM6805A CHAMP-CM6805A_10 Datasheet
203Kb / 15P
   10-PIN Green-Mode PFC/PWM Combo CONTROLLER
CM6805BO CHAMP-CM6805BO_10 Datasheet
203Kb / 15P
   10-PIN Green-Mode PFC/PWM Combo CONTROLLER
CM6805A CHAMP-CM6805A Datasheet
256Kb / 15P
   10-PIN Green-Mode PFC/PWM Combo CONTROLLER
CM6802 CHAMP-CM6802 Datasheet
338Kb / 18P
   NO BLEED RESISTOR GREEN MODE PFC/PWM CONTROLLER COMBO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com