Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KB3302 Datasheet(PDF) 6 Page - Kingbor Technology Co

Part # KB3302
Description  2Amp, 2MHz Step-up Switching regulator with Soft-Start
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBOR [Kingbor Technology Co]
Direct Link  http://www.kingbor.com
Logo KINGBOR - Kingbor Technology Co

KB3302 Datasheet(HTML) 6 Page - Kingbor Technology Co

Back Button KB3302 Datasheet HTML 2Page - Kingbor Technology Co KB3302 Datasheet HTML 3Page - Kingbor Technology Co KB3302 Datasheet HTML 4Page - Kingbor Technology Co KB3302 Datasheet HTML 5Page - Kingbor Technology Co KB3302 Datasheet HTML 6Page - Kingbor Technology Co KB3302 Datasheet HTML 7Page - Kingbor Technology Co KB3302 Datasheet HTML 8Page - Kingbor Technology Co KB3302 Datasheet HTML 9Page - Kingbor Technology Co KB3302 Datasheet HTML 10Page - Kingbor Technology Co Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
6
KB3302
Kingbor Technology Co.,Ltd
TEL:(86)0755-26508846 FAX:(86)0755-26509052
OPERATION
The KB3302 is a programmable constant-frequency peak
current-mode step-up switching regulator with an
integrated 2A power transistor. Referring to the block
diagrams in Figures 2 and 3, the power transistor is
switched on at the trailing edge of the clock. Switch
current is sensed with an integrated sense resistor. The
sensed current is summed with the slope-compensating
ramp before compared to the output of the error
amplifier EA. The PWM comparator trip point determines
the switch turn-on pulse width. The current-limit
comparator ILIM turns off the power switch when the
switch current exceeds the 2.8A current-limit threshold.
ILIM therefore provides cycle-by-cycle current limit.
Current-limit is not affected by slope compensation
because the current comparator ILIM is not in the PWM
signal path.
Current-mode switching regulators utilize a dual-loop
feedback control system. In the KB3302 the amplifier
output COMP controls the peak inductor current. This is
the inner current loop. The double reactive poles of the
output LC filter are reduced to a single real pole by the
inner current loop, easing loop compensation. Fast
transient response can be obtained with a simple Type-2
compensation network. In the outer loop, the error
amplifier regulates the output voltage.
The switching frequency of the KB3302 can be programmed
up to 2MHz with an external resistor from the ROSC pin
to the ground. For converters requiring extreme duty
cycles, the operating frequency can be lowered to
maintain the necessary minimum on time or the minimum
off time.
The KB3302 requires a minimum input of 1.4V to operate.
A voltage higher than 1.1V at the shutdown pin enables
the internal linear regulator REG in the KB3302. After V
REG
becomes valid, the soft-start capacitor is charged with a
1.5
µA current source. A PNP transistor clamps the output
of the error amplifier as the soft-start capacitor voltage
rises. Since the COMP voltage controls the peak inductor
current, the inductor current is ramped gradually during
soft-start, preventing high input start-up current. Under
fault conditions (V
IN
<1.4V or over temperature) or when
the shutdown pin is pulled below 1.1V, the soft-start
capacitor is discharged to ground. Pulling the shutdown
pin below 0.1V reduces the total supply current to 10
µA.
Setting the Output Voltage
An external resistive divider R
1
and R
2
with its center tap
tied to the FB pin (Figure 4) sets the output voltage.
=
1
V
242
.
1
V
R
R
OUT
2
1
(1)
VOUT
R2
R1
40nA
FB
2
KB3302
The input bias current of the error amplifier will introduce
an error of:
()
%
V
242
.
1
100
R
//
R
nA
40
V
V
2
1
OUT
OUT
=
(2)
The percentage error of a V
OUT
= 5V converter with R
1
=
100K
Ω and R
2
= 301K
Ω is
()
%
24
.
0
V
242
.
1
100
K
301
//
K
100
nA
40
V
V
OUT
OUT
=
=
Operating Frequency and Efficiency
Switching frequency of KB3302 is set with an external
resistor from the ROSC pin to the ground. A graph showing
the relationship between R
OSC
and switching frequency is
given in the “Typical Characteristics”.
High frequency operation reduces the size of passive
components but switching losses are higher. The efficiencies
of 5V to 12V converters operating at 700KHz, 1.35MHz
and 2MHz are shown in Figure 1(b). The peak efficiency
of the KB3302 appears to decrease 0.5% for every
100KHz increase in frequency.
Figure 4. The Output Voltage is set with a Resistive Divider
APPLICATIONS INFORMATION


Similar Part No. - KB3302

ManufacturerPart #DatasheetDescription
logo
Kingbor Technology Co
KB3301 KINGBOR-KB3301 Datasheet
97Kb / 5P
   Step-up DC/DC converter
KB3301MR KINGBOR-KB3301MR Datasheet
97Kb / 5P
   Step-up DC/DC converter
KB3301PR KINGBOR-KB3301PR Datasheet
97Kb / 5P
   Step-up DC/DC converter
More results

Similar Description - KB3302

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC4501 SEMTECH-SC4501 Datasheet
620Kb / 21P
   2Amp, 2MHz Step-Up Switching Regulator with Soft-Start
SC4502 SEMTECH-SC4502 Datasheet
407Kb / 19P
   1.4Amp, 2MHz Step-Up Switching Regulator with Soft-Start
SC4521 SEMTECH-SC4521 Datasheet
322Kb / 18P
   3A Step-Down Switching Regulator with Programmable Soft Start
logo
Linear Technology
LT3467 LINER-LT3467_15 Datasheet
276Kb / 18P
   1.1A Step-Up DC/DC Converter with Integrated Soft-Start
LT3467A LINER-LT3467A_15 Datasheet
276Kb / 18P
   1.1A Step-Up DC/DC Converter with Integrated Soft-Start
LT3467 LINER-LT3467 Datasheet
268Kb / 16P
   1.1A Step-Up DC/DC Converter with Integrated Soft-Start
logo
Seiko Instruments Inc
S-8435 SII-S-8435 Datasheet
2Mb / 42P
   STEP-UP SWITCHING REGULATOR
S-19243A12A-E8T1U SII-S-19243A12A-E8T1U Datasheet
3Mb / 74P
   CMOS VOLTAGE REGULATOR WITH SOFT-START FUNCTION
S-19254E12H-E8T1U SII-S-19254E12H-E8T1U Datasheet
2Mb / 32P
   CMOS VOLTAGE REGULATOR WITH SOFT-START FUNCTION
S-19243A12H-E8T1U SII-S-19243A12H-E8T1U Datasheet
3Mb / 74P
   CMOS VOLTAGE REGULATOR WITH SOFT-START FUNCTION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com