Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP603SN300T1G Datasheet(PDF) 1 Page - ON Semiconductor

Part # NCP603SN300T1G
Description  300 mA High Performance CMOS LDO Regulator with Enable and Enhanced ESD Protection
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP603SN300T1G Datasheet(HTML) 1 Page - ON Semiconductor

  NCP603SN300T1G Datasheet HTML 1Page - ON Semiconductor NCP603SN300T1G Datasheet HTML 2Page - ON Semiconductor NCP603SN300T1G Datasheet HTML 3Page - ON Semiconductor NCP603SN300T1G Datasheet HTML 4Page - ON Semiconductor NCP603SN300T1G Datasheet HTML 5Page - ON Semiconductor NCP603SN300T1G Datasheet HTML 6Page - ON Semiconductor NCP603SN300T1G Datasheet HTML 7Page - ON Semiconductor NCP603SN300T1G Datasheet HTML 8Page - ON Semiconductor NCP603SN300T1G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
© Semiconductor Components Industries, LLC, 2007
November, 2007 - Rev. P1
1
Publication Order Number:
NCP603/D
NCP603
Product Preview
300 mA High Performance
CMOS LDO Regulator with
Enable and Enhanced ESD
Protection
The NCP603 provides 300 mA of output current at fixed voltage
options, or an adjustable output voltage from 5.0 V down to 1.250 V. It
is designed for portable battery powered applications and offers high
performance features such as low power operation, fast enable
response time, and low dropout.
The device is designed to be used with low cost ceramic capacitors
and is packaged in the TSOP-5/SOT23-5.
Features
Output Voltage Options:
Adjustable, 1.3 V, 1.5 V, 1.8 V, 2.8 V, 3.0 V, 3.3 V, 3.5 V, 5.0 V
Adjustable Output by External Resistors from 5.0 V down to 1.250 V
Fast Enable Turn-on Time of 15 ms
Wide Supply Voltage Range Operating Range
Excellent Line and Load Regulation
Typical Noise Voltage of 50 mVrms without a Bypass Capacitor
Enhanced ESD Protection (HBM 3.5 kV, MM 400 V)
These are Pb-Free Devices
Typical Applications
SMPS Post-Regulation
Hand-held Instrumentation & Audio Players
Noise Sensitive Circuits – VCO, RF Stages, etc.
Camcorders and Cameras
Portable Computing
Figure 1. Simplified Block Diagram
Driver w/
Current Limit
Thermal
Shutdown
-
+
ENABLE
VOUT
ADJ
GND
VIN
+
-
1.25 V
Fixed Voltage Only
Adjustable Version Only
This document contains information on a product under development. ON Semiconductor
reserves the right to change or discontinue this product without notice.
PIN CONNECTIONS
1
3
ADJ/NC*
Vin
2
GND
ENABLE
4
Vout
5
(Top View)
MARKING DIAGRAM
http://onsemi.com
1
5
1
5
xxx AYW
G
G
xxx
= Specific Device Code
A
= Assembly Location
Y
= Year
W
= Work Week
G
= Pb-Free Package
TSOP-5
SN SUFFIX
CASE 483
* ADJ - Adjustable Version
* NC - Fixed Voltage Version
See detailed ordering and shipping information in the
package dimensions section on page 12 of this data sheet.
ORDERING INFORMATION
(Note: Microdot may be in either location)


Similar Part No. - NCP603SN300T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP603SN300T1G ONSEMI-NCP603SN300T1G Datasheet
153Kb / 13P
   300 mA High Performance CMOS LDO Regulator
January, 2013 ??Rev. 3
More results

Similar Description - NCP603SN300T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV8603SN33T1G ONSEMI-NCV8603SN33T1G Datasheet
168Kb / 10P
   300 mA High Performance CMOS LDO Regulator with Enable and Enhanced ESD
July, 2013 ??Rev. 2
NCV8605 ONSEMI-NCV8605 Datasheet
170Kb / 13P
   500 mA, Low IGND, CMOS LDO Regulator with/without Enable and with Enhanced ESD Protection
May, 2010 ??Rev. 0
NCP629 ONSEMI-NCP629 Datasheet
125Kb / 11P
   High Performance CMOS LDO Regulator with Enable and Enhanced ESD Protection in Chip Scale Package (CSP)
February, 2008 - Rev. 1
NCP603 ONSEMI-NCP603_13 Datasheet
153Kb / 13P
   300 mA High Performance CMOS LDO Regulator
January, 2013 ??Rev. 3
NCP585DSN33T1G ONSEMI-NCP585DSN33T1G Datasheet
162Kb / 13P
   Tri-Mode 300 mA CMOS LDO Regulator with Enable
July, 2009 ??Rev. 14
NCP605 ONSEMI-NCP605 Datasheet
147Kb / 13P
   500mA, Low IGND, CMOS LDO Regulator with/without Enable and with Enhanced ESD Protection
May, 2008 ??Rev. 1
NCP585 ONSEMI-NCP585 Datasheet
86Kb / 14P
   Tri-Mode 300 mA CMOS LDO Regulator with Enable
March, 2005 ??Rev. 3
NCP585HSN10T1G ONSEMI-NCP585HSN10T1G Datasheet
162Kb / 13P
   Tri-Mode 300 mA CMOS LDO Regulator with Enable
July, 2009 ??Rev. 14
NCP605 ONSEMI-NCP605_V01 Datasheet
219Kb / 14P
   LDO Regulator - Low IGND, CMOS with/without Enable and with Enhanced 500 mA
May, 2022 - Rev. 4
CAT6218 ONSEMI-CAT6218 Datasheet
166Kb / 9P
   300 mA CMOS LDO Regulator
December, 2009 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com