Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AAT4674ITP-1-T1 Datasheet(PDF) 7 Page - Advanced Analogic Technologies

Part # AAT4674ITP-1-T1
Description  Power Supply Selector Switch
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGICTECH [Advanced Analogic Technologies]
Direct Link  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies

AAT4674ITP-1-T1 Datasheet(HTML) 7 Page - Advanced Analogic Technologies

Back Button AAT4674ITP-1-T1 Datasheet HTML 3Page - Advanced Analogic Technologies AAT4674ITP-1-T1 Datasheet HTML 4Page - Advanced Analogic Technologies AAT4674ITP-1-T1 Datasheet HTML 5Page - Advanced Analogic Technologies AAT4674ITP-1-T1 Datasheet HTML 6Page - Advanced Analogic Technologies AAT4674ITP-1-T1 Datasheet HTML 7Page - Advanced Analogic Technologies AAT4674ITP-1-T1 Datasheet HTML 8Page - Advanced Analogic Technologies AAT4674ITP-1-T1 Datasheet HTML 9Page - Advanced Analogic Technologies AAT4674ITP-1-T1 Datasheet HTML 10Page - Advanced Analogic Technologies AAT4674ITP-1-T1 Datasheet HTML 11Page - Advanced Analogic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
Typical Characteristics
Short Circuit Through 0.6
Ω
Ω Response
Time (10µs/div)
IOUT
(5A/div)
VOUT
(5V/div)
VIN
(2V/div)
5V
0A
5V
1.2V
2A
Thermal Shutdown Response
(VIN = 5V)
Time (40ms/div)
IOUT
(2A/div)
VOUT
(2V/div)
VEN
(2V/div)
0A
0V
2V
0V
3.6V to 3.6V Transition Response
(IOUT = 500mA, COUT = 10µF)
Time (40µs/div)
VOUT
(1V/div)
VSEL
(2V/div)
0V
2V
3.6V
3.6V
Short Circuit Through 0.3
Ω
Ω Response
Time (10µs/div)
IOUT
(5A/div)
VOUT
(5V/div)
VIN
(2V/div)
5V
0A
0.6V
2A
5V
AAT4674
Power Supply Selector Switch
4674.2007.09.1.0
7


Similar Part No. - AAT4674ITP-1-T1

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT4674ITP-1-T1 ANALOGICTECH-AAT4674ITP-1-T1 Datasheet
280Kb / 12P
   Power Supply Selector Switch
logo
Skyworks Solutions Inc.
AAT4674ITP-1-T1 SKYWORKS-AAT4674ITP-1-T1 Datasheet
615Kb / 12P
   Power Supply Selector Switch
AAT4674ITP-1-T1 SKYWORKS-AAT4674ITP-1-T1 Datasheet
615Kb / 12P
   Power Supply Selector Switch
April 26, 2012
More results

Similar Description - AAT4674ITP-1-T1

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
AAT4672 SKYWORKS-AAT4672_12 Datasheet
552Kb / 12P
   Power Supply Selector Switch
logo
Advanced Analogic Techn...
AAT4672 ANALOGICTECH-AAT4672 Datasheet
1Mb / 24P
   Power Supply Selector Switch
AAT4674 ANALOGICTECH-AAT4674_08 Datasheet
280Kb / 12P
   Power Supply Selector Switch
logo
Skyworks Solutions Inc.
AAT4674 SKYWORKS-AAT4674_12 Datasheet
615Kb / 12P
   Power Supply Selector Switch
logo
Rohm
BD2204GUL ROHM-BD2204GUL Datasheet
645Kb / 24P
   Power Supply Selector Switch IC for SD Cards
BD2204GUL ROHM-BD2204GUL_15 Datasheet
1Mb / 27P
   Power Supply Selector Switch IC for SD Cards
logo
Vishay Siliconix
SI4700DY VISHAY-SI4700DY Datasheet
76Kb / 8P
   Power Selector Switch
Rev. A, 24-Jan-00
logo
Schneider Electric
9001KS11BH27 SCHNEIDER-9001KS11BH27 Datasheet
78Kb / 1P
   SELECTOR SWITCH
Aug 15, 2019
logo
Festo Corporation.
HW-6-38 FESTO-HW-6-38 Datasheet
79Kb / 1P
   Selector switch
logo
ON Semiconductor
CAT6500 ONSEMI-CAT6500 Datasheet
116Kb / 13P
   3.0 A Power Selector Switch
November, 2015 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com