Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

10ETS12FPPBF Datasheet(PDF) 1 Page - International Rectifier

Part # 10ETS12FPPBF
Description  INPUT RECTIFIER DIODE TO-220 FULLPAK Lead-Free ("PbF" suffix)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

10ETS12FPPBF Datasheet(HTML) 1 Page - International Rectifier

  10ETS12FPPBF Datasheet HTML 1Page - International Rectifier 10ETS12FPPBF Datasheet HTML 2Page - International Rectifier 10ETS12FPPBF Datasheet HTML 3Page - International Rectifier 10ETS12FPPBF Datasheet HTML 4Page - International Rectifier 10ETS12FPPBF Datasheet HTML 5Page - International Rectifier 10ETS12FPPBF Datasheet HTML 6Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
INPUT RECTIFIER DIODE
TO-220 FULLPAK
Lead-Free ("PbF" suffix)
1
Bulletin I2195 12/04
SAFE
IR Series
10ETS12FPPbF
V
F
< 1.1V @ 10A
I
FSM = 200A
V
RRM = 1200V
Major Ratings and Characteristics
Characteristics
Values
Units
I
F(AV) Sinusoidal waveform
10
A
V
RRM Range
1200
V
I
FSM
200
A
V
F
@10 A, T
J = 25°C
1.1
V
T
J
- 40 to 150
°C
TO-220AC FULLPAK
Description/ Features
The 10ETS12FPPbF rectifier SAFE
IR series
has been optimized for very low forward
voltage drop, with moderate leakage. The
glass passivation technology used has reliable
operation up to 150°C junction temperature.
Typical applications are in input rectification
and these products are designed to be used
with International Rectifier Switches and
Output Rectifiers which are available in
identical package outlines. Fully isolated
package (V
INS = 2500 VRMS).
UL E78996 approved
Capacitive input filter TA= 55°C, TJ = 125°C
12.0
16.0
A
common heatsink of 1°C/ W
Output Current in Typical Applications
Applications
Single-phase Bridge
Three-phase Bridge
Units
Package Outline
www.irf.com


Similar Part No. - 10ETS12FPPBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
10ETS12FPPBF VISHAY-10ETS12FPPBF Datasheet
136Kb / 7P
   Input Rectifier Diode TO-220 FULL-PAK, 10 A
Revision: 23-Apr-08
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com