Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

H11F1SM Datasheet(PDF) 8 Page - Fairchild Semiconductor

Part # H11F1SM
Description  Photo FET Optocouplers
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

H11F1SM Datasheet(HTML) 8 Page - Fairchild Semiconductor

Back Button H11F1SM Datasheet HTML 2Page - Fairchild Semiconductor H11F1SM Datasheet HTML 3Page - Fairchild Semiconductor H11F1SM Datasheet HTML 4Page - Fairchild Semiconductor H11F1SM Datasheet HTML 5Page - Fairchild Semiconductor H11F1SM Datasheet HTML 6Page - Fairchild Semiconductor H11F1SM Datasheet HTML 7Page - Fairchild Semiconductor H11F1SM Datasheet HTML 8Page - Fairchild Semiconductor H11F1SM Datasheet HTML 9Page - Fairchild Semiconductor H11F1SM Datasheet HTML 10Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
©2007 Fairchild Semiconductor Corporation
www.fairchildsemi.com
H11FXM Rev. 1.0.0
8
Ordering Information
Marking Information
Option
Order Entry Identifier
(Example)
Description
No option
H11F1M
Standard Through Hole Device
S
H11F1SM
Surface Mount Lead Bend
SR2
H11F1SR2M
Surface Mount; Tape and Reel
T
H11F1TM
0.4" Lead Spacing
V
H11F1VM
VDE 0884
TV
H11F1TVM
VDE 0884, 0.4" Lead Spacing
SV
H11F1SVM
VDE 0884, Surface Mount
SR2V
H11F1SR2VM
VDE 0884, Surface Mount, Tape and Reel
H11F1M
V
X YY Q
1
2
6
4
3
5
Definitions
1Fairchild logo
2Device number
3
VDE mark (Note: Only appears on parts ordered with VDE
option – See order entry table)
4
One digit year code, e.g., ‘7’
5Two digit work week ranging from ‘01’ to ‘53’
6
Assembly package code


Similar Part No. - H11F1SM

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
H11F1SM FAIRCHILD-H11F1SM Datasheet
2Mb / 11P
   H11F1M, H11F2M, H11F3M Photo FET Optocouplers
logo
ON Semiconductor
H11F1SM ONSEMI-H11F1SM Datasheet
338Kb / 10P
   Photo FET Optocouplers
September, 2022 - Rev. 3
More results

Similar Description - H11F1SM

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
H11F1 FAIRCHILD-H11F1 Datasheet
403Kb / 9P
   PHOTO FET OPTOCOUPLERS
H11F3SM FAIRCHILD-H11F3SM Datasheet
2Mb / 11P
   Photo FET Optocouplers
H11F1 FAIRCHILD-H11F1_03 Datasheet
553Kb / 10P
   PHOTO FET OPTOCOUPLERS
H11F3SD FAIRCHILD-H11F3SD Datasheet
547Kb / 10P
   PHOTO FET OPTOCOUPLERS
logo
ON Semiconductor
H11F1M ONSEMI-H11F1M Datasheet
338Kb / 10P
   Photo FET Optocouplers
September, 2022 - Rev. 3
logo
Fairchild Semiconductor
H11F3SR2M FAIRCHILD-H11F3SR2M Datasheet
2Mb / 11P
   H11F1M, H11F2M, H11F3M Photo FET Optocouplers
logo
QT Optoelectronics
H11C1 QT-H11C1 Datasheet
415Kb / 5P
   photo scr optocouplers
logo
Fairchild Semiconductor
H11C1 FAIRCHILD-H11C1 Datasheet
589Kb / 11P
   PHOTO SCR OPTOCOUPLERS
logo
QT Optoelectronics
4N39 QT-4N39 Datasheet
420Kb / 5P
   PHOTO SCR OPTOCOUPLERS
logo
Fairchild Semiconductor
4N39 FAIRCHILD-4N39 Datasheet
171Kb / 8P
   PHOTO SCR OPTOCOUPLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com