Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMC-MDB207 Datasheet(PDF) 2 Page - Hittite Microwave Corporation

Part # HMC-MDB207
Description  GaAs MMIC I/Q MIXER 55 - 64 GHz
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC-MDB207 Datasheet(HTML) 2 Page - Hittite Microwave Corporation

  HMC-MDB207 Datasheet HTML 1Page - Hittite Microwave Corporation HMC-MDB207 Datasheet HTML 2Page - Hittite Microwave Corporation HMC-MDB207 Datasheet HTML 3Page - Hittite Microwave Corporation HMC-MDB207 Datasheet HTML 4Page - Hittite Microwave Corporation HMC-MDB207 Datasheet HTML 5Page - Hittite Microwave Corporation HMC-MDB207 Datasheet HTML 6Page - Hittite Microwave Corporation HMC-MDB207 Datasheet HTML 7Page - Hittite Microwave Corporation HMC-MDB207 Datasheet HTML 8Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
3
3 - 179
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
Upconverter Conversion Loss [2]
Downconverter Conversion Loss [1]
HMC-MDB207
v00.0907
GaAs MMIC I/Q MIXER
55 - 64 GHz
[1] IF = RF -LO. RF and LO Tracking, IF = 2 GHz
[2] RF = LO + IF. RF and LO Tracking. IF = 2 GHz
IF2
IF1
IF2
IF1
LO & RF Port Isolation [2]
Downconverter Amplitude Imbalance [1]


Similar Part No. - HMC-MDB207

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC-MDB207 HITTITE-HMC-MDB207 Datasheet
194Kb / 6P
   GaAs MMIC I/Q MIXER 55 - 64 GHz
HMC-MDB207 HITTITE-HMC-MDB207_09 Datasheet
194Kb / 6P
   GaAs MMIC I/Q MIXER 55 - 64 GHz
More results

Similar Description - HMC-MDB207

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC-MDB207 HITTITE-HMC-MDB207_09 Datasheet
194Kb / 6P
   GaAs MMIC I/Q MIXER 55 - 64 GHz
HMC1042LC4 HITTITE-HMC1042LC4 Datasheet
1Mb / 16P
   GaAs MMIC I/Q MIXER
HMC1041LC4 HITTITE-HMC1041LC4 Datasheet
1Mb / 16P
   GaAs MMIC I/Q MIXER
HMC520LC4 HITTITE-HMC520LC4 Datasheet
288Kb / 6P
   GaAs MMIC I/Q MIXER 6 - 10 GHz
HMC521 HITTITE-HMC521 Datasheet
310Kb / 6P
   GaAs MMIC I/Q MIXER 8.5 - 13.5 GHz
HMC521LC4 HITTITE-HMC521LC4 Datasheet
289Kb / 6P
   GaAs MMIC I/Q MIXER 8.5 - 13.5 GHz
HMC522 HITTITE-HMC522 Datasheet
307Kb / 6P
   GaAs MMIC I/Q MIXER 11 - 16 GHz
HMC555 HITTITE-HMC555 Datasheet
320Kb / 6P
   GaAs MMIC I/Q MIXER 31 - 38 GHz
HMC524 HITTITE-HMC524 Datasheet
305Kb / 6P
   GaAs MMIC I/Q MIXER 22 - 32 GHz
HMC525 HITTITE-HMC525 Datasheet
315Kb / 6P
   GaAs MMIC I/Q MIXER 4.0 - 8.5 GHz
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com