Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EDE5108AJSE-8E-E Datasheet(PDF) 9 Page - Elpida Memory

Part # EDE5108AJSE-8E-E
Description  512M bits DDR2 SDRAM
Download  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

EDE5108AJSE-8E-E Datasheet(HTML) 9 Page - Elpida Memory

Back Button EDE5108AJSE-8E-E Datasheet HTML 5Page - Elpida Memory EDE5108AJSE-8E-E Datasheet HTML 6Page - Elpida Memory EDE5108AJSE-8E-E Datasheet HTML 7Page - Elpida Memory EDE5108AJSE-8E-E Datasheet HTML 8Page - Elpida Memory EDE5108AJSE-8E-E Datasheet HTML 9Page - Elpida Memory EDE5108AJSE-8E-E Datasheet HTML 10Page - Elpida Memory EDE5108AJSE-8E-E Datasheet HTML 11Page - Elpida Memory EDE5108AJSE-8E-E Datasheet HTML 12Page - Elpida Memory EDE5108AJSE-8E-E Datasheet HTML 13Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 77 page
background image
EDE5104AJSE, EDE5108AJSE, EDE5116AJSE
Data Sheet E1043E40 (Ver. 4.0)
9
×4
×8
×16
Parameter
Symbol
Grade
max.
max.
max.
Unit
Test condition
Auto-refresh current
IDD5
-8E
-6E
105
100
105
100
105
100
mA
tCK = tCK (IDD);
Refresh command at every tRFC (IDD)
interval;
CKE is H, /CS is H between valid commands;
Other control and address bus inputs are
SWITCHING;
Data bus inputs are SWITCHING
Self-refresh current
IDD6*
7
6
6
6
mA
Self Refresh Mode;
CK and /CK at 0V; CKE
≤ 0.2V;
Other control and address bus inputs are
FLOATING; Data bus inputs are FLOATING
Operating current
(Bank interleaving)
IDD7
-8E
-6E
160
150
160
150
240
230
mA
all bank interleaving reads, IOUT = 0mA;
BL = 4, CL = CL(IDD),
AL = tRCD (IDD)
−1
× tCK (IDD);
tCK = tCK (IDD), tRC = tRC (IDD),
tRRD = tRRD(IDD), tRCD = 1
× tCK (IDD);
CKE is H, /CS is H between valid commands;
Address bus inputs are STABLE during
DESELECTs; Data pattern is same as IDD4W
Notes: 1. IDD specifications are tested after the device is properly initialized.
2. Input slew rate is specified by AC Input Test Condition.
3. IDD parameters are specified with ODT disabled.
4. Data bus consists of DQ, DM, DQS, /DQS, RDQS and /RDQS.
IDD values must be met with all
combinations of EMRS bits 10 and 11.
5. Definitions for IDD
L is defined as VIN
≤ VIL (AC) (max.)
H is defined as VIN
≥ VIH (AC) (min.)
STABLE is defined as inputs stable at an H or L level
FLOATING is defined as inputs at VREF = VDDQ/2
SWITCHING is defined as:
inputs changing between H and L every other clock cycle (once per two clocks) for address and control
signals, and inputs changing between H and L every other data transfer (once per clock) for DQ signals
not including masks or strobes.
6. Refer to AC Timing for IDD Test Conditions.
7. When TC
≥ +85°C, IDD6 must be derated by 80%.
IDD6 will increase by this amount if TC
≥ +85°C and double refresh option is still enabled.
AC Timing for IDD Test Conditions
For purposes of IDD testing, the following parameters are to be utilized.
DDR2-800
DDR2-667
Parameter
5-5-5
5-5-5
Unit
CL (IDD)
5
5
tCK
tRCD (IDD)
12.5
15
ns
tRC (IDD)
57.5
60
ns
tRRD (IDD)-
×4/×8
7.5
7.5
ns
tRRD (IDD)-
×16
10
10
ns
tCK (IDD)
2.5
3
ns
tRAS (min.)(IDD)
45
45
ns
tRAS (max.)(IDD)
70000
70000
ns
tRP (IDD)
12.5
15
ns
tRFC (IDD)
105
105
ns


Similar Part No. - EDE5108AJSE-8E-E

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EDE5108AJBG ELPIDA-EDE5108AJBG Datasheet
620Kb / 77P
   512M bits DDR2 SDRAM
EDE5108AJBG-1J ELPIDA-EDE5108AJBG-1J Datasheet
783Kb / 77P
   512M bits DDR2 SDRAM
EDE5108AJBG-1J-E ELPIDA-EDE5108AJBG-1J-E Datasheet
783Kb / 77P
   512M bits DDR2 SDRAM
EDE5108AJBG-6E-E ELPIDA-EDE5108AJBG-6E-E Datasheet
620Kb / 77P
   512M bits DDR2 SDRAM
EDE5108AJBG-6E-E ELPIDA-EDE5108AJBG-6E-E Datasheet
814Kb / 77P
   512M bits DDR2 SDRAM
More results

Similar Description - EDE5108AJSE-8E-E

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EDE5108AHBG ELPIDA-EDE5108AHBG Datasheet
788Kb / 75P
   512M bits DDR2 SDRAM
EDE5104AGSE ELPIDA-EDE5104AGSE_1 Datasheet
592Kb / 74P
   512M bits DDR2 SDRAM
EDE5108AJBG ELPIDA-EDE5108AJBG Datasheet
620Kb / 77P
   512M bits DDR2 SDRAM
EDE5108AESK ELPIDA-EDE5108AESK Datasheet
680Kb / 65P
   512M bits DDR2 SDRAM
EDE5104AHSE ELPIDA-EDE5104AHSE Datasheet
562Kb / 69P
   512M bits DDR2 SDRAM
EDE5104ABSE ELPIDA-EDE5104ABSE Datasheet
697Kb / 66P
   512M bits DDR2 SDRAM
EDE5108AHSE ELPIDA-EDE5108AHSE Datasheet
880Kb / 81P
   512M bits DDR2 SDRAM
EDE5104AJBG ELPIDA-EDE5104AJBG Datasheet
814Kb / 77P
   512M bits DDR2 SDRAM
EDE5132BABG ELPIDA-EDE5132BABG Datasheet
756Kb / 74P
   512M bits DDR2 SDRAM
EDE5132AABG ELPIDA-EDE5132AABG Datasheet
735Kb / 74P
   512M bits DDR2 SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com