Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

67-21UWC Datasheet(PDF) 2 Page - A-BRIGHT Inc

Part # 67-21UWC
Description  TOP View LEDs
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-BRIGHT [A-BRIGHT Inc]
Direct Link  http://www.a-bright.com.tw
Logo A-BRIGHT - A-BRIGHT Inc

67-21UWC Datasheet(HTML) 2 Page - A-BRIGHT Inc

  67-21UWC Datasheet HTML 1Page - A-BRIGHT Inc 67-21UWC Datasheet HTML 2Page - A-BRIGHT Inc 67-21UWC Datasheet HTML 3Page - A-BRIGHT Inc 67-21UWC Datasheet HTML 4Page - A-BRIGHT Inc 67-21UWC Datasheet HTML 5Page - A-BRIGHT Inc 67-21UWC Datasheet HTML 6Page - A-BRIGHT Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2009/2/20
A
A
A---B
B
BR
R
RIIIG
G
GH
H
HT
TT A-BRIGHT INDUSTRIAL CO., LTD.
SURFACE MOUNT CHIP LED LAMPS
Part Number: 67-21UWC
ELECTRO-OPTICAL CHARACTERISTICS (SDR)
(TA=25℃)
Value
Parameter
Test
Condition Symbol MIN. TYP. MAX.
Unit
Viewing angle at 50% IV
IF=10mA
2θ1/2
120
Deg
Forward voltage
IF=20mA
VF
3.2 3.5
V
Luminous intensity
IF=20mA
IV
290
mcd
X
0.31
Chromaticity
IF=20mA
Y
0.32
Peak pulsing current (1/10 duty f=1kHz)
IFP
100
mA
Absolute maximum ratings (SDR)
(TA=25℃)
Parameter
Symbol
Value
Unit
Forward current
IF
25
mA
Reverse voltage
VR
5
V
Reverse current
IR
50
μA
Electrostatic Discharge
ESD
150
V
Power Dissipation
PD
110
mW
Operating temperature range
Top
-40 ~+85
Storage temperature range
Tstg
-40 ~+100


Similar Part No. - 67-21UWC

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
67-21UWC EVERLIGHT-67-21UWC Datasheet
150Kb / 10P
   White Reverse Package Top View LEDs
logo
A-BRIGHT Inc
67-21UWC A-BRIGHT-67-21UWC Datasheet
270Kb / 6P
   TOP View LEDs
2009/2/20
logo
Everlight Electronics C...
67-21UWC/S400-XX/TR10 EVERLIGHT-67-21UWC/S400-XX/TR10 Datasheet
150Kb / 10P
   White Reverse Package Top View LEDs
67-21UWCS400-XXTR10 EVERLIGHT-67-21UWCS400-XXTR10 Datasheet
150Kb / 10P
   White Reverse Package Top View LEDs
logo
A-BRIGHT Inc
67-21UWC A-BRIGHT-67-21UWC_09 Datasheet
270Kb / 6P
   TOP View LEDs
2009/2/20
More results

Similar Description - 67-21UWC

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
67-21-YSC-FU1U2B-2T EVERLIGHT-67-21-YSC-FU1U2B-2T Datasheet
211Kb / 10P
   Top View LEDs
67-22-R6Y2C-B31-2T EVERLIGHT-67-22-R6Y2C-B31-2T Datasheet
296Kb / 12P
   Top View LEDs
logo
A-BRIGHT Inc
67-21UWC A-BRIGHT-67-21UWC Datasheet
270Kb / 6P
   TOP View LEDs
2009/2/20
67-21SURC A-BRIGHT-67-21SURC Datasheet
253Kb / 5P
   Top View LEDs
2009/2/20
logo
Everlight Electronics C...
67-21-YSC-FU1U2B-2T EVERLIGHT-67-21-YSC-FU1U2B-2T Datasheet
211Kb / 10P
   Top View LEDs
61-238-RSGBB7C-B02-ET EVERLIGHT-61-238-RSGBB7C-B02-ET Datasheet
337Kb / 14P
   Top View LEDs
67-21SUBC-S400-XX-TR8 EVERLIGHT-67-21SUBC-S400-XX-TR8 Datasheet
536Kb / 9P
   Top View LEDs
45-21UFC EVERLIGHT-45-21UFC Datasheet
253Kb / 14P
   Top View LEDs
67-21-G4C-BQ1T2N-2T EVERLIGHT-67-21-G4C-BQ1T2N-2T Datasheet
136Kb / 10P
   TOP View LEDs
67-21SUGC-S400-A4-TR8 EVERLIGHT-67-21SUGC-S400-A4-TR8 Datasheet
205Kb / 9P
   TOP View LEDs
67-21-T6C-MU2W1E-2T EVERLIGHT-67-21-T6C-MU2W1E-2T Datasheet
236Kb / 12P
   Top View LEDs
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com