Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BWL-3A4A01H Datasheet(PDF) 2 Page - BRIGHT LED ELECTRONICS CORP

Part # BWL-3A4A01H
Description  12VDC 4W AlInGaN White Low power consumption.
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BRIGHT [BRIGHT LED ELECTRONICS CORP]
Direct Link  http://www.brightled.co.kr
Logo BRIGHT - BRIGHT LED ELECTRONICS CORP

BWL-3A4A01H Datasheet(HTML) 2 Page - BRIGHT LED ELECTRONICS CORP

  BWL-3A4A01H Datasheet HTML 1Page - BRIGHT LED ELECTRONICS CORP BWL-3A4A01H Datasheet HTML 2Page - BRIGHT LED ELECTRONICS CORP BWL-3A4A01H Datasheet HTML 3Page - BRIGHT LED ELECTRONICS CORP BWL-3A4A01H Datasheet HTML 4Page - BRIGHT LED ELECTRONICS CORP BWL-3A4A01H Datasheet HTML 5Page - BRIGHT LED ELECTRONICS CORP  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
B
BR
RIIG
GH
HT
T L
LE
ED
D E
EL
LE
EC
CT
TR
RO
ON
NIIC
CS
S C
CO
OR
RP
P..
B
BW
WL
L--3
3A
A4
4A
A0
01
1H
H
Ver.1.0 Page: 2 of 5
SINCE 1981
● Absolute maximum ratings(Ta=25℃)
Parameter
Symbol
Rating
Unit
Power Dissipation
PD
4.0
W
DC Forward Current*1
IF
700
mA
Peak Pulsed Forward Current*2
IFP
2.5
A
LED Junction Temperature
Tj
130
Operating Temperature
Topr
-30~100
Storage Temperature
Tstg
-40~120
Reverse Voltage
VR
10
V
Soldering Temperature (T=5 sec)
Tsol
300 ± 5
*1Proper current derating must be followed to keep LED junction temperature (Tj) below the maximum.
*2Condition for IFP is pulsed with 1/10 duty and 0.1msec width.
● Electrical & Optical Characteristics LED (Ta=25℃)
Parameter
Symbol
Condition
Min.
Typ.
Max.
Unit
Forward Voltage
VF
IF = 700mA
-
12.0
12.5
V
Total Flux
Φv
IF = 700mA
100
120
-
lm
Color Temperature
CCT
IF = 700mA
5000
6500
8000
K
Reverse Current
IR
VR = 10V
-
-
100
µA
Thermal Resistance,
Junction To Case
J-C
TJ = 25℃,
IF = 350mA(each die)
-
4.5
-
/W
Viewing Angle
1/2
IF = 700mA
-
120
-
degree
x
IF = 700mA
-
0.32
-
Chromaticity
Coordinates
y
IF = 700mA
-
0.31
-


Similar Part No. - BWL-3A4A01H

ManufacturerPart #DatasheetDescription
logo
BRIGHT LED ELECTRONICS ...
BWL-3A4A01H-H1 BRIGHT-BWL-3A4A01H-H1 Datasheet
244Kb / 5P
   12VDC 4W AlInGaN White Low power consumption.
More results

Similar Description - BWL-3A4A01H

ManufacturerPart #DatasheetDescription
logo
BRIGHT LED ELECTRONICS ...
BWL-3A4A01H-H1 BRIGHT-BWL-3A4A01H-H1 Datasheet
244Kb / 5P
   12VDC 4W AlInGaN White Low power consumption.
BWL-2B1G01-H1 BRIGHT-BWL-2B1G01-H1 Datasheet
219Kb / 4P
   1W AlInGaN Green Low power consumption.
BWL-2B1B01-H1 BRIGHT-BWL-2B1B01-H1 Datasheet
773Kb / 4P
   1W AlInGaN Blue Low power consumption Efficient heat transfer.
logo
Elite Enterprises (H.K....
PG1C-4LXX-SD ELITE-PG1C-4LXX-SD Datasheet
853Kb / 19P
   4W White/ Warm White Power LED
PM2A-4LXX-SD ELITE-PM2A-4LXX-SD Datasheet
884Kb / 16P
   4W White/ Warm White Power LED
PM2L-4LXE-SD ELITE-PM2L-4LXE-SD Datasheet
1Mb / 16P
   4W White/ Warm White Power LED
PM2B-4LXE-SD ELITE-PM2B-4LXE-SD Datasheet
1Mb / 16P
   4W White/ Warm White Power LED
logo
SHANGHAI BELLING CO., L...
BL8070CA5TR BELLING-BL8070CA5TR Datasheet
447Kb / 6P
   Low Power Consumption
logo
Unisonic Technologies
LR9203XG-XX-AF5-R UTC-LR9203XG-XX-AF5-R Datasheet
236Kb / 9P
   LOW POWER CONSUMPTION
logo
SunLED Corporation
XDMYK14A2 SUNLED-XDMYK14A2 Datasheet
224Kb / 3P
   Low power consumption
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com