Electronic Components Datasheet Search |
|
TXS0101DCKTG4 Datasheet(PDF) 9 Page - Texas Instruments |
|
TXS0101DCKTG4 Datasheet(HTML) 9 Page - Texas Instruments |
9 / 18 page www.ti.com PARAMETER MEASUREMENT INFORMATION VOH VOL From Output Under Test LOAD CIRCUIT FOR ENABLE/DISABLE TIME MEASUREMENT S1 2 × VCCO Open 50 kW tPLH tPHL Output Control (low-level enabling) Output Waveform 1 S1 at 2 × VCCO (see Note B) Output Waveform 2 S1 at GND (see Note B) tPZL tPZH tPLZ tPHZ VCCA/2 VCCA/2 VCCI 0 V VCCO/2 VOH VOL 0 V 0.1 y VCCO VCCO/2 0.9 y VCCO VCCO/2 0 V VCCI 0 V VCCI/2 VCCI/2 tw Input VCCA VCCO VOLTAGE WAVEFORMS PROPAGATION DELAY TIMES VOLTAGE WAVEFORMS PULSE DURATION VOLTAGE WAVEFORMS ENABLE AND DISABLE TIMES Output Input tPZL/tPLZ tPHZ/tPZH 2 × VCCO Open TEST S1 A. CL includes probe and jig capacitance. B. Waveform 1 is for an output with internal conditions such that the output is low, except when disabled by the output control. Waveform 2 is for an output with internal conditions such that the output is high, except when disabled by the output control. C. All input pulses are supplied by generators having the following characteristics: PRRv10 MHz, ZO = 50 Ω, dv/dt ≥ 1 V/ns. D. The outputs are measured one at a time, with one transition per measurement. E. tPLZ and tPHZ are the same as tdis. F. tPZL and tPZH are the same as ten. G. tPLH and tPHL are the same as tpd. H. VCCI is the VCC associated with the input port. I. VCCO is the VCC associated with the output port. J. All parameters and waveforms are not applicable to all devices. 50 kW 1 MW 15 pF 15 pF DATA RATE, PULSE DURATION, PROPAGATION DELAY, OUTPUT RISE AND FALL TIME MEASUREMENT USING A PUSH-PULL DRIVER VCCO VCCI LVC4T65 IN OUT 1 MW 15 pF DATA RATE, PULSE DURATION, PROPAGATION DELAY, OUTPUT RISE AND FALL TIME MEASUREMENT USING AN OPEN-DRAIN DRIVER VCCO VCCI LVC4T65 IN OUT VCCO/2 VCCO/2 0.9 y VCCO VCCO/2 tr 0.1 y VCCO tf TXS0101 1-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR FOR OPEN-DRAIN APPLICATIONS SCES638 – OCTOBER 2007 Figure 2. Load Circuit and Voltage Waveforms Copyright © 2007, Texas Instruments Incorporated Submit Documentation Feedback 9 Product Folder Link(s): TXS0101 |
Similar Part No. - TXS0101DCKTG4 |
|
Similar Description - TXS0101DCKTG4 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |