Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VCA8500 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # VCA8500
Description  8-Channel, Ultra-Low Power Variable Gain Amplifier with Low-Noise Pre-Amp
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

VCA8500 Datasheet(HTML) 7 Page - Texas Instruments

Back Button VCA8500 Datasheet HTML 3Page - Texas Instruments VCA8500 Datasheet HTML 4Page - Texas Instruments VCA8500 Datasheet HTML 5Page - Texas Instruments VCA8500 Datasheet HTML 6Page - Texas Instruments VCA8500 Datasheet HTML 7Page - Texas Instruments VCA8500 Datasheet HTML 8Page - Texas Instruments VCA8500 Datasheet HTML 9Page - Texas Instruments VCA8500 Datasheet HTML 10Page - Texas Instruments VCA8500 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
www.ti.com
VCA8500
SBOS390 – JANUARY 2008
Table 1. TERMINAL FUNCTIONS (continued)
TERMINAL
PIN NO.
NAME
I/O
DESCRIPTION
21
OUT2
O
PGA output channel 2 (inverted)
22
OUT2
O
PGA output channel 2
23
OUT1
O
PGA output channel 1 (inverted)
24
OUT1
O
PGA output channel 1
25
OUT5
O
PGA output channel 5 (inverted)
26
OUT5
O
PGA output channel 5
27
OUT6
O
PGA output channel 6 (inverted)
28
OUT6
O
PGA output channel 6
29
OUT7
O
PGA output channel 7 (inverted)
30
OUT7
O
PGA output channel 7
31
OUT8
O
PGA output channel 8 (inverted)
32
OUT8
O
PGA output channel 8
33
AVDD1
+3.3V analog supply
34
VREFL
Clamp level low, 2.0V; bypass with 0.1
µF (min)
35
VREFH
Clamp level high, 2.7V; bypass with 0.1
µF (min)
36
VB4
Internal bias voltage; bypass with 0.1
µF (min)
37
VB6
Internal bias voltage; bypass with 0.1
µF (min)
38
VB2
Internal bias voltage; bypass with 0.1
µF (min)
39
AVDD2
+5V analog supply (VCA, CW)
40
IN8
I
LNA input channel 8
41
VBL8
Internal bias voltage; bypass with 0.1
µF (min)
42
IN7
I
LNA input channel 7
43
VBL7
Internal bias voltage; bypass with 0.1
µF (min)
44
IN6
I
LNA input channel 6
45
VBL6
Internal bias voltage; bypass with 0.1
µF (min)
46
AVDD1
+3.3V analog supply
47
IN5
I
LNA input channel 5
48
VBL5
Internal bias voltage; bypass with 0.1
µF (min)
49
PD
I
Power-down pin for fast mode; active high
50
CW0
O
CW channel 0 current output
51
CW1
O
CW channel 1 current output
52
CW2
O
CW channel 2 current output
53
CW3
O
CW channel 3 current output
54
CW4
O
CW channel 4 current output
55
D_IN
I
Serial data input
56
CLK
I
Clock input for serial interface
57
D_OUT
O
Serial data output
58
RST
I
Reset input; rising edge resets register to default values.
59
DVDD
+3.3V Digital supply; connect to analog supply plane (AVDD1)
60
CW5
CW channel 5 current output
61
CW6
CW channel 6 current output
62
CW7
CW channel 7 current output
63
CW8
CW channel 8 current output
64
CW9
CW channel 9 current output
PowerPAD must be connected to the analog ground of the printed circuit board; use this ground for
GND
bypass cap return ground.
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): VCA8500


Similar Part No. - VCA8500

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
VCA8500 TI-VCA8500 Datasheet
992Kb / 40P
[Old version datasheet]   8-Channel, Ultralow-Power, Variable Gain Amplifier with Low-Noise Pre-Amp
VCA8500IRGCR TI-VCA8500IRGCR Datasheet
992Kb / 40P
[Old version datasheet]   8-Channel, Ultralow-Power, Variable Gain Amplifier with Low-Noise Pre-Amp
VCA8500IRGCRG4 TI-VCA8500IRGCRG4 Datasheet
992Kb / 40P
[Old version datasheet]   8-Channel, Ultralow-Power, Variable Gain Amplifier with Low-Noise Pre-Amp
VCA8500IRGCT TI-VCA8500IRGCT Datasheet
992Kb / 40P
[Old version datasheet]   8-Channel, Ultralow-Power, Variable Gain Amplifier with Low-Noise Pre-Amp
VCA8500IRGCTG4 TI-VCA8500IRGCTG4 Datasheet
992Kb / 40P
[Old version datasheet]   8-Channel, Ultralow-Power, Variable Gain Amplifier with Low-Noise Pre-Amp
More results

Similar Description - VCA8500

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
VCA8500_0803 TI-VCA8500_0803 Datasheet
992Kb / 40P
[Old version datasheet]   8-Channel, Ultralow-Power, Variable Gain Amplifier with Low-Noise Pre-Amp
logo
DAICO Industries, Inc.
DAML6273 DAICO-DAML6273 Datasheet
176Kb / 1P
   Variable Gain Low Noise Amplifier
DAML6275 DAICO-DAML6275 Datasheet
157Kb / 1P
   Variable Gain Low Noise Amplifier
DAML6274 DAICO-DAML6274 Datasheet
156Kb / 1P
   Variable Gain Low Noise Amplifier
DAML6280 DAICO-DAML6280 Datasheet
183Kb / 1P
   Variable Gain Low Noise Amplifier
logo
Burr-Brown (TI)
VCA2612 BURR-BROWN-VCA2612 Datasheet
270Kb / 19P
   TMDual, VARIABLE GAIN AMPLIFIER with Low Noise Preamp
logo
TEXAS ADVANCED OPTOELEC...
VCA2616 TAOS-VCA2616 Datasheet
1Mb / 23P
   Dual, Variable-Gain Amplifier with Low-Noise Preamp
logo
Texas Instruments
VCA2613 TI1-VCA2613 Datasheet
775Kb / 20P
[Old version datasheet]   Dual, VARIABLE GAIN AMPLIFIER with Low-Noise Preamp
logo
Burr-Brown (TI)
VCA2611 BURR-BROWN-VCA2611 Datasheet
389Kb / 19P
   Dual, Variable-Gain Amplifier with Low-Noise Preamp
logo
Texas Instruments
VCA2612 TI1-VCA2612_14 Datasheet
1Mb / 25P
[Old version datasheet]   Dual, VARIABLE GAIN AMPLIFIER with Low Noise Preamp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com