Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TDC1016J7AX Datasheet(PDF) 11 Page - Fairchild Semiconductor

Part # TDC1016J7AX
Description  Video Speed D/A Converter 10-Bit, 20 Msps
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

TDC1016J7AX Datasheet(HTML) 11 Page - Fairchild Semiconductor

Back Button TDC1016J7AX Datasheet HTML 4Page - Fairchild Semiconductor TDC1016J7AX Datasheet HTML 5Page - Fairchild Semiconductor TDC1016J7AX Datasheet HTML 6Page - Fairchild Semiconductor TDC1016J7AX Datasheet HTML 7Page - Fairchild Semiconductor TDC1016J7AX Datasheet HTML 8Page - Fairchild Semiconductor TDC1016J7AX Datasheet HTML 9Page - Fairchild Semiconductor TDC1016J7AX Datasheet HTML 10Page - Fairchild Semiconductor TDC1016J7AX Datasheet HTML 11Page - Fairchild Semiconductor TDC1016J7AX Datasheet HTML 12Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
PRODUCT SPECIFICATION
TDC1016
11
Mechanical Dimensions (continued)
24 Lead Sidebrazed Ceramic DIP
D
b2
e
b1
E
Q
A
L
S1
eA
S2
c1
Note 1
12
13
24
1
A
.120
.175
3.05
4.44
Symbol
Inches
Min.
Max.
Min.
Max.
Millimeters
Notes
b1
.014
.023
.360
.580
.015
.380
c1
.008
.200
D
1.180
1.220
29.97
30.99
e
.025
.060
.630
1.52
.005
.13
L
S2
.005
.13
.040
.065
1.02
1.65
eA
S1
.100 BSC
2.54 BSC
.600 BSC
15.24 BSC
b2
.125
.200
3.18
5.08
Q
E
.575
.610
14.60
15.49
7
7
2
4, 8
7
3
5
Notes:
1. Index area: a notch or a pin one identification mark shall be located
adjacent to pin one. The manufacturer's identification shall not be
used as pin one identification mark.
2. The minimum limit for dimension "b2" may be .023(.58mm) for leads
number 1, 12, 13, and 24 only.
3. Dimension "Q" shall be measured from the seating plane to the base
plane.
4. The basic pin spacing is .100 (2.54mm) between centerlines. Each
pin centerline shall be located within
±.010 (.25mm) of its exact
longitudinal position relative to pins 1 and 24.
5. Applies to all four corners (leads number 1, 12, 13, and 24).
6. "eA" shall be measured at the centerline of the leads.
7. All leads – Increase maximum limit by .003(.08mm) measured at the
center of the flat when lead finish is applied.
8. Twenty-two spaces.


Similar Part No. - TDC1016J7AX

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TDC1011 TI-TDC1011 Datasheet
2Mb / 49P
[Old version datasheet]   TDC1011 Single Channel Ultrasonic Sensing Analog Front End (AFE) for Level Sensing,Concentration Sensing Applications
TDC1011-Q1 TI-TDC1011-Q1 Datasheet
2Mb / 49P
[Old version datasheet]   TDC1011-Q1 Single Channel Ultrasonic Sensing Analog Front End (AFE) for Level Sensing, Concentration Sensing Applications
TDC1011-Q1 TI-TDC1011-Q1 Datasheet
2Mb / 49P
[Old version datasheet]   TDC1011 Single Channel Ultrasonic Sensing Analog Front End (AFE) for Level Sensing,Concentration Sensing Applications
TDC1011-Q1 TI-TDC1011-Q1_15 Datasheet
2Mb / 49P
[Old version datasheet]   TDC1011-Q1 Single Channel Ultrasonic Sensing Analog Front End (AFE) for Level Sensing, Concentration Sensing Applications
TDC1011PW TI-TDC1011PW Datasheet
2Mb / 49P
[Old version datasheet]   TDC1011 Single Channel Ultrasonic Sensing Analog Front End (AFE) for Level Sensing,Concentration Sensing Applications
More results

Similar Description - TDC1016J7AX

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HI5710A INTERSIL-HI5710A Datasheet
154Kb / 20P
   10-Bit, 20 MSPS A/D Converter
August 1997
HI5710A INTERSIL-HI5710A_00 Datasheet
833Kb / 21P
   10-Bit, 20 MSPS A/D Converter
HI1172 INTERSIL-HI1172 Datasheet
60Kb / 7P
   6-Bit, 20 MSPS,Video A/D Converter (CMOS)
August 1997
logo
ELAN Microelectronics C...
EM19100 EMC-EM19100 Datasheet
104Kb / 6P
   8-BIT 20 MSPS VIDEO A/D CONVERTER (CMOS)
logo
Cadeka Microcircuits LL...
TMC3003 CADEKA-TMC3003 Datasheet
200Kb / 12P
   Triple Video D/A Converter 10 bit, 80 Msps
TMC3033 CADEKA-TMC3033 Datasheet
216Kb / 12P
   Triple Video D/A Converter 10 bit, 80 Msps
logo
Analog Devices
AD773A AD-AD773A_15 Datasheet
4Mb / 14P
   10 BIT 20 MSPS MONOLITHIC A/D CONVERTER
REV. 0
logo
Fairchild Semiconductor
TMC3033 FAIRCHILD-TMC3033 Datasheet
119Kb / 12P
   Triple Video D/A Converter 10 bit, 80 Msps
logo
Analog Devices
AD773A AD-AD773A Datasheet
223Kb / 16P
   10-Bit, 20 MSPS Monolithic A/D Converter
REV. 0
logo
Intersil Corporation
HI5735 INTERSIL-HI5735 Datasheet
136Kb / 12P
   12-Bit, 80 MSPS, High Speed Video D/A Converter
January 1998
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com