Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TDC1016J5CX Datasheet(PDF) 9 Page - Fairchild Semiconductor

Part # TDC1016J5CX
Description  Video Speed D/A Converter 10-Bit, 20 Msps
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

TDC1016J5CX Datasheet(HTML) 9 Page - Fairchild Semiconductor

Back Button TDC1016J5CX Datasheet HTML 4Page - Fairchild Semiconductor TDC1016J5CX Datasheet HTML 5Page - Fairchild Semiconductor TDC1016J5CX Datasheet HTML 6Page - Fairchild Semiconductor TDC1016J5CX Datasheet HTML 7Page - Fairchild Semiconductor TDC1016J5CX Datasheet HTML 8Page - Fairchild Semiconductor TDC1016J5CX Datasheet HTML 9Page - Fairchild Semiconductor TDC1016J5CX Datasheet HTML 10Page - Fairchild Semiconductor TDC1016J5CX Datasheet HTML 11Page - Fairchild Semiconductor TDC1016J5CX Datasheet HTML 12Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
PRODUCT SPECIFICATION
TDC1016
9
Figure 5. Typical Interface Circuit
Table 1. Bill of Materials
Resistors
Capacitors
Diodes
R1
5K
1/4W
10-turn
C1
0.01
mF
50V
CR1
1N4001
R2
1K
1/4W
10-tum
C2
1.0
mF
10V
R3
1K
1/4W
5%
C3
1.0
mF
10V
Transistors
R4
43
1/4W
5%
C4
2.2
mF
25V
Q1
2N2907
R5
33
1/4W
5%
C5
0.1
mF
50V
Q2
2N2907
R6
330
1/4W
5%
C6
2–5pF
50V
Q3
2N2907
R7
750
1/4W
5%
C7
0.1
mF
50V
Q4
2N6660
R8, R9
10
1/4W
5%
C8
0.1
mF
50V
Q5
2N6660
R10
75
1/4W
2%
C9
0.1
mF
50V
R11, R12
10K
1/4W
5%
C10
0.1
mF
50V
Integrated Circuits
R13
220
1/4W
5%
U1
TDC1016
R14, R15
100
1/4W
5%
RF Chokes
U2
LM113
R16, R22
390
1/4W
5%
L1, L2
Ferrite Beads
U3
HA2539
R17, R18
2K
1/4W
10-turn
U4
SN7404
R19
1K
1/4W
5%
R20, R21
1K
1/4W
5%
D1 MSB
16
12
9
10
D2
19
D3
23
D4
25
D5
27
D6
29
D7
31
D8
33
D9
35
D10 LSB
37
CLK
CLOCK
TTL DATA
INPUTS
VCC
+5V
DGND
AOUT
VCC COMP VREF AGND
U1
TDC1016
+12V
C1
C5
-5V
+5V
R13
R10
COMPOSITE
VIDEO
OUT
BLANKING
R6
L2
R7
R3
2
3
4
5,6,8
R1 GAIN
R2
OFFSET
R11
R12
R12
R4
7
Q1
Q2
Q3
C2
C3
U2
++
C8
3
C10
L1
R9
-12V
8
10
U3
+
1
14
C7
C9
R8
+12V
+5V
R21
CR1
Q5
Q4
C6
U4
SYNC
R20
U4
R14
C4
+
R4
R17
R16
R15
R22
R18
65-1016-05


Similar Part No. - TDC1016J5CX

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TDC1011 TI-TDC1011 Datasheet
2Mb / 49P
[Old version datasheet]   TDC1011 Single Channel Ultrasonic Sensing Analog Front End (AFE) for Level Sensing,Concentration Sensing Applications
TDC1011-Q1 TI-TDC1011-Q1 Datasheet
2Mb / 49P
[Old version datasheet]   TDC1011-Q1 Single Channel Ultrasonic Sensing Analog Front End (AFE) for Level Sensing, Concentration Sensing Applications
TDC1011-Q1 TI-TDC1011-Q1 Datasheet
2Mb / 49P
[Old version datasheet]   TDC1011 Single Channel Ultrasonic Sensing Analog Front End (AFE) for Level Sensing,Concentration Sensing Applications
TDC1011-Q1 TI-TDC1011-Q1_15 Datasheet
2Mb / 49P
[Old version datasheet]   TDC1011-Q1 Single Channel Ultrasonic Sensing Analog Front End (AFE) for Level Sensing, Concentration Sensing Applications
TDC1011PW TI-TDC1011PW Datasheet
2Mb / 49P
[Old version datasheet]   TDC1011 Single Channel Ultrasonic Sensing Analog Front End (AFE) for Level Sensing,Concentration Sensing Applications
More results

Similar Description - TDC1016J5CX

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HI5710A INTERSIL-HI5710A Datasheet
154Kb / 20P
   10-Bit, 20 MSPS A/D Converter
August 1997
HI5710A INTERSIL-HI5710A_00 Datasheet
833Kb / 21P
   10-Bit, 20 MSPS A/D Converter
HI1172 INTERSIL-HI1172 Datasheet
60Kb / 7P
   6-Bit, 20 MSPS,Video A/D Converter (CMOS)
August 1997
logo
ELAN Microelectronics C...
EM19100 EMC-EM19100 Datasheet
104Kb / 6P
   8-BIT 20 MSPS VIDEO A/D CONVERTER (CMOS)
logo
Cadeka Microcircuits LL...
TMC3003 CADEKA-TMC3003 Datasheet
200Kb / 12P
   Triple Video D/A Converter 10 bit, 80 Msps
TMC3033 CADEKA-TMC3033 Datasheet
216Kb / 12P
   Triple Video D/A Converter 10 bit, 80 Msps
logo
Analog Devices
AD773A AD-AD773A_15 Datasheet
4Mb / 14P
   10 BIT 20 MSPS MONOLITHIC A/D CONVERTER
REV. 0
logo
Fairchild Semiconductor
TMC3033 FAIRCHILD-TMC3033 Datasheet
119Kb / 12P
   Triple Video D/A Converter 10 bit, 80 Msps
logo
Analog Devices
AD773A AD-AD773A Datasheet
223Kb / 16P
   10-Bit, 20 MSPS Monolithic A/D Converter
REV. 0
logo
Intersil Corporation
HI5735 INTERSIL-HI5735 Datasheet
136Kb / 12P
   12-Bit, 80 MSPS, High Speed Video D/A Converter
January 1998
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com