Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STPS3150U Datasheet(PDF) 3 Page - STMicroelectronics

Part # STPS3150U
Description  Power Schottky rectifier
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS3150U Datasheet(HTML) 3 Page - STMicroelectronics

  STPS3150U Datasheet HTML 1Page - STMicroelectronics STPS3150U Datasheet HTML 2Page - STMicroelectronics STPS3150U Datasheet HTML 3Page - STMicroelectronics STPS3150U Datasheet HTML 4Page - STMicroelectronics STPS3150U Datasheet HTML 5Page - STMicroelectronics STPS3150U Datasheet HTML 6Page - STMicroelectronics STPS3150U Datasheet HTML 7Page - STMicroelectronics STPS3150U Datasheet HTML 8Page - STMicroelectronics STPS3150U Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
STPS3150
Characteristics
3/10
Figure 3.
Average forward current versus
ambient temperature (
δ = 0.5)
(SMB flat)
Figure 4.
Non repetitive surge peak forward
current versus overload duration
(maximum values) (SMB)
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
0
25
50
75
100
125
150
175
SMB flat
T
(°C)
amb
R=R
th(j-a)
th(j-l)
T
δ=tp/T
tp
R
=40°C/W
. S
=2.5 cm
th(j-a)
CU
2
I
(A)
F(AV)
I (A)
M
0
1
2
3
4
5
6
7
8
9
10
11
12
1.E-03
1.E-02
1.E-01
1.E+00
IM
t
δ=0.5
t(s)
T =25°C
a
T =75°C
a
T =125°C
a
SMB
Figure 5.
Non repetitive surge peak forward
current versus overload duration
(maximum values) (DO-201AD)
Figure 6.
Non repetitive surge peak forward
current versus overload duration
(maximum values)
I (A)
M
0
2
4
6
8
10
12
14
1.E-03
1.E-02
1.E-01
1.E+00
IM
t
δ=0.5
t(s)
T =25°C
a
T =75°C
a
T =125°C
a
DO-201AD
0
5
10
15
20
25
30
35
40
45
50
1.E-03
1.E-02
1.E-01
1.E+00
SMB flat
T =25°C
L
T =75°C
L
T =125°C
L
I (A)
M
IM
t
δ=0.5
t(s)
Figure 7.
Normalized avalanche power
derating versus pulse duration
Figure 8.
Normalized avalanche power
derating versus junction
temperature
0.001
0.01
0.1
0.01
1
0.1
10
100
1000
1
t (µs)
p
P(t )
P
(1µs)
ARM p
ARM
0
0.2
0.4
0.6
0.8
1
1.2
25
50
75
100
125
150
T (°C)
j
P(t )
P
(25°C)
ARM p
ARM


Similar Part No. - STPS3150U

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS3150U STMICROELECTRONICS-STPS3150U Datasheet
60Kb / 5P
   POWER SCHOTTKY RECTIFIER
STPS3150U STMICROELECTRONICS-STPS3150U Datasheet
60Kb / 5P
   POWER SCHOTTKY RECTIFIER
April 2003 - Ed: 1A
STPS3150UY STMICROELECTRONICS-STPS3150UY Datasheet
95Kb / 7P
   Automotive power Schottky rectifier
More results

Similar Description - STPS3150U

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS1645D STMICROELECTRONICS-STPS1645D Datasheet
47Kb / 4P
   POWER SCHOTTKY RECTIFIER
STPS1545CFP STMICROELECTRONICS-STPS1545CFP Datasheet
136Kb / 8P
   POWER SCHOTTKY RECTIFIER
logo
IXYS Corporation
DSS2X41-01A IXYS-DSS2X41-01A Datasheet
47Kb / 2P
   Power Schottky Rectifier
DSS2X61-0045A IXYS-DSS2X61-0045A Datasheet
38Kb / 2P
   Power Schottky Rectifier
DSS2X101-02A IXYS-DSS2X101-02A Datasheet
48Kb / 2P
   Power Schottky Rectifier
logo
STMicroelectronics
STPS10L60C STMICROELECTRONICS-STPS10L60C Datasheet
122Kb / 8P
   Power Schottky rectifier
STPS3045CT STMICROELECTRONICS-STPS3045CT_03 Datasheet
196Kb / 9P
   POWER SCHOTTKY RECTIFIER
STPS6045CP STMICROELECTRONICS-STPS6045CP_03 Datasheet
118Kb / 5P
   POWER SCHOTTKY RECTIFIER
STPS30120C STMICROELECTRONICS-STPS30120C Datasheet
117Kb / 8P
   Power Schottky rectifier
STPS30M60S STMICROELECTRONICS-STPS30M60S Datasheet
178Kb / 9P
   Power Schottky rectifier
STPS2H100 STMICROELECTRONICS-STPS2H100_10 Datasheet
129Kb / 10P
   Power Schottky rectifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com