Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PEC12-4125F-S0024 Datasheet(PDF) 2 Page - Bourns Electronic Solutions

Part # PEC12-4125F-S0024
Description  12 mm Incremental Encoder
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

PEC12-4125F-S0024 Datasheet(HTML) 2 Page - Bourns Electronic Solutions

  PEC12-4125F-S0024 Datasheet HTML 1Page - Bourns Electronic Solutions PEC12-4125F-S0024 Datasheet HTML 2Page - Bourns Electronic Solutions PEC12-4125F-S0024 Datasheet HTML 3Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
PEC12 - 12 mm Incremental Encoder
Product Dimensions
SWITCH
TRAVEL
PEC12-2xxxF-Sxxxx
PEC12-4xxxF-Sxxxx
3.5
(.138)
7.5
(.295)
10.2
(.402)
12.4
(.488)
L
F
DIA. 5 PLCS.
2.5
(.098)
3.5
(.138)
2.1 +0.2/-0
(.083 +.008/-0)
2 PLCS.
2.1 +0.2/-0
(.083 +.008/-0)
2 PLCS.
1.0 +0.2/-0
(.039 +.008/-0)
0.9
(.035)
5.0
(.197)
1.9
(.075)
1.9
(.075)
F
0.5
(.020)
3.5
(.138)
0.5 x 0.5
(.020 x .020)
5.0
(.197)
6.0
(.236)
L
5.0
(.197)
6.0
(.236)
5.0
(.197)
10.2
(.402)
13.2
(.520)
3.5
(.138)
4.5
(.177)
6.0 +0/-0.1
(.236 +0/-.004)
DIA.
10.8
(.425)
10.0
(.394)
7.5
(.295)
7.0
(.276)
6.8
(.268)
DIA.
6.8
(.268)
DIA.
0.9
(.035)
14.0
(.551)
12.4
(.488)
5.0
(.197)
5.0
(.197)
C0.5
0.5
(.020)
4.5
(.177)
6.0 +0/-0.1
(.236 +0/-.004)
A
C
B
A
C
B
7.5
(.295)
DIA. 5 PLCS.
1.0 +0.2/-0
(.039 +.008/-0)
2.1 +0.2/-0
(.083 +.008/-0)
2 PLCS.
13.2
(.520)
2.0 +0.2/-0
(.079 +.008/-0)
2 PLCS.
5.0
(.197)
A
C
B
A
C
B
7.0
(.276)
C
B
A CHANNEL A
COMMON
CHANNEL B
C
B
A CHANNEL A
COMMON
CHANNEL B
L
F
17.5
(.688)
5.0
(.197)
20.0
(.787)
7.0
(.276)
25.0
(.984)
12.0
(.472)
30.0
(1.181)
12.0
(.472)
DIMENSIONS:
MM
(INCHES)


Similar Part No. - PEC12-4125F-S0024

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
PEC1205S1Q LEIDITECH-PEC1205S1Q Datasheet
2Mb / 4P
   1-Line Ultra Low Capacitance Bi-directional TVS Diode
Rev 2.0 : 12.01.2019
logo
Pan Jit International I...
PEC1205S1Q PANJIT-PEC1205S1Q Datasheet
175Kb / 5P
   ULTRA LOW CAPACITANCE ESD PROTECTION
July 7,2017-REV.00
PEC1205S1Q_R1_00001 PANJIT-PEC1205S1Q_R1_00001 Datasheet
175Kb / 5P
   ULTRA LOW CAPACITANCE ESD PROTECTION
July 7,2017-REV.00
logo
Bourns Electronic Solut...
PEC12R BOURNS-PEC12R Datasheet
371Kb / 4P
   12 mm Incremental Encoder
PEC12R-2015F-N0012 BOURNS-PEC12R-2015F-N0012 Datasheet
371Kb / 4P
   12 mm Incremental Encoder
More results

Similar Description - PEC12-4125F-S0024

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
PEC11R BOURNS-PEC11R Datasheet
311Kb / 3P
   12 mm Incremental Encoder
PEC11R BOURNS-PEC11R_16 Datasheet
306Kb / 3P
   12 mm Incremental Encoder
PEC12R BOURNS-PEC12R_16 Datasheet
352Kb / 4P
   12 mm Incremental Encoder
PEC12R BOURNS-PEC12R Datasheet
371Kb / 4P
   12 mm Incremental Encoder
PEC11 BOURNS-PEC11 Datasheet
513Kb / 3P
   12 mm Incremental Encoder
PEC11S-9220F-S0015 BOURNS-PEC11S-9220F-S0015 Datasheet
378Kb / 3P
   12 mm SMD Incremental Encoder
PEC11-4115F-N0018 BOURNS-PEC11-4115F-N0018 Datasheet
250Kb / 3P
   PEC11 Series - 12 mm Incremental Encoder
PEC11S BOURNS-PEC11S Datasheet
378Kb / 3P
   PEC11S Series - 12 mm SMD Incremental Encoder
PEC16-4020F-S0012 BOURNS-PEC16-4020F-S0012_15 Datasheet
368Kb / 3P
   16 mm Incremental Encoder
PEC09-2020F-S0012 BOURNS-PEC09-2020F-S0012 Datasheet
331Kb / 3P
   9 mm Incremental Encoder
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com