Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PEC16-2020F-S0024 Datasheet(PDF) 2 Page - Bourns Electronic Solutions

Part # PEC16-2020F-S0024
Description  16 mm Incremental Encoder
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

PEC16-2020F-S0024 Datasheet(HTML) 2 Page - Bourns Electronic Solutions

  PEC16-2020F-S0024 Datasheet HTML 1Page - Bourns Electronic Solutions PEC16-2020F-S0024 Datasheet HTML 2Page - Bourns Electronic Solutions PEC16-2020F-S0024 Datasheet HTML 3Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
PEC16 - 16 mm Incremental Encoder
Product Dimensions
8.0
(.315)
7.5
(.295)
3.5 ± 0.5
(.138 ± .020)
3.1
(.122)
2.6
(.102)
13.5
(.531)
16.1
(.634)
16.0
(.630)
LB
F
L1
4.0
(.157)
5.0
(.197)
5.0
(.197)
1.0
(.004)
0.5 +0.1/-0.3
(.020 +.004/-.012)
1.5
(.059)
2.0
(.079)
2.0
(.079)
3.1
(.122)
M9X0.75
(M9X.030)
SWITCH
TRAVEL
8.3
(.327)
9.3
(.366) 12.5
(.492)
9.0
(.354)
3.0 +0/-0.1
(118 ± .004)
DIA.
1.2 +0.1/-0
(.047 +.004/-0)
DIA. 5 PLCS.
14.4
(.567)
10.0
(.394)
5.0
(.197)
MOUNTING
SURFACE
2.1 +0.1/-0
(.083 +.004/-0)
2.0
(.079)
12.5
(.492)
4.5 +0/-0.05
(.177 +0/-0.02)
3.5 ± 0.5
(.138 ± .020)
6 - D +0/-0.05
(6 - D +0/-.002)
DIA.
6.0
(.236)
DIA.
PEC16-2xxxF-Sxxxx
7.5
(.295)
A
B
C
C
B
A CHANNEL A
COMMON
CHANNEL B
A
B
C
3.5 ± 0.5
(.138 ± .020)
8.0
(.315)
5.0
(.197)
16.8
(.661)
2.0
(.079)
3.5 ± 0.5
(.138 ± .020)
10.0
(.394)
16.0
(.630)
LB
F
L1
4.0
(.157)
0.5 +0.1/-0.3
(.020 +.004/-.012)
1.5
(.059)
2.0
(.079)
M9X0.75
(M9X.030)
SWITCH
TRAVEL
8.3
(.327)
9.3
(.366)
12.5
(.492)
7.0
(.276)
9.0
(.354)
3.0 +0/-0.1
(118 ± .004)
DIA.
1.2 +0.1/-0
(.047 +.004/-0)
DIA. 5 PLCS.
10.5
(.413)
17.7
(.697)
2.1 +0.1/-0
(.083 +.004/-0)
2.0
(.079)
4.5
(.177)
4.5 +0/-0.05
(.177 +0/-0.02)
6 - D +0/-0.05
(6 - D +0/-.002)
DIA.
6.0
(.236)
DIA.
5.0
(.197)
5.0
(.197)
PEC16-4xxxF-Sxxxx
A
B
C
C
B
A CHANNEL A
COMMON
CHANNEL B
A
B
C
L1
LB
15.0
(.591)
5.0
(.197)
20.0
(.787)
7.0
(.276)
F
7.0
(.276)
12.0
(.472)
DIMENSIONS:
MM
(INCHES)


Similar Part No. - PEC16-2020F-S0024

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
PEC16-2020F-S0024 BOURNS-PEC16-2020F-S0024 Datasheet
359Kb / 3P
   16 mm Incremental Encoder
More results

Similar Description - PEC16-2020F-S0024

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
PEC16-4020F-S0012 BOURNS-PEC16-4020F-S0012_15 Datasheet
368Kb / 3P
   16 mm Incremental Encoder
PEC16 BOURNS-PEC16_13 Datasheet
359Kb / 3P
   16 mm Incremental Encoder
PEC11R BOURNS-PEC11R Datasheet
311Kb / 3P
   12 mm Incremental Encoder
PEC11R BOURNS-PEC11R_16 Datasheet
306Kb / 3P
   12 mm Incremental Encoder
PEC12R BOURNS-PEC12R_16 Datasheet
352Kb / 4P
   12 mm Incremental Encoder
PEC09-2020F-S0012 BOURNS-PEC09-2020F-S0012 Datasheet
331Kb / 3P
   9 mm Incremental Encoder
PEC12R BOURNS-PEC12R Datasheet
371Kb / 4P
   12 mm Incremental Encoder
PEC12 BOURNS-PEC12 Datasheet
263Kb / 3P
   12 mm Incremental Encoder
PEC11 BOURNS-PEC11 Datasheet
513Kb / 3P
   12 mm Incremental Encoder
PEC11S-9220F-S0015 BOURNS-PEC11S-9220F-S0015 Datasheet
378Kb / 3P
   12 mm SMD Incremental Encoder
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com