Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN75HVD3082ED Datasheet(PDF) 9 Page - Texas Instruments

Part # SN75HVD3082ED
Description  LOW-POWER RS-485 TRANSCEIVER
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN75HVD3082ED Datasheet(HTML) 9 Page - Texas Instruments

Back Button SN75HVD3082ED Datasheet HTML 5Page - Texas Instruments SN75HVD3082ED Datasheet HTML 6Page - Texas Instruments SN75HVD3082ED Datasheet HTML 7Page - Texas Instruments SN75HVD3082ED Datasheet HTML 8Page - Texas Instruments SN75HVD3082ED Datasheet HTML 9Page - Texas Instruments SN75HVD3082ED Datasheet HTML 10Page - Texas Instruments SN75HVD3082ED Datasheet HTML 11Page - Texas Instruments SN75HVD3082ED Datasheet HTML 12Page - Texas Instruments SN75HVD3082ED Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
SN65HVD3082E,SN75HVD3082E
SN65HVD3085E,SN65HVD3088E
SLLS562D − MARCH 2003 − REVISED SEPTEMBER 2005
www.ti.com
9
Pulse Generator,
15
µs Duration,
1% Duty Cycle
100
VTEST
0 V
15
µs
1.5 ms
−VTEST
Figure 13. Test Circuit and Waveforms, Transient Over-Voltage Test
DEVICE INFORMATION
PIN ASSIGNMENTS
1
2
3
4
8
7
6
5
R
RE
DE
D
VCC
B
A
GND
D, P OR DGK PACKAGE
(TOP VIEW)
LOGIC DIAGRAM (POSITIVE LOGIC)
2
4
3
1
DE
D
RE
R
A
B
7
6
FUNCTION TABLE
DRIVER
RECEIVER
INPUT
ENABLE
OUTPUTS
DIFFERENTIAL INPUTS
ENABLE
OUTPUT
INPUT
D
ENABLE
DE
A
B
DIFFERENTIAL INPUTS
VID = VA – VB
ENABLE
RE
OUTPUT
R
H
H
H
L
VID ≤ −0.2 V
L
L
L
H
L
H
−0.2 V < VID < −0.01 V
L
?
X
L
Z
Z
−0.01 V
≤ VID
L
H
Open
H
H
L
X
H
Z
X
Open
Z
Z
Open circuit
L
H
Short circuit
L
H
X
Open
Z
NOTE: H= high level; L = low level; Z = high impedance; X = irrelevant; ? = indeterminate


Similar Part No. - SN75HVD3082ED

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75HVD3082ED TI-SN75HVD3082ED Datasheet
370Kb / 21P
[Old version datasheet]   LOW-POWER RS-485 TRANSCEIVER
SN75HVD3082ED TI-SN75HVD3082ED Datasheet
692Kb / 24P
[Old version datasheet]   Low-Power RS-485 Transceivers, Available in a Small MSOP-8 Package
SN75HVD3082ED TI1-SN75HVD3082ED Datasheet
892Kb / 26P
[Old version datasheet]   Low-Power RS-485 Transceivers, Available in a Small MSOP-8Package
SN75HVD3082ED TI1-SN75HVD3082ED Datasheet
1Mb / 36P
[Old version datasheet]   Low-Power RS-485 Transceivers, Available in a Small MSOP-8 Package
SN75HVD3082EDG4 TI-SN75HVD3082EDG4 Datasheet
692Kb / 24P
[Old version datasheet]   Low-Power RS-485 Transceivers, Available in a Small MSOP-8 Package
More results

Similar Description - SN75HVD3082ED

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD3082E TI-SN65HVD3082E Datasheet
370Kb / 21P
[Old version datasheet]   LOW-POWER RS-485 TRANSCEIVER
logo
STMicroelectronics
ST485 STMICROELECTRONICS-ST485 Datasheet
545Kb / 19P
   Low power RS-485/RS-422 transceiver
ST485B STMICROELECTRONICS-ST485B Datasheet
730Kb / 19P
   Low power RS-485/RS-422 transceiver
ST75C176 STMICROELECTRONICS-ST75C176_06 Datasheet
260Kb / 18P
   LOW POWER RS-485/RS-422 TRANSCEIVER
ST75C176B STMICROELECTRONICS-ST75C176B Datasheet
326Kb / 17P
   Low power RS-485/RS-422 transceiver
November 2007 Rev 4
ST75C176 STMICROELECTRONICS-ST75C176 Datasheet
301Kb / 13P
   LOW POWER RS-485/RS-422 TRANSCEIVER
June 2003
ST485_068 STMICROELECTRONICS-ST485_068 Datasheet
306Kb / 19P
   Low power RS-485/RS-422 transceiver
logo
Texas Instruments
DS485 TI1-DS485_15 Datasheet
886Kb / 16P
[Old version datasheet]   Low Power RS-485/RS-422 Multipoint Transceiver
logo
National Semiconductor ...
DS485 NSC-DS485 Datasheet
140Kb / 10P
   Low Power RS-485/RS-422 Multipoint Transceiver
logo
Analog Devices
ADM1487 AD-ADM1487_15 Datasheet
384Kb / 8P
   Ultra-Low Power RS-485/RS-422 Transceiver
REV. PrC 08/02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com