Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STHS2375AM6F Datasheet(PDF) 5 Page - STMicroelectronics

Part # STHS2375AM6F
Description  IEEE 802.3af PoE Powered Device (PD) interface controller
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STHS2375AM6F Datasheet(HTML) 5 Page - STMicroelectronics

  STHS2375AM6F Datasheet HTML 1Page - STMicroelectronics STHS2375AM6F Datasheet HTML 2Page - STMicroelectronics STHS2375AM6F Datasheet HTML 3Page - STMicroelectronics STHS2375AM6F Datasheet HTML 4Page - STMicroelectronics STHS2375AM6F Datasheet HTML 5Page - STMicroelectronics STHS2375AM6F Datasheet HTML 6Page - STMicroelectronics STHS2375AM6F Datasheet HTML 7Page - STMicroelectronics STHS2375AM6F Datasheet HTML 8Page - STMicroelectronics STHS2375AM6F Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
STHS237x
Summary description
5/20
1
Summary description
The STHS237x is an IEEE802.3af-compliant family of interface controllers for Power over
Ethernet (PoE) Powered Device (PD) applications. The devices consist of two main
sections:
The IEEE802.3af interface to the PoE powered RJ-45 wall socket, and
the Hot Swap Controller (HSC) functions required to protect the PD during insertion,
operation, and withdrawal from the RJ-45 socket.
These devices have an integrated high voltage power MOSFET (low-side switch) with low
RDS ON and the capability to accept transients as high as 100V. Since the pins (such as VDD
and VSS) which interface to the RJ-45 socket can routinely see high peak voltages in excess
of 100V, it is strongly recommended that board designers protect the PD device with a
transient voltage suppressor, such as the SMAJ58A (available from STMicroelectronics),
connected between the VDD and VSS pins (see Figure 4 on page 8).
The IEEE802.3af-compliant interface includes the basic PD Detection and Classification
functions, whereas the 'Hot Swap' functions include other basic features, such as Inrush
Current Limiting, Undervoltage Lockout (UVLO), and Thermal Overload Protection. All of the
devices include an open drain Power Good (PG) signal to indicate normal steady operation
(see Figure 1 on page 6 and Table 2 on page 6). The STHS237x family also incorporates a
voltage offset (two series diodes) to accommodate the input diode bridge used to make the
PD polarity insensitive.
The STHS237x family comprises devices for all the UVLO limits configurations: IEEE
standard compliant (STHS2375), programmable (STHS2376) and for legacy systems
(STHS2377). See Table 1 on page 1.
Each of the basic part types, the STHS2375, STHS2376 and the STHS2377, is available
either with Latched Operation (L) Mode or with Automatic Retry (A) Mode after fault
conditions. For product options overview see Table 1 on page 1.


Similar Part No. - STHS2375AM6F

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STHS34PF80 STMICROELECTRONICS-STHS34PF80 Datasheet
1Mb / 13P
   Low-power, high-sensitivity infrared sensor for presence and motion detection
December 2021 Rev 1
STHS4257A STMICROELECTRONICS-STHS4257A Datasheet
197Kb / 18P
   IEEE 802.3af PoE Powered Device (PD) interface controller with integrated signature resistor
STHS4257A1 STMICROELECTRONICS-STHS4257A1 Datasheet
197Kb / 18P
   IEEE 802.3af PoE Powered Device (PD) interface controller with integrated signature resistor
STHS4257L STMICROELECTRONICS-STHS4257L Datasheet
197Kb / 18P
   IEEE 802.3af PoE Powered Device (PD) interface controller with integrated signature resistor
STHS4257L1 STMICROELECTRONICS-STHS4257L1 Datasheet
197Kb / 18P
   IEEE 802.3af PoE Powered Device (PD) interface controller with integrated signature resistor
More results

Similar Description - STHS2375AM6F

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP8003A MPS-MP8003A Datasheet
825Kb / 17P
   IEEE 802.3af/at, PoE, Powered Device, Interface Controller
logo
STMicroelectronics
STHS4257A STMICROELECTRONICS-STHS4257A Datasheet
197Kb / 18P
   IEEE 802.3af PoE Powered Device (PD) interface controller with integrated signature resistor
logo
ON Semiconductor
NCP1090DBRG ONSEMI-NCP1090DBRG Datasheet
176Kb / 12P
   Integrated IEEE 802.3af PoE-PD Interface Controller
February, 2011 ??Rev. 2
NCP1092DG ONSEMI-NCP1092DG Datasheet
176Kb / 12P
   Integrated IEEE 802.3af PoE-PD Interface Controller
February, 2011 ??Rev. 2
NCP1091DBRG ONSEMI-NCP1091DBRG Datasheet
176Kb / 12P
   Integrated IEEE 802.3af PoE-PD Interface Controller
February, 2011 ??Rev. 2
NCP1090 ONSEMI-NCP1090 Datasheet
176Kb / 12P
   Integrated IEEE 802.3af PoE-PD Interface Controller
February, 2011 ??Rev. 2
NCP1092DBRG ONSEMI-NCP1092DBRG Datasheet
176Kb / 12P
   Integrated IEEE 802.3af PoE-PD Interface Controller
February, 2011 ??Rev. 2
logo
Monolithic Power System...
MP8005 MPS-MP8005 Datasheet
303Kb / 11P
   13W 802.3af PoE Powered Device (PD) Interface and PWM Controller
EV8003A-Q-00A MPS-EV8003A-Q-00A Datasheet
290Kb / 6P
   IEEE 802.3af/at PoE Powered Device Interface Controller Evaluation Board
logo
Texas Instruments
TPS2377PWR TI-TPS2377PWR Datasheet
895Kb / 25P
[Old version datasheet]   IEEE 802.3af PoE POWERED DEVICE CONTROLLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com