Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74AHC1G00DBVTE4 Datasheet(PDF) 3 Page - Texas Instruments

Part # SN74AHC1G00DBVTE4
Description  SINGLE 2-INPUT POSITIVE-NAND GATE
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74AHC1G00DBVTE4 Datasheet(HTML) 3 Page - Texas Instruments

  SN74AHC1G00DBVTE4 Datasheet HTML 1Page - Texas Instruments SN74AHC1G00DBVTE4 Datasheet HTML 2Page - Texas Instruments SN74AHC1G00DBVTE4 Datasheet HTML 3Page - Texas Instruments SN74AHC1G00DBVTE4 Datasheet HTML 4Page - Texas Instruments SN74AHC1G00DBVTE4 Datasheet HTML 5Page - Texas Instruments SN74AHC1G00DBVTE4 Datasheet HTML 6Page - Texas Instruments SN74AHC1G00DBVTE4 Datasheet HTML 7Page - Texas Instruments SN74AHC1G00DBVTE4 Datasheet HTML 8Page - Texas Instruments SN74AHC1G00DBVTE4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
SN74AHC1G00
SINGLE 2INPUT POSITIVENAND GATE
SCLS313M − MARCH 1996 − REVISED JUNE 2005
3
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
TA = 25°C
MIN
MAX
UNIT
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP
MAX
MIN
MAX
UNIT
2 V
1.9
2
1.9
IOH = −50 mA
3 V
2.9
3
2.9
VOH
IOH = −50 mA
4.5 V
4.4
4.5
4.4
V
VOH
IOH = −4 mA
3 V
2.58
2.48
V
IOH = −8 mA
4.5 V
3.94
3.8
2 V
0.1
0.1
IOL = 50 mA
3 V
0.1
0.1
VOL
IOL = 50 mA
4.5 V
0.1
0.1
V
VOL
IOL = 4 mA
3 V
0.36
0.44
V
IOL = 8 mA
4.5 V
0.36
0.44
II
VI = 5.5 V or GND
0 V to 5.5 V
±0.1
±1
mA
ICC
VI = VCC or GND,
IO = 0
5.5 V
1
10
mA
Ci
VI = VCC or GND
5 V
2
10
10
pF
switching characteristics over recommended operating free-air temperature range,
VCC = 3.3 V ± 0.3 V (unless otherwise noted) (see Figure 1)
PARAMETER
FROM
TO
LOAD
TA = 25°C
MIN
MAX
UNIT
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
LOAD
CAPACITANCE
MIN
TYP
MAX
MIN
MAX
UNIT
tPLH
A or B
Y
CL = 15 pF
5.5
7.9
1
9.5
ns
tPHL
A or B
Y
CL = 15 pF
5.5
7.9
1
9.5
ns
tPLH
A or B
Y
CL = 50 pF
8
11.4
1
13
ns
tPHL
A or B
Y
CL = 50 pF
8
11.4
1
13
ns
switching characteristics over recommended operating free-air temperature range,
VCC = 5 V ± 0.5 V (unless otherwise noted) (see Figure 1)
PARAMETER
FROM
TO
LOAD
TA = 25°C
MIN
MAX
UNIT
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
LOAD
CAPACITANCE
MIN
TYP
MAX
MIN
MAX
UNIT
tPLH
A or B
Y
CL = 15 pF
3.7
5.5
1
6.5
ns
tPHL
A or B
Y
CL = 15 pF
3.7
5.5
1
6.5
ns
tPLH
A or B
Y
CL = 50 pF
5.2
7.5
1
8.5
ns
tPHL
A or B
Y
CL = 50 pF
5.2
7.5
1
8.5
ns
operating characteristics, VCC = 5 V, TA = 25°C
PARAMETER
TEST CONDITIONS
TYP
UNIT
Cpd
Power dissipation capacitance
No load,
f = 1 MHz
9.5
pF


Similar Part No. - SN74AHC1G00DBVTE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AHC1G00DBVTE4 TI-SN74AHC1G00DBVTE4 Datasheet
575Kb / 13P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-NAND GATE
More results

Similar Description - SN74AHC1G00DBVTE4

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
74LVC1G00_1012 DIODES-74LVC1G00_1012 Datasheet
245Kb / 14P
   SINGLE 2 INPUT POSITIVE NAND GATE
DS32196 Rev. 2 - 2
logo
Texas Instruments
SN74LVC1G00 TI-SN74LVC1G00_10 Datasheet
668Kb / 16P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-NAND GATE
SN74LVC1G00_101 TI-SN74LVC1G00_101 Datasheet
667Kb / 16P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-NAND GATE
logo
Diodes Incorporated
74LVCE1G00SE-7 DIODES-74LVCE1G00SE-7 Datasheet
275Kb / 14P
   SINGLE 2 INPUT POSITIVE NAND GATE
74AUP1G00 DIODES-74AUP1G00 Datasheet
206Kb / 11P
   SINGLE 2 INPUT POSITIVE NAND GATE
logo
Texas Instruments
SN74AHCT1G00 TI1-SN74AHCT1G00_18 Datasheet
1Mb / 25P
[Old version datasheet]   Single 2-Input Positive-NAND Gate
logo
Diodes Incorporated
74LVC1G00Q DIODES-74LVC1G00Q Datasheet
528Kb / 9P
   SINGLE 2 INPUT POSITIVE NAND GATE
June 2020 Rev. 2 - 2
logo
Texas Instruments
SN74LVC1G00 TI-SN74LVC1G00 Datasheet
443Kb / 17P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-NAND GATE
SN74AHC1G00-Q1 TI-SN74AHC1G00-Q1 Datasheet
117Kb / 6P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-NAND GATE
SN74AHCT1G00 TI1-SN74AHCT1G00_15 Datasheet
1,001Kb / 20P
[Old version datasheet]   Single 2-Input Positive-NAND Gate
logo
Diodes Incorporated
74AHC1G00Q DIODES-74AHC1G00Q Datasheet
523Kb / 9P
   SINGLE 2-INPUT POSITIVE NAND GATE
August 2020 Rev. 1 - 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com