Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74AHC1G02DCKT Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # SN74AHC1G02DCKT
Description  SINGLE 2-INPUT POSITIVE-NOR GATE
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74AHC1G02DCKT Datasheet(HTML) 4 Page - Texas Instruments

  SN74AHC1G02DCKT Datasheet HTML 1Page - Texas Instruments SN74AHC1G02DCKT Datasheet HTML 2Page - Texas Instruments SN74AHC1G02DCKT Datasheet HTML 3Page - Texas Instruments SN74AHC1G02DCKT Datasheet HTML 4Page - Texas Instruments SN74AHC1G02DCKT Datasheet HTML 5Page - Texas Instruments SN74AHC1G02DCKT Datasheet HTML 6Page - Texas Instruments SN74AHC1G02DCKT Datasheet HTML 7Page - Texas Instruments SN74AHC1G02DCKT Datasheet HTML 8Page - Texas Instruments SN74AHC1G02DCKT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
SN74AHC1G02
SINGLE 2INPUT POSITIVENOR GATE
SCLS342L − APRIL 1996 − REVISED JUNE 2005
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
50% VCC
VCC
VCC
0 V
0 V
th
tsu
VOLTAGE WAVEFORMS
SETUP AND HOLD TIMES
Data Input
tPLH
tPHL
tPHL
tPLH
VOH
VOH
VOL
VOL
VCC
0 V
50% VCC
50% VCC
Input
Out-of-Phase
Output
In-Phase
Output
Timing Input
50% VCC
VOLTAGE WAVEFORMS
PROPAGATION DELAY TIMES
INVERTING AND NONINVERTING OUTPUTS
Output
Control
Output
Waveform 1
S1 at VCC
(see Note B)
Output
Waveform 2
S1 at GND
(see Note B)
VOL
VOH
tPZL
tPZH
tPLZ
tPHZ
≈VCC
0 V
50% VCC
VOL + 0.3 V
50% VCC
≈0 V
VCC
VOLTAGE WAVEFORMS
ENABLE AND DISABLE TIMES
LOW- AND HIGH-LEVEL ENABLING
tPLH/tPHL
tPLZ/tPZL
tPHZ/tPZH
Open Drain
Open
VCC
GND
VCC
TEST
S1
VCC
0 V
50% VCC
tw
VOLTAGE WAVEFORMS
PULSE DURATION
Input
NOTES: A. CL includes probe and jig capacitance.
B. Waveform 1 is for an output with internal conditions such that the output is low, except when disabled by the output control.
Waveform 2 is for an output with internal conditions such that the output is high, except when disabled by the output control.
C. All input pulses are supplied by generators having the following characteristics: PRR
≤ 1 MHz, ZO = 50 Ω, tr ≤ 3 ns, tf ≤ 3 ns.
D. The outputs are measured one at a time, with one input transition per measurement.
E. All parameters and waveforms are not applicable to all devices.
From Output
Under Test
CL
(see Note A)
LOAD CIRCUIT FOR
3-STATE AND OPEN-DRAIN OUTPUTS
S1
VCC
RL = 1 kΩ
GND
From Output
Under Test
CL
(see Note A)
Test
Point
LOAD CIRCUIT FOR
TOTEM-POLE OUTPUTS
Open
50% VCC
50% VCC
50% VCC
50% VCC
50% VCC
50% VCC
50% VCC
50% VCC
VOH − 0.3 V
Figure 1. Load Circuit and Voltage Waveforms


Similar Part No. - SN74AHC1G02DCKT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AHC1G02DCKT TI1-SN74AHC1G02DCKT Datasheet
1Mb / 22P
[Old version datasheet]   SN74AHC1G02 Single 2-Input Positive-NOR Gate
More results

Similar Description - SN74AHC1G02DCKT

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
74LVCE1G02 DIODES-74LVCE1G02 Datasheet
274Kb / 14P
   SINGLE 2 INPUT POSITIVE NOR GATE
DS32211 Rev. 2 - 2
74AHCT1G02 DIODES-74AHCT1G02 Datasheet
190Kb / 8P
   SINGLE 2 INPUT POSITIVE NOR GATE
logo
Texas Instruments
SN74LVC1G02DSFR TI1-SN74LVC1G02DSFR Datasheet
1,021Kb / 22P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE NOR-GATE
SN74AHCT1G02DCKT TI-SN74AHCT1G02DCKT Datasheet
816Kb / 13P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-NOR GATE
SN74AHCT1G02 TI-SN74AHCT1G02 Datasheet
68Kb / 5P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-NOR GATE
logo
Diodes Incorporated
74LVC1G02_1012 DIODES-74LVC1G02_1012 Datasheet
245Kb / 14P
   SINGLE 2 INPUT POSITIVE NOR GATE
DS32197 Rev. 2 - 2
logo
Texas Instruments
SN74LVC1G02 TI-SN74LVC1G02_08 Datasheet
559Kb / 15P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE NOR-GATE
SN74AHC1G02-EP TI1-SN74AHC1G02-EP_16 Datasheet
739Kb / 10P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-NOR GATE
SN74LVC1G02-EP TI1-SN74LVC1G02-EP Datasheet
545Kb / 14P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-NOR GATE
logo
Diodes Incorporated
74AHCT1G02Q DIODES-74AHCT1G02Q Datasheet
509Kb / 9P
   SINGLE 2-INPUT POSITIVE NOR GATE
August 2020 Rev. 1 - 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com