Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SHD52626 Datasheet(PDF) 1 Page - Sensitron

Part # SHD52626
Description  FIXED NEGATIVETIVE 1.5 AMP 15 VOLT REGULATOR
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSITRON [Sensitron]
Direct Link  http://www.sensitron.com
Logo SENSITRON - Sensitron

SHD52626 Datasheet(HTML) 1 Page - Sensitron

  SHD52626 Datasheet HTML 1Page - Sensitron SHD52626 Datasheet HTML 2Page - Sensitron  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
• 221 West Industry Court
Deer Park, NY 11729
(631) 586 7600, FAX 631 242 9798
• World Wide Web - www.sensitron.com • E-mail Address - sales@sensitron.com •
SENSITRON
___
SEMICONDUCTOR
TECHNICAL DATA
DATA SHEET 355, REV. -
FIXED NEGATIVETIVE 1.5 AMP 15 VOLT
REGULATOR
FEATURES:
ISOLATED HERMETIC PACKAGE
SIMILAR to INDUSTRY TYPE 7915
EQUIVALENT MILITARY PART TYPE 5982-8874801UX
MAXIMUM RATINGS
All ratings are at TC = 25°C unless otherwise specified.
Parameter
Conditions
Maximum
Units
Input Voltage
VO = 15V
-
35
Vdc
Ambient Operating Temperature
Range
(TA)
-
-
-55 to +150
°C
Storage Temperature Range
-
-
-65 to +150
°C
Thermal Resistance
(RθJC)
-
-
4.2
°C/W
Rated Power
TC = +25°C
-
30
W
ELECTRICAL CAHRACTERISTICS
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Units
VO
Output Voltage
TJ = 25°C
-1485
-15.0
-15.15
V
5 mA
≤ I
O ≤ 1A
P
≤ 15W
-14.25
-15.75
V
VRLINE
Line Regulation
-
5.0
25
mV
TJ = 25°C, VIN = -17.5V to -30V
VIN = -20V to -26V
-
3.0
15
mV
VRLOAD
Load Regulation
TJ = 25°C
5 mA
≤ I
O ≤ 1.5A
250 mA
≤ I
O ≤ 750mA
-
-
-
-
35
21
mV
mV
IQ
Quiescent Current
TJ = 25°C
-
1.5
3.0
mA
∆I
Q
Quiescent Current
With Line
-
-
0.5
mA
Change
With Load, 5 mA
≤ I
O ≤ 1A
-
-
0.5
mA
VDO
Dropout Voltage
TJ = 25 °C, IO = 1A
-
-
2.5
V
IOMAX
Peak Output Current
TJ = 25
1.5
-
3.3
A
IOS
Short Circuit Current
VIN = -35V
TC = 25 °C
-55
°C ≤ T
C ≤ + 125°C
-
-
1.2
2.8
A
∆V
IN
∆V
OUT
Ripple Rejection
f = 120Hz
54
70
-
dB
NO
Output Noise Voltage
TA = 25°C, f = 10Hz ≤ f ≤ 100kHz
-
375
-
µV
∆V
OUT
∆t
Long Term Stability
TC = 25°C, t=1000 hours
-
-
150
mV
Note:
Conditions unless otherwise noted: IOUT = 500 mA, CIN = 2.2 µF, COUT = 1µf, 0°C ≤ TJ ≤ +125°C,
Power Dissipation = 1.5W.
SHD52626


Similar Part No. - SHD52626

ManufacturerPart #DatasheetDescription
logo
Sensitron
SHD526201 SENSITRON-SHD526201 Datasheet
58Kb / 2P
   LOW DROP NEGATIVE 5V 1.0 AMP REGULATOR
SHD526201 SENSITRON-SHD526201 Datasheet
43Kb / 2P
   LOW DROP NEGATIVE 5V 1.0 AMP REGULATOR
SHD526201 SENSITRON-SHD526201_11 Datasheet
58Kb / 2P
   LOW DROP NEGATIVE 5V 1.0 AMP REGULATOR
SHD52622 SENSITRON-SHD52622 Datasheet
42Kb / 2P
   FIXED POSITIVE 5.0 VOLT REGULATOR
SHD52624 SENSITRON-SHD52624 Datasheet
49Kb / 2P
   FIXED NEGATIVE 5.0 VOLT 1.5 AMP REGULATOR
More results

Similar Description - SHD52626

ManufacturerPart #DatasheetDescription
logo
Sensitron
SHD526013A SENSITRON-SHD526013A Datasheet
49Kb / 2P
   POSITIVE FIXED 15 VOLT 1.5 AMP REGULATOR
SHD519023 SENSITRON-SHD519023 Datasheet
42Kb / 2P
   FIXED NEGATIVE 1.5 AMP 15 VOLT REGULATOR
SHD526022 SENSITRON-SHD526022 Datasheet
43Kb / 2P
   FIXED NEGATIVE 12.0 VOLT 1.5 AMP REGULATOR
SHD526012 SENSITRON-SHD526012 Datasheet
59Kb / 3P
   FIXED POSITIVE 1.5 AMP 12 VOLT REGULATOR
SHD52624 SENSITRON-SHD52624 Datasheet
49Kb / 2P
   FIXED NEGATIVE 5.0 VOLT 1.5 AMP REGULATOR
SHD501603 SENSITRON-SHD501603 Datasheet
56Kb / 3P
   DUAL FIXED /- 15.0 VOLT 1.5 AMP VOLTAGE REGULATOR
SHD526154 SENSITRON-SHD526154 Datasheet
53Kb / 3P
   POSITIVE FIXED 3.3 VOLT 3.0 AMP VOLTAGE REGULATOR
logo
Solitron Devices Inc.
SDP7915A SOLITRON-SDP7915A Datasheet
145Kb / 12P
   MICROCIRCUIT, LINEAR, VOLTAGE REGULATOR, 15 VOLT, NEGATIVE, FIXED, MONOLITHIC SILICON
SDP7815A SOLITRON-SDP7815A Datasheet
174Kb / 12P
   MICROCIRCUIT, LINEAR, VOLTAGE REGULATOR, 15 VOLT, POSITIVE, FIXED,MONOLITHIC SILICON
logo
Sensitron
SHD526011 SENSITRON-SHD526011 Datasheet
43Kb / 2P
   FIXED POSITIVE 5.0 VOLT REGULATOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com