Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MSP430F2410TRGC Datasheet(PDF) 1 Page - Texas Instruments

Part # MSP430F2410TRGC
Description  MIXED SIGNAL MICROCONTROLLER
Download  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSP430F2410TRGC Datasheet(HTML) 1 Page - Texas Instruments

  MSP430F2410TRGC Datasheet HTML 1Page - Texas Instruments MSP430F2410TRGC Datasheet HTML 2Page - Texas Instruments MSP430F2410TRGC Datasheet HTML 3Page - Texas Instruments MSP430F2410TRGC Datasheet HTML 4Page - Texas Instruments MSP430F2410TRGC Datasheet HTML 5Page - Texas Instruments MSP430F2410TRGC Datasheet HTML 6Page - Texas Instruments MSP430F2410TRGC Datasheet HTML 7Page - Texas Instruments MSP430F2410TRGC Datasheet HTML 8Page - Texas Instruments MSP430F2410TRGC Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 92 page
background image
MSP430x23x, MSP430x24x(1), MSP430x2410
MIXED SIGNAL MICROCONTROLLER
SLAS547A -- JUNE 2007 -- REVISED NOVEMBER 2007
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D
Low Supply-Voltage Range, 1.8 V to 3.6 V
D
Ultra-Low Power Consumption:
-- Active Mode: 270 μAat1MHz, 2.2V
-- Standby Mode (VLO): 0.3 μA
-- Off Mode (RAM Retention): 0.1 μA
D
Ultra-Fast Wake-Up From Standby Mode in
Less Than 1 μs
D
16-Bit RISC Architecture, 62.5-ns
Instruction Cycle Time
D
Basic Clock Module Configurations:
-- Internal Frequencies up to 16 MHz
-- Internal Very Low Power LF Oscillator
-- 32-kHz Crystal
-- Internal Frequencies up to 16 MHz With
Four Calibrated Frequencies to ±1%
-- Resonator
-- External Digital Clock Source
-- External Resistor
D
12-Bit Analog-to-Digital (A/D) Converter
With Internal Reference, Sample-and-Hold,
and Autoscan Feature
D
16-Bit Timer_A With Three
Capture/Compare Registers
D
16-Bit Timer_B With Seven
Capture/Compare-With-Shadow Registers
D
Four Universal Serial Communication
Interfaces (USCI)
-- USCI_A0 and USCI_A1
-- Enhanced UART Supporting
Auto-Baudrate Detection
-- IrDA Encoder and Decoder
-- Synchronous SPI
-- USCI_B0 and USCI_B1
-- I2Ct
-- Synchronous SPI
D
On-Chip Comparator
D
Supply Voltage Supervisor/Monitor With
Programmable Level Detection
D
Brownout Detector
D
Bootstrap Loader
D
Serial Onboard Programming,
No External Programming Voltage Needed,
Programmable Code Protection by Security
Fuse
D
Family Members Include:
-- MSP430F233
8KB+256B Flash Memory, 1KB RAM
-- MSP430F235
16KB+256B Flash Memory, 2KB RAM
-- MSP430F247, MSP430F2471
32KB+256B Flash Memory, 4KB RAM
-- MSP430F248, MSP430F2481
48KB+256B Flash Memory, 4KB RAM
-- MSP430F249, MSP430F2491
60KB+256B Flash Memory, 2KB RAM
-- MSP430F2410
56KB+256B Flash Memory, 4KB RAM
D
Availablein64-PinQFP and64-PinQFN
Packages (See Available Options)
D
For Complete Module Descriptions, See
MSP430x2xx Family User’s Guide,
Literature Number SLAU144
The MSP430F24x1 devices are identical to the MSP430F24x
devices, with the exception that the ADC12 module is not
implemented.
description
The Texas Instruments MSP430 family of ultra-low power microcontrollers consists of several devices featuring
different sets of peripherals targeted for various applications. The architecture, combined with five low-power
modes, is optimized to achieve extended battery life in portable measurement applications. The device features
a powerful 16-bit RISC CPU, 16-bit registers, and constant generators that contribute to maximum code
efficiency. The calibrated digitally controlled oscillator (DCO) allows wake-up from low-power modes to active
mode in less than 1 μs.
Copyright © 2007, Texas Instruments Incorporated
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
I2C is a registered trademark of NXP Semiconductors.


Similar Part No. - MSP430F2410TRGC

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430F2410TRGC TI-MSP430F2410TRGC Datasheet
1Mb / 91P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F2410TRGC TI1-MSP430F2410TRGC Datasheet
1Mb / 92P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F2410TRGCR TI-MSP430F2410TRGCR Datasheet
1Mb / 91P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F2410TRGCR TI-MSP430F2410TRGCR Datasheet
1Mb / 93P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F2410TRGCR TI1-MSP430F2410TRGCR Datasheet
1Mb / 92P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
More results

Similar Description - MSP430F2410TRGC

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430F41X2 TI-MSP430F41X2 Datasheet
1Mb / 82P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430L092 TI-MSP430L092 Datasheet
691Kb / 44P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430P325 TI-MSP430P325_10 Datasheet
577Kb / 39P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F543X TI-MSP430F543X_1 Datasheet
927Kb / 90P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430X11X TI-MSP430X11X_11 Datasheet
548Kb / 33P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430X461X1 TI-MSP430X461X1_10 Datasheet
1Mb / 95P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F11X TI-MSP430F11X_11 Datasheet
686Kb / 33P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F15X TI-MSP430F15X Datasheet
1Mb / 77P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F22X2 TI-MSP430F22X2 Datasheet
896Kb / 81P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F550X TI-MSP430F550X Datasheet
1Mb / 110P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430FE42XA TI-MSP430FE42XA_10 Datasheet
874Kb / 47P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com