Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BS-C514RD Datasheet(PDF) 3 Page - BRIGHT LED ELECTRONICS CORP

Part # BS-C514RD
Description  14.20mm(00.56) high single digit seven segments display
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BRIGHT [BRIGHT LED ELECTRONICS CORP]
Direct Link  http://www.brightled.co.kr
Logo BRIGHT - BRIGHT LED ELECTRONICS CORP

BS-C514RD Datasheet(HTML) 3 Page - BRIGHT LED ELECTRONICS CORP

  BS-C514RD Datasheet HTML 1Page - BRIGHT LED ELECTRONICS CORP BS-C514RD Datasheet HTML 2Page - BRIGHT LED ELECTRONICS CORP BS-C514RD Datasheet HTML 3Page - BRIGHT LED ELECTRONICS CORP  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image






















    
SINCE 1981

0"" 0/& 0" /0 /404 5/; 4
       
 









  

  
      
  ! "  !
 
 











 #  $
 
  ! " 
 %  $
 
 

















 

  ! "  !
 & 








'   
 


  ! " 






Similar Part No. - BS-C514RD

ManufacturerPart #DatasheetDescription
logo
BRIGHT LED ELECTRONICS ...
BS-C516RD BRIGHT-BS-C516RD Datasheet
138Kb / 3P
   0.56(14.20MM)single DIGIT LED DISPLAY
logo
Yellow Stone Corp
BS-C51XRD YSTONE-BS-C51XRD Datasheet
189Kb / 2P
   SINGLE DIGIT LED DISPLAYS
More results

Similar Description - BS-C514RD

ManufacturerPart #DatasheetDescription
logo
BRIGHT LED ELECTRONICS ...
BS-A515RD BRIGHT-BS-A515RD Datasheet
197Kb / 3P
   14.20mm (0.56) high single digit seven segments display.
BS-A515RE BRIGHT-BS-A515RE Datasheet
188Kb / 3P
   14.20mm (0.56) high single digit seven segments display.
BS-C556RD BRIGHT-BS-C556RD Datasheet
113Kb / 3P
   14.20mm(0.56) high single digit seven segments display.
BS-C552RD BRIGHT-BS-C552RD Datasheet
193Kb / 3P
   14.20mm(0.56) high single digit seven segments display.
BT-M55DRD BRIGHT-BT-M55DRD Datasheet
201Kb / 3P
   14.20mm(0.56) high three digit seven segments display
BT-M515RD BRIGHT-BT-M515RD Datasheet
259Kb / 3P
   14.20mm(0.56) high three digit seven segments display
BQ-M51DRD BRIGHT-BQ-M51DRD Datasheet
196Kb / 3P
   14.20mm (0.56") high four digit seven segments display.
BQ-M512RD BRIGHT-BQ-M512RD Datasheet
276Kb / 3P
   14.20mm (0.56) high four digit seven segments display
BT-C55DRD BRIGHT-BT-C55DRD Datasheet
237Kb / 3P
   14.20mm(0.56) high three digit seven segments display
BT-C512RD BRIGHT-BT-C512RD Datasheet
276Kb / 3P
   14.20mm(0.56) high three digit seven segments display
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com