Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA2652U Datasheet(PDF) 11 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # OPA2652U
Description  Dual, 700MHz, Voltage-Feedback OPERATIONAL AMPLIFIER
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

OPA2652U Datasheet(HTML) 11 Page - Burr-Brown (TI)

Back Button OPA2652U Datasheet HTML 7Page - Burr-Brown (TI) OPA2652U Datasheet HTML 8Page - Burr-Brown (TI) OPA2652U Datasheet HTML 9Page - Burr-Brown (TI) OPA2652U Datasheet HTML 10Page - Burr-Brown (TI) OPA2652U Datasheet HTML 11Page - Burr-Brown (TI) OPA2652U Datasheet HTML 12Page - Burr-Brown (TI) OPA2652U Datasheet HTML 13Page - Burr-Brown (TI) OPA2652U Datasheet HTML 14Page - Burr-Brown (TI) OPA2652U Datasheet HTML 15Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
www.ti.com
Differential ADC Driver
Bandpass Filter
0
-5
-10
-15
-20
-25
-30
-35
-40
10k
100k
1M
10M
100M
Frequency(Hz)
1/2
OPA2652
1/2
OPA2652
24.9W
143W
140W
2.10kW
1.0nF
1.0nF
V
IN
+5V
-5V
2.2nF
1.30kW
24.9W
200W
107W
225W
20.0W
158W
150pF
12pF
2.7nF
+5V
-5V
180pF
100W
100pF
1%Resistors
5%Capacitors
18pF
V
OUT
OPA2652
SBOS125A – JUNE 2000 – REVISED MAY 2006
The circuit on the front page shows an OPA2652
driving the ADS807 analog-to-digital converter (ADC)
differentially, at a gain of +2V/V. The outputs are
AC-coupled to the converter to adjust for the
difference in supply voltages. The 133
Ω resistors at
the noninverting inputs minimize DC offset errors.
The
differential
topology
minimizes
even-order
distortion
products,
such
as
second-harmonic
distortion.
Figure 31 shows a single OPA2652 implementing a
sixth-order bandpass filter. This filter cascades two
second-order Sallen-Key sections with transmission
Figure 30. Nominal Filter Response
zeros, and a double real pole section. It has 0.3dB of
ripple, –3dB frequencies of 450kHz and 11MHz, and
–23dB frequencies of 315kHz and 16MHz. The
20.0
Ω resistor isolates the first OPA2652 output from
capacitive
loading.
This
configuration
improves
stability with minimal impact on the filter response.
Figure 30 shows the nominal response simulated by
SPICE.
Figure 31. Bandpass Filter
11
Submit Documentation Feedback


Similar Part No. - OPA2652U

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA2652U BURR-BROWN-OPA2652U Datasheet
154Kb / 15P
   Dual, 700MHz, Voltage-Feedback OPERATIONAL AMPLIFIER
logo
National Semiconductor ...
OPA2652U NSC-OPA2652U Datasheet
826Kb / 23P
   Dual, 700MHz, Voltage-Feedback OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA2652U TI1-OPA2652U Datasheet
833Kb / 23P
[Old version datasheet]   Dual, 700MHz, Voltage-Feedback OPERATIONAL AMPLIFIER
OPA2652U/2K5 TI1-OPA2652U/2K5 Datasheet
833Kb / 23P
[Old version datasheet]   Dual, 700MHz, Voltage-Feedback OPERATIONAL AMPLIFIER
OPA2652U/2K5G4 TI1-OPA2652U/2K5G4 Datasheet
833Kb / 23P
[Old version datasheet]   Dual, 700MHz, Voltage-Feedback OPERATIONAL AMPLIFIER
More results

Similar Description - OPA2652U

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA2652 BURR-BROWN-OPA2652 Datasheet
154Kb / 15P
   Dual, 700MHz, Voltage-Feedback OPERATIONAL AMPLIFIER
logo
National Semiconductor ...
OPA2652 NSC-OPA2652 Datasheet
826Kb / 23P
   Dual, 700MHz, Voltage-Feedback OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA2652 TI1-OPA2652 Datasheet
833Kb / 23P
[Old version datasheet]   Dual, 700MHz, Voltage-Feedback OPERATIONAL AMPLIFIER
logo
Linear Technology
LT1886 LINER-LT1886 Datasheet
331Kb / 16P
   Dual 700MHz, 200mA Operational Amplifier
LT1886 LINER-LT1886_15 Datasheet
277Kb / 16P
   Dual 700MHz, 200mA Operational Amplifier
logo
Intersil Corporation
HFA1150 INTERSIL-HFA1150_04 Datasheet
341Kb / 11P
   700MHz, SOT-23, Low Distortion Current Feedback Operational Amplifier
logo
Renesas Technology Corp
HFA1150 RENESAS-HFA1150 Datasheet
713Kb / 11P
   700MHz, SOT-23, Low Distortion Current Feedback Operational Amplifier
logo
Intersil Corporation
HFA1150 INTERSIL-HFA1150 Datasheet
203Kb / 13P
   700MHz, SOT-23, Low Distortion Current Feedback Operational Amplifier
March 2000
logo
Texas Instruments
OPA687 TI1-OPA687 Datasheet
301Kb / 17P
[Old version datasheet]   Voltage Feedback OPERATIONAL AMPLIFIER
THS4281 TI1-THS4281 Datasheet
2Mb / 43P
[Old version datasheet]   Voltage-Feedback Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com