Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIC2013-0.8YM5 Datasheet(PDF) 6 Page - Micrel Semiconductor

Part # MIC2013-0.8YM5
Description  Current Limiting Circuit Protector
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2013-0.8YM5 Datasheet(HTML) 6 Page - Micrel Semiconductor

Back Button MIC2013-0.8YM5 Datasheet HTML 2Page - Micrel Semiconductor MIC2013-0.8YM5 Datasheet HTML 3Page - Micrel Semiconductor MIC2013-0.8YM5 Datasheet HTML 4Page - Micrel Semiconductor MIC2013-0.8YM5 Datasheet HTML 5Page - Micrel Semiconductor MIC2013-0.8YM5 Datasheet HTML 6Page - Micrel Semiconductor MIC2013-0.8YM5 Datasheet HTML 7Page - Micrel Semiconductor MIC2013-0.8YM5 Datasheet HTML 8Page - Micrel Semiconductor MIC2013-0.8YM5 Datasheet HTML 9Page - Micrel Semiconductor MIC2013-0.8YM5 Datasheet HTML 10Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
Micrel
MIC2003/MIC20013
October 2005
6
M9999-102605
hbwhelp@micrel.com
Timing Diagrams
ENABLE
VOUT
50%
90%
10%
tON_DLY
tOFF_DLY
50%
Switching Delay Times
90%
10%
90%
10%
tFALL
tRISE
Rise and Fall Times
90%
10%
tRISE
VOUT
Output Rise Time
or (408) 955-1690


Similar Part No. - MIC2013-0.8YM5

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2013-0.8YM5 MICREL-MIC2013-0.8YM5 Datasheet
415Kb / 25P
   Fixed and Adjustable Current Limiting Power Distribution Switches
MIC2013-0.8YM5 MICREL-MIC2013-0.8YM5 Datasheet
1Mb / 29P
   Fixed and Adjustable Current Limiting Power Distribution Switches
MIC2013-0.8YM5 MICREL-MIC2013-0.8YM5 Datasheet
1Mb / 30P
   Fixed and Adjustable Current Limiting Power Distribution Switches
logo
Microchip Technology
MIC2013-0.8YM5-TR MICROCHIP-MIC2013-0.8YM5-TR Datasheet
3Mb / 38P
   Fixed and Adjustable Current Limiting Power Distribution Switches
09/14/21
More results

Similar Description - MIC2013-0.8YM5

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2316446 PHOENIX-2316446 Datasheet
78Kb / 3P
   Provides current limiting short-circuit protection per spur
logo
Texas Instruments
TPS24750 TI1-TPS24750 Datasheet
1Mb / 42P
[Old version datasheet]   12A eFuse Circuit Protector with Current Monitor
logo
Diotec Semiconductor
CL20M35 DIOTEC-CL20M35_13 Datasheet
100Kb / 2P
   Current Limiting Diodes
logo
STMicroelectronics
STEVAL-ILL054V2 STMICROELECTRONICS-STEVAL-ILL054V2 Datasheet
218Kb / 4P
   Internal current limiting
L6985F STMICROELECTRONICS-L6985F Datasheet
1Mb / 65P
   Internal current limiting
February 2016 Rev 2
logo
Digitron Semiconductors
CCL0035 DIGITRON-CCL0035 Datasheet
73Kb / 1P
   CURRENT LIMITING DIODE
logo
Diotec Semiconductor
CL20M45 DIOTEC-CL20M45 Datasheet
97Kb / 2P
   Current Limiting Diodes
logo
Central Semiconductor C...
CMCL1300 CENTRAL-CMCL1300 Datasheet
75Kb / 1P
   CURRENT LIMITING DIODE
logo
Shenzhenshi YONGFUKANG ...
D2761 YONGFUKANG-D2761 Datasheet
305Kb / 7P
   Audio limiting circuit
logo
Central Semiconductor C...
CCLM0035 CENTRAL-CCLM0035 Datasheet
303Kb / 2P
   CURRENT LIMITING DIODE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com