Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC9S08QE8C32 Datasheet(PDF) 9 Page - Freescale Semiconductor, Inc

Part # MC9S08QE8C32
Description  8-Bit HCS08 Central Processor Unit
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC9S08QE8C32 Datasheet(HTML) 9 Page - Freescale Semiconductor, Inc

Back Button MC9S08QE8C32 Datasheet HTML 5Page - Freescale Semiconductor, Inc MC9S08QE8C32 Datasheet HTML 6Page - Freescale Semiconductor, Inc MC9S08QE8C32 Datasheet HTML 7Page - Freescale Semiconductor, Inc MC9S08QE8C32 Datasheet HTML 8Page - Freescale Semiconductor, Inc MC9S08QE8C32 Datasheet HTML 9Page - Freescale Semiconductor, Inc MC9S08QE8C32 Datasheet HTML 10Page - Freescale Semiconductor, Inc MC9S08QE8C32 Datasheet HTML 11Page - Freescale Semiconductor, Inc MC9S08QE8C32 Datasheet HTML 12Page - Freescale Semiconductor, Inc MC9S08QE8C32 Datasheet HTML 13Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 46 page
background image
Electrical Characteristics
MC9S08QE8 Series, Rev. 3
Preliminary
Subject to Change Without Notice
Freescale Semiconductor
9
3.4
Thermal Characteristics
This section provides information about operating temperature range, power dissipation, and package thermal resistance. Power
dissipation on I/O pins is usually small compared to the power dissipation in on-chip logic and voltage regulator circuits, and
it is user-determined rather than being controlled by the MCU design. To take PI/O into account in power calculations, determine
the difference between actual pin voltage and VSS or VDD and multiply by the pin current for each I/O pin. Except in cases of
unusually high pin current (heavy loads), the difference between pin voltage and VSS or VDD will be very small.
The average chip-junction temperature (TJ) in °C can be obtained from:
TJ = TA + (PD × θJA)
Eqn. 1
where:
1
Input must be current limited to the value specified. To determine the value of the required
current-limiting resistor, calculate resistance values for positive (VDD) and negative (VSS) clamp
voltages, then use the larger of the two resistance values.
2 All functional non-supply pins, except for PTA5 are internally clamped to V
SS and VDD.
3 Power supply must maintain regulation within operating V
DD range during instantaneous and
operating maximum current conditions. If positive injection current (VIn > VDD) is greater than
IDD, the injection current may flow out of VDD and could result in external power supply going
out of regulation. Ensure external VDD load will shunt current greater than maximum injection
current. This will be the greatest risk when the MCU is not consuming power. Examples are: if
no system clock is present, or if the clock rate is very low (which would reduce overall power
consumption).
Table 4. Thermal Characteristics
Rating
Symbol
Value
Unit
Operating temperature range
(packaged)
TA
TL to TH
–40 to 85
°C
Maximum junction temperature
TJM
95
°C
Thermal resistance
Single-layer board
32-pin LQFP
θ
JA
66
°C/W
28-pin SOIC
57
20-pin SOIC
71
16-pin PDIP
64
16-pin TSSOP
108
Thermal resistance
Four-layer board
32-pin LQFP
θ
JA
47
°C/W
28-pin SOIC
42
20-pin SOIC
52
16-pin PDIP
47
16-pin TSSOP
78


Similar Part No. - MC9S08QE8C32

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC9S08QE8CLC FREESCALE-MC9S08QE8CLC Datasheet
1Mb / 46P
   8-Bit HCS08 Central Processor Unit
MC9S08QE8CPG FREESCALE-MC9S08QE8CPG Datasheet
1Mb / 46P
   8-Bit HCS08 Central Processor Unit
MC9S08QE8CTG FREESCALE-MC9S08QE8CTG Datasheet
1Mb / 46P
   8-Bit HCS08 Central Processor Unit
MC9S08QE8CWJ FREESCALE-MC9S08QE8CWJ Datasheet
1Mb / 46P
   8-Bit HCS08 Central Processor Unit
MC9S08QE8CWL FREESCALE-MC9S08QE8CWL Datasheet
1Mb / 46P
   8-Bit HCS08 Central Processor Unit
More results

Similar Description - MC9S08QE8C32

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC9S08QG8 FREESCALE-MC9S08QG8 Datasheet
3Mb / 300P
   8-BIT HCS08 Central Processor Unit
MC9S08QE128 FREESCALE-MC9S08QE128 Datasheet
829Kb / 52P
   8-Bit HCS08 Central Processor Unit
MC9S08LL16 FREESCALE-MC9S08LL16 Datasheet
1Mb / 50P
   8-Bit HCS08 Central Processor Unit
MC9S08QE8 FREESCALE-MC9S08QE8_09 Datasheet
1Mb / 46P
   8-Bit HCS08 Central Processor Unit
MC9S08QB8 FREESCALE-MC9S08QB8 Datasheet
1Mb / 36P
   8-Bit HCS08 Central Processor Unit
MC9S08SE8 FREESCALE-MC9S08SE8 Datasheet
2Mb / 38P
   8-Bit HCS08 Central Processor Unit
MC9S08DZ60 FREESCALE-MC9S08DZ60_08 Datasheet
4Mb / 416P
   8-Bit HCS08 Central Processor Unit (CPU)
MC9S08MP16 FREESCALE-MC9S08MP16 Datasheet
775Kb / 36P
   8-Bit HCS08 Central Processor Unit (CPU)
MC9S08AW60MFGE FREESCALE-MC9S08AW60MFGE Datasheet
1Mb / 324P
   8-Bit HCS08 Central Processor Unit (CPU)
MC9S08AC32CFGE FREESCALE-MC9S08AC32CFGE Datasheet
2Mb / 350P
   8-Bit HCS08 Central Processor Unit (CPU)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com