Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EP169NP-2R6 Datasheet(PDF) 2 Page - Sumida Corporation

Part # EP169NP-2R6
Description  POWER INDUCTORS < Pin Type: EP Series >
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

EP169NP-2R6 Datasheet(HTML) 2 Page - Sumida Corporation

  EP169NP-2R6 Datasheet HTML 1Page - Sumida Corporation EP169NP-2R6 Datasheet HTML 2Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
POWER INDUCTORS < Pin Type: EP Series >
Type: EP169
Please refer to the sales offices on our website for a representative near you
www.sumida.com
2/2
Specification
Part Name
Stamp
Inductance
[within]
(at 100kHz)
D.C.R. (mΩ)]
[Max.] [TYP]
(at20℃)
Rated
Current
(A) ※1
EP169NP-ØR9
0R9
0.9μH ± 25%
0.84 (0.7)
18.0
EP169NP-1R7
1R7
1.7μH ± 25%
1.08 (0.9)
13.0
EP169NP-2R6
2R6
2.6μH ± 25%
1.32 (1.1)
10.5
EP169NP-3R7
3R7
3.7μH ± 25%
1.56 (1.3)
8.5
EP169NP-1R3L
1R3L
1.3μH ± 25%
0.84 (0.7)
12.0
EP169NP-2R3L
2R3L
2.3μH ± 25%
1.08 (0.9)
8.5
EP169NP-3R5L
3R5L
3.5μH ± 25%
1.32 (1.1)
7.5
EP169NP-5RØL
5R0L
5.0μH ± 25%
1.56 (1.3)
5.5
EP169NP-ØR6I
0R6I
0.6μH ± 25%
0.84 (0.7)
20
EP169NP-1R1I
1R1I
1.1μH ± 25%
1.08 (0.9)
20
EP169NP-1R8I
1R8I
1.8μH ± 25%
1.32 (1.1)
17
EP169NP-2R5I
2R5I
2.5μH ± 25%
1.56 (1.3)
14
1. Rated current: The D.C. current at which the inductance decreases to 90% of it’s initial value or
when △t=40℃, whichever is lower(Ta=20℃).


Similar Part No. - EP169NP-2R6

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
EP169NP-2R6 SUMIDA-EP169NP-2R6 Datasheet
86Kb / 4P
   EP169
More results

Similar Description - EP169NP-2R6

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
EP109ME SUMIDA-EP109ME Datasheet
66Kb / 1P
   Power Inductor< Pin Type: EP***ME Series>
EP1311D SUMIDA-EP1311D Datasheet
135Kb / 1P
   ADSL Transformer< Pin Type: EP Series>
EP1311C SUMIDA-EP1311C Datasheet
141Kb / 1P
   ADSL Transformer< Pin Type: EP Series>
EP1311 SUMIDA-EP1311 Datasheet
139Kb / 2P
   ADSL Transformer < Pin Type: EP Series>
RC-855 SUMIDA-RC-855 Datasheet
44Kb / 5P
   POWER INDUCTORS < Pin Type: RC Series>
RCR-110D SUMIDA-RCR-110D Datasheet
155Kb / 2P
   POWER INDUCTORS < Pin Type: RCR Series>
RX-9P SUMIDA-RX-9P Datasheet
86Kb / 7P
   POWER INDUCTORS < Pin Type: RX Series>
RP1315 SUMIDA-RP1315 Datasheet
166Kb / 2P
   POWER INDUCTORS
RC-885 SUMIDA-RC-885 Datasheet
121Kb / 2P
   POWER INDUCTORS < PIN Type: RC Series>
RCR1010 SUMIDA-RCR1010 Datasheet
151Kb / 2P
   POWER INDUCTORS < Pin Type: RCR Series>
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com