Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CPFC85NP-100M10 Datasheet(PDF) 1 Page - Sumida Corporation

Part # CPFC85NP-100M10
Description  EMC Common Mode Choke& xDSL CO Transformer
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CPFC85NP-100M10 Datasheet(HTML) 1 Page - Sumida Corporation

  CPFC85NP-100M10 Datasheet HTML 1Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
EMC Common Mode Choke& xDSL CO Transformer <SMD Type: CPFC Series>
Type: CPFC85
Please refer to the sales offices on our website for a representative near you
www.sumida.com
1/1
②③
MARK OF POLARITY
①④
Product Description
9.3×8.2mm Max.(L×W), 5.5mm Max. Height .
Feature
Ideally used as EMC common mode choke and xDSL CO transformer.
RoHS Compliance.
Dimensions (mm)
Land Pattern (mm)
Schematics (Bottom)
For partname: CPFC85NP-100M03
For partname: CPFC85-1M15NP
CPFC85NP-100M10
Specification (For xDSL CO Transformer Use)
Part Name
Core
Material
Stamp
Impedance
(KΩ)<Min.>
<REF.> (1-4),(2-3)
D.C.R.
(mΩ)<Max.>
(1-4),(2-3)
Rated current
(1-2)(A) ※1
(3-4) shorted
CPFC85NP-100M03
Ni-Zn
0M03
0.3(@100MHz)
20
5.0
CPFC85NP-100M10
Ni-Zn
0M10
1.0(@100MHz)
25
3.0
1.Rated current: The DC current at which the temperature rise is △t=40℃.(Ta=20℃).
Specification (For EMC Common Mode Choke Use)
Part Name
Core
Material
Stamp
Inductance
(1-4),(2-3)
@ 100kHz
Common mode
attenuation(1-4,2-3)
D.C.R.
(1-2) ※2
Isolation voltage
(3-4), 1 minute
CPFC85-1M15NP
Mn-Zn
1M15
4.7mH±30%
Within
30dB(Typ.)@100kHz
43dB(Typ.)@1MHz
34dB(Typ.)@10MHz
2.0ΩMax.
at 20℃
(3-4)shorted
500Vrms AC
2. D.C.R. is measured by 2 lines as series because impedance will be deteriorated when D.C.R. is measured by 1 line.
9.1±0.2
5.5 MAX.
0.5
0.05±0.05
7.2±0.1
9.1±0.2
0.9
1.5
1.5
6.5
3.0
SILK SCREEN
②③
①④
Mark of polarity


Similar Part No. - CPFC85NP-100M10

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CPFC85NP-100M10 SUMIDA-CPFC85NP-100M10 Datasheet
132Kb / 1P
   Common Mode Choke SMD Type: CPFC Series
More results

Similar Description - CPFC85NP-100M10

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
BCM-8151 BOTHHAND-BCM-8151 Datasheet
145Kb / 1P
   EMC Components Common-Mode Choke Coils for Signal Line
BCM-5140 BOTHHAND-BCM-5140 Datasheet
163Kb / 1P
   EMC COMPONENTS COMMON-MODE CHOKE COILS FOR SIGNAL LINE
BCM-5120 BOTHHAND-BCM-5120 Datasheet
149Kb / 1P
   EMC COMPONENTS COMMON-MODE CHOKE COILS FOR SIGNAL LINE
logo
PCA ELECTRONICS INC.
EPA2851 PCA-EPA2851 Datasheet
17Kb / 1P
   Common Mode Choke for Telecom Application Transformer
logo
Bothhand USA, LP.
BCM-2810 BOTHHAND-BCM-2810 Datasheet
81Kb / 1P
   ISDN 2-FOLD COMMON MODE CHOKE TRANSFORMER
logo
TDK Electronics
ZJYS51R5-4PT TDK-ZJYS51R5-4PT Datasheet
87Kb / 4P
   EMC Components Common Mode Choke Coils for Signal Line SMD
logo
PCA ELECTRONICS INC.
EPE6322S PCA-EPE6322S Datasheet
60Kb / 1P
   10Base-T Isolation Transformer with Common Mode Choke
logo
List of Unclassifed Man...
XF0306-01S ETC-XF0306-01S Datasheet
34Kb / 1P
   COMMON MODE CHOKE
logo
ice Components, Ins.
C01-0150-02-00 ICE-C01-0150-02-00 Datasheet
373Kb / 2P
   Common Mode Choke
CSO2 ICE-CSO2 Datasheet
307Kb / 2P
   Common Mode Choke
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com