Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BS-A514RD Datasheet(PDF) 3 Page - BRIGHT LED ELECTRONICS CORP

Part # BS-A514RD
Description  14.2mm(0.56) high single digit seven segments display.
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BRIGHT [BRIGHT LED ELECTRONICS CORP]
Direct Link  http://www.brightled.co.kr
Logo BRIGHT - BRIGHT LED ELECTRONICS CORP

BS-A514RD Datasheet(HTML) 3 Page - BRIGHT LED ELECTRONICS CORP

  BS-A514RD Datasheet HTML 1Page - BRIGHT LED ELECTRONICS CORP BS-A514RD Datasheet HTML 2Page - BRIGHT LED ELECTRONICS CORP BS-A514RD Datasheet HTML 3Page - BRIGHT LED ELECTRONICS CORP BS-A514RD Datasheet HTML 4Page - BRIGHT LED ELECTRONICS CORP  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
B
BR
RIIG
GH
HT
T L
LE
ED
D E
EL
LE
EC
CT
TR
RO
ON
NIIC
CS
S C
CO
OR
RP
P..
B
BS
S--A
A5
51
14
4R
RD
D
Ver.2.0 Page 3 of 4
SINCE 1981
Typical Electro-Optical Characteristics Curves
(25℃ Ambient Temperature Unless Otherwise Noted)
Fig.1 Relative Radiant Intensity VS. Wavelength
Wavelength(nm)
Forward Voltage
Fig.4 Relative Luminous
Forward Current(mA)
Forward Voltage (V)
0.0
0
1.0
2.0
3.0
0
0
30
10
20
40
50
40
10
20
30
50
Forward Current
4
Intensity VS.
12
3
5
Fig.2 Forward Current VS.
560
0
0.5
1.0
590
620
Ambient Temperature
Ambient Temperature
Derating Curve VS.
Fig.5 Forward Current
Ambient Temperature Ta( C)
Ambient Temperature Ta( C)
0
0
20
10
30
40
80
60
20
40
0.5
50
-40
0
1.5
1.0
3.0
2.5
2.0
0
-20
20
120
100
40
60
Fig.3 Relative Luminous
650
680
Intensity VS.
710
740


Similar Part No. - BS-A514RD

ManufacturerPart #DatasheetDescription
logo
Yellow Stone Corp
BS-A514RD YSTONE-BS-A514RD Datasheet
189Kb / 2P
   SINGLE DIGIT LED DISPLAYS
More results

Similar Description - BS-A514RD

ManufacturerPart #DatasheetDescription
logo
BRIGHT LED ELECTRONICS ...
BS-A516RD BRIGHT-BS-A516RD Datasheet
149Kb / 3P
   14.2mm(0.56) high single digit seven segments display.
BS-A554RD BRIGHT-BS-A554RD Datasheet
197Kb / 3P
   14.2mm (0.56) high single digit seven segments display
BS-C554RD BRIGHT-BS-C554RD Datasheet
191Kb / 3P
   14.2mm (0.56) high single digit seven segments display
BS-A55DRD BRIGHT-BS-A55DRD Datasheet
165Kb / 3P
   14.2mm (0.56) high single digit seven segments display
BT-A51DRD BRIGHT-BT-A51DRD Datasheet
189Kb / 3P
   14.2mm (0.56) high single digit seven segments display
BT-N515RD BRIGHT-BT-N515RD Datasheet
260Kb / 3P
   14.2mm (0.56) high single digit seven segments display
BS-C555RD-B BRIGHT-BS-C555RD-B Datasheet
199Kb / 3P
   14.2mm (0.56) high single digit seven segments display
BQ-N514RD BRIGHT-BQ-N514RD Datasheet
211Kb / 3P
   14.2mm (0.56) high four digit seven segments display.
BQ-N51DRD BRIGHT-BQ-N51DRD Datasheet
274Kb / 3P
   14.2mm (0.56) high four digit seven segments display
BT-N516RD BRIGHT-BT-N516RD Datasheet
218Kb / 3P
   14.2mm(0.56) high three digits seven segments display.
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com