Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MCDR1419B Datasheet(PDF) 1 Page - Sumida Corporation

Part # MCDR1419B
Description  Power Inductor
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

MCDR1419B Datasheet(HTML) 1 Page - Sumida Corporation

  MCDR1419B Datasheet HTML 1Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Power Inductor< Pin Type: MCDR Series>
Type:MCDR1419B
Please refer to the sales offices on our website for a representative near you
www.sumida.com
1/1
Product Description
・16.7mm Max.φ, 20.0mm Max. Height.
・Inductance Range: to 22μH
・Rated current range: 6.0A
・In addition to the standard versions of inductors shown here, custom inductors are available to meet your exact
requirements.
Feature
・Magnetically unshielded construction.
・Ideally Used in Printers, LCD TV, DVD, Printer, Copy Machine, Mainboard of the compounding machines, etc as
power supplies’s Inductors or DC-DC Converter inductors.
・RoHS Compliance
◆ Dimensions (mm)
◆ Specification
Part Name
Stamp
Inductance
[Within]
※1
D.C.R.(mΩ)
[Max.]
(at 20℃)
RATED CURRENT
(A)
※2
MCDR1419BNP-220J
220J
22μH±5%
20
6.0
※1.Measured frequency : 1kHz
※2.Rated Current:the D.C current at which the inductance decreases to 90% of the initial value(Ta=20
℃).
MAX.20.0
MA X.16.7
4.0±0.5
NON SOLDER DIP
MAX.0.5
8mm(WIDTH
WHITE TAPE)


Similar Part No. - MCDR1419B

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
MCDR1419 SUMIDA-MCDR1419 Datasheet
33Kb / 3P
   Power Inductor
MCDR1419A SUMIDA-MCDR1419A Datasheet
33Kb / 3P
   Power Inductor
More results

Similar Description - MCDR1419B

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
LQH2HP_G0 MURATA-LQH2HP_G0 Datasheet
73Kb / 2P
   Chip Inductor Power Inductor
logo
Sumida Corporation
CDH5D16 SUMIDA-CDH5D16 Datasheet
169Kb / 2P
   SMD Power Inductor SMD Power Inductor
logo
XFMRS Inc.
XFRCR875D-102M XFMRS-XFRCR875D-102M_15 Datasheet
59Kb / 1P
   Power Inductor
XFHCL2-1R8M XFMRS-XFHCL2-1R8M Datasheet
37Kb / 1P
   Power Inductor
XFRCH654-102M XFMRS-XFRCH654-102M Datasheet
59Kb / 1P
   Power Inductor
XFRCRH875-100M XFMRS-XFRCRH875-100M Datasheet
59Kb / 1P
   Power Inductor
XFRCR110D-102M XFMRS-XFRCR110D-102M_15 Datasheet
58Kb / 1P
   Power Inductor
9XFXXX6-S3P XFMRS-9XFXXX6-S3P Datasheet
49Kb / 1P
   POWER INDUCTOR
XFHCL2-1R6M XFMRS-XFHCL2-1R6M Datasheet
60Kb / 1P
   POWER INDUCTOR
XFRLH875-101M XFMRS-XFRLH875-101M Datasheet
32Kb / 1P
   POWER INDUCTOR
XFRCRH875-100M XFMRS-XFRCRH875-100M_15 Datasheet
59Kb / 1P
   Power Inductor
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com