Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BS-A36DRD Datasheet(PDF) 2 Page - BRIGHT LED ELECTRONICS CORP

Part # BS-A36DRD
Description  0.31(8.00MM)single DIGIT LED DISPLAY
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BRIGHT [BRIGHT LED ELECTRONICS CORP]
Direct Link  http://www.brightled.co.kr
Logo BRIGHT - BRIGHT LED ELECTRONICS CORP

BS-A36DRD Datasheet(HTML) 2 Page - BRIGHT LED ELECTRONICS CORP

  BS-A36DRD Datasheet HTML 1Page - BRIGHT LED ELECTRONICS CORP BS-A36DRD Datasheet HTML 2Page - BRIGHT LED ELECTRONICS CORP BS-A36DRD Datasheet HTML 3Page - BRIGHT LED ELECTRONICS CORP  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image


Similar Part No. - BS-A36DRD

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BS-A36DRD ETC-BS-A36DRD Datasheet
199Kb / 2P
   SINGLE DIGIT LED DISPLAYS
More results

Similar Description - BS-A36DRD

ManufacturerPart #DatasheetDescription
logo
BetLux Electronics
BL-T31A-31 BETLUX-BL-T31A-31 Datasheet
322Kb / 5P
   8.00mm (0.31) Three digit Seven Segment LED display series
logo
LIGITEK electronics co....
LSD3C5-65-R1-XX-KP4-PF LIGITEK-LSD3C5-65-R1-XX-KP4-PF Datasheet
157Kb / 9P
   SINGLE DIGIT LED DISPLAY (0.31 Inch)
LSD3C5-62-XX-RP4-PF LIGITEK-LSD3C5-62-XX-RP4-PF Datasheet
131Kb / 9P
   SINGLE DIGIT LED DISPLAY (0.31 Inch)
LSD3C5-65-XX-PF LIGITEK-LSD3C5-65-XX-PF Datasheet
132Kb / 9P
   SINGLE DIGIT LED DISPLAY (0.31 Inch)
LSD3C5-64-XX-KP38-PF LIGITEK-LSD3C5-64-XX-KP38-PF Datasheet
130Kb / 9P
   SINGLE DIGIT LED DISPLAY (0.31 Inch)
LSD3C5-65-R1-XX-RP4-PF LIGITEK-LSD3C5-65-R1-XX-RP4-PF Datasheet
131Kb / 9P
   SINGLE DIGIT LED DISPLAY (0.31 Inch)
LSD3C5-65-R1-XX-KP4 LIGITEK-LSD3C5-65-R1-XX-KP4 Datasheet
89Kb / 8P
   SINGLE DIGIT LED DISPLAY (0.31 Inch)
LSD3C5-65-R1-XX-RP5-PF LIGITEK-LSD3C5-65-R1-XX-RP5-PF Datasheet
131Kb / 9P
   SINGLE DIGIT LED DISPLAY (0.31 Inch)
LSD3C5-64-R1-XX-PF LIGITEK-LSD3C5-64-R1-XX-PF Datasheet
156Kb / 9P
   SINGLE DIGIT LED DISPLAY (0.31 Inch)
LSD3C5-62V-XX-PF LIGITEK-LSD3C5-62V-XX-PF Datasheet
131Kb / 9P
   SINGLE DIGIT LED DISPLAY (0.31 Inch)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com