Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT1361 Datasheet(PDF) 1 Page - Aimtron Technology

Part # AT1361
Description  1MHz,1A Synchronous Buck Converter
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTRON [Aimtron Technology]
Direct Link  https://www.aimtron.tech
Logo AIMTRON - Aimtron Technology

AT1361 Datasheet(HTML) 1 Page - Aimtron Technology

  AT1361 Datasheet HTML 1Page - Aimtron Technology AT1361 Datasheet HTML 2Page - Aimtron Technology AT1361 Datasheet HTML 3Page - Aimtron Technology AT1361 Datasheet HTML 4Page - Aimtron Technology AT1361 Datasheet HTML 5Page - Aimtron Technology AT1361 Datasheet HTML 6Page - Aimtron Technology AT1361 Datasheet HTML 7Page - Aimtron Technology AT1361 Datasheet HTML 8Page - Aimtron Technology AT1361 Datasheet HTML 9Page - Aimtron Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
AT1361
1MHz,1A Synchronous Buck Converter
7F, No.9, PARK AVENUE II, Science-Based Industrial Park, Hsinchu 300,Taiwan, R.O.C.
Tel: 886-3-563-0878
Fax: 886-3-563-0879
WWW: http://www.aimtron.com.tw
1/11/2008
REV:1.0
Email:service@aimtron.com.tw
1
Features
• High efficiency (95%) possible
• No Schottky Diode Required
• 1A Output Current at 5V input 3.3V output
• Oscillation frequency 1.0MHz
• Built-in ON/OFF Function
• Built-in Short Circuit Protection
• Low Dropout Operation: 100% Duty Cycle
• Stand-by current max. 1
µA
• Input voltage: 2.5V ~5.5V
Applications
• Power Supply for portable devices
General Description
The AT1361 provides complete control for a
DC/DC converter optimized for high-performance
microprocessor applications. It is operated on
current mode architecture for excellent line and
load transient response. 1MHz operation frequency
is allowing the use of small surface mount inductor
and capacitor. The internal synchronous switch
increases efficiency and eliminates the need for an
external Schottky diode. The AT1361 is a family
of low-noise synchronous step-down DC/DC
converters that is ideally suited for systems
powered from a 1-cell Li-ion battery or from a
3-cell to 4-cell NiCd, NiMH, or alkaline battery. It
can also be used to USB-Based power system.
Block Diagram
Aimtron reserves the right without notice to change this circuitry and specifications.


Similar Part No. - AT1361

ManufacturerPart #DatasheetDescription
logo
Aimtron Technology
AT1362 AIMTRON-AT1362 Datasheet
710Kb / 13P
   Synchronous Buck Converter With Power Good Detector & LDO
AT1362A AIMTRON-AT1362A Datasheet
710Kb / 13P
   Synchronous Buck Converter With Power Good Detector & LDO
logo
Global Mixed-mode Techn...
AT1362A GMT-AT1362A Datasheet
92Kb / 1P
   Synchronous Buck Converter With Power Good Detector & LDO
logo
Aimtron Technology
AT1362AN AIMTRON-AT1362AN Datasheet
710Kb / 13P
   Synchronous Buck Converter With Power Good Detector & LDO
AT1362B AIMTRON-AT1362B Datasheet
710Kb / 13P
   Synchronous Buck Converter With Power Good Detector & LDO
More results

Similar Description - AT1361

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
AT1358 GMT-AT1358 Datasheet
77Kb / 1P
   1MHz, 1A Synchronous Buck Converter with 500mA LDO
logo
Aimtron Technology
AT1366B AIMTRON-AT1366B Datasheet
347Kb / 14P
   1MHz,800mA Synchronous Buck Converter
logo
Monolithic Power System...
EV2112DQ-00A MPS-EV2112DQ-00A Datasheet
162Kb / 4P
   1A, 1MHz Synchronous Step-Down Converter
MP2112 MPS-MP2112 Datasheet
278Kb / 8P
   1MHz, 1A Synchronous Step-Down Converter
logo
Anpec Electronics Corop...
APW7322 ANPEC-APW7322 Datasheet
368Kb / 22P
   2A, 5V, 1MHz Synchronous Buck Converter
APW8804 ANPEC-APW8804 Datasheet
436Kb / 21P
   3A 5V 1MHz Synchronous Buck Converter
APW7323 ANPEC-APW7323 Datasheet
372Kb / 22P
   3.2A, 5V, 1MHz Synchronous Buck Converter
logo
Semtech Corporation
TS30041 SEMTECH-TS30041 Datasheet
1Mb / 18P
   High E! ciency 1A/2A Current-Mode Synchronous Buck Converter, 1MHz
Rev 2.2 July 27, 2016
logo
First Silicon Co., Ltd
FTD1465 FS-FTD1465 Datasheet
718Kb / 9P
   40V 600mA 1MHz synchronous Buck Converter
logo
Shenzhen Huazhimei Semi...
HM8115 HMSEMI-HM8115 Datasheet
590Kb / 8P
   40V, 600MA, 1MHz synchronous Buck Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com