Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FEM10CNP-3F6 Datasheet(PDF) 2 Page - Sumida Corporation

Part # FEM10CNP-3F6
Description  Molding RF Coils
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

FEM10CNP-3F6 Datasheet(HTML) 2 Page - Sumida Corporation

  FEM10CNP-3F6 Datasheet HTML 1Page - Sumida Corporation FEM10CNP-3F6 Datasheet HTML 2Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Type: FEM-10, FEM-10C
Please refer to the sales offices on our website for a representative near you
www.sumida.com
2/2
Molding RF Coils < Pin Type: FEM Series>
Specification
(FEM-10)
Part No.
Color
Turns
Tuning capacitance
Unloaded Q
(Min.)
Measuring
frequency
FEM1ØNP-1N6
75pF±10% Within
80
FEM1ØNP-1F6
Natural
1½T
63pF±5%
Variable
90
100MHz
FEM1ØNP-2N6
77pF±10% Within
105
FEM1ØNP-2F6
Red
2½T
61pF±5%
Variable
115
80MHz
FEM1ØNP-3N6
58pF±10% Within
100
FEM1ØNP-3F6
Orange
3½T
43pF±5%
Variable
115
80MHz
FEM1ØNP-4N6
45pF±10% Within
90
FEM1ØNP-4F6
Yellow
4½T
30pF±5%
Variable
110
80MHz
FEM1ØNP-5N6
37pF±10% Within
80
FEM1ØNP-5F6
Green
5½T
23pF±5%
Variable
105
80MHz
FEM1ØNP-6N6
31pF±10% Within
80
FEM1ØNP-6F6 ※
Blue
6½T
21pF±5%
Variable
110
80MHz
FEM1ØNP-7N6
27pF±10% Within
80
FEM1ØNP-7F6
Natural
7½T
17pF±5%
Variable
110
80MHz
Specification
(FEM-10C)
Part No.
Color
Turns
Tuning Capacitance
Unloaded Q
(Min.)
Measuring
Frequency
FEM1ØCNP-1F6
63pF±5%
variable
90
FEM1ØCNP-1N6
Natural
1½T
75pF±10%
within
80
100MHz
FEM1ØCNP-2F6
61pF±5%
variable
115
FEM1ØCNP-2N6
Red
2½T
77pF±10%
within
105
80MHz
FEM1ØCNP-3F6
43pF±5%
variable
115
FEM1ØCNP-3N6
Orange
3½T
58pF±10%
within
100
80MHz
FEM1ØCNP-4F6
30pF±5%
variable
110
FEM1ØCNP-4N6
Yellow
4½T
45pF±10%
within
90
80MHz
FEM1ØCNP-5F6
23pF±5%
variable
105
FEM1ØCNP-5N6
Green
5½T
37pF±10%
within
80
80MHz
FEM1ØCNP-6F6 ※
21pF±5%
variable
110
FEM1ØCNP-6N6
Blue
6½T
31pF±10%
within
80
80MHz
FEM1ØCNP-7F6 ※
17pF±5%
variable
110
FEM1ØCNP-7N6
Natural
7½T
27pF±10%
within
80
80MHz
Adjustable core,
F: Ferrite core
N: without core.
※ Variable range of tuning capacitance allows screw core to have 2mm Max. fly out from the top of coil.
* VHF Q-METER to be used when measuring.


Similar Part No. - FEM10CNP-3F6

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
FEM102-LFR FRONTIER-FEM102-LFR Datasheet
119Kb / 2P
   1A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
FEM103-LFR FRONTIER-FEM103-LFR Datasheet
119Kb / 2P
   1A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
FEM104-LFR FRONTIER-FEM104-LFR Datasheet
119Kb / 2P
   1A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
FEM105-LFR FRONTIER-FEM105-LFR Datasheet
119Kb / 2P
   1A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
FEM106-LFR FRONTIER-FEM106-LFR Datasheet
119Kb / 2P
   1A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
More results

Similar Description - FEM10CNP-3F6

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
FEM-12A SUMIDA-FEM-12A Datasheet
47Kb / 2P
   Molding RF Coils
FEM-7B SUMIDA-FEM-7B Datasheet
60Kb / 3P
   Molding RF Coils
FEM-7LN SUMIDA-FEM-7LN Datasheet
40Kb / 1P
   Molding RF Coils
FEM-85 SUMIDA-FEM-85 Datasheet
81Kb / 2P
   Molding RF Coils
S-7GDJ SUMIDA-S-7GDJ Datasheet
220Kb / 1P
   RF COILS
QU57 SUMIDA-QU57 Datasheet
121Kb / 1P
   RF COILS
S-10E SUMIDA-S-10E Datasheet
114Kb / 1P
   RF COILS
CFE534 SUMIDA-CFE534 Datasheet
138Kb / 1P
   RF Coils
S-7JLB SUMIDA-S-7JLB Datasheet
218Kb / 1P
   RF COILS
QU-10 SUMIDA-QU-10 Datasheet
117Kb / 1P
   RF COILS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com