Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FEM7BNNP-5F Datasheet(PDF) 2 Page - Sumida Corporation

Part # FEM7BNNP-5F
Description  Molding RF Coils
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

FEM7BNNP-5F Datasheet(HTML) 2 Page - Sumida Corporation

  FEM7BNNP-5F Datasheet HTML 1Page - Sumida Corporation FEM7BNNP-5F Datasheet HTML 2Page - Sumida Corporation FEM7BNNP-5F Datasheet HTML 3Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Type: FEM-7B, FEM-7BN
Please refer to the sales offices on our website for a representative near you
www.sumida.com
2/2
Molding RF Coils < Pin Type: FEM Series>
Connection (Bottom View)
S”is winding start.
Specification
(FEM-7B)
Part No.
Stamp
Color
Turns
Tuning
capacitance
(Variable)
Unloaded
Q(Min.)
Measuring
frequency
(MHz)
FEM7BNP-1F
01F
Natural
1
½T
78.1pF±2%
45
100
FEM7BNP-2F
02F
Red
2
½T
49.7pF±3%
50
100
FEM7BNP-3F
03F
Orange
3
½T
34.1pF±4%
50
100
FEM7BNP-4F
04F
Yellow
4
½T
24.9pF±4%
50
100
FEM7BNP-5F
05F
Green
5
½T
19.5pF±5%
55
100
FEM7BNP-6F
06F
Blue
6
½T
15.5pF±5%
50
100
FEM7BNP-7F
07F
Violet
7
½T
21.3pF±5%
50
80
FEM7BNP-8F
08F
Gray
8
½T
18.1pF±5%
50
80
FEM7BNP-9F
09F
White
9
½T
15.6pF±5%
50
80
FEM7BNP-1ØF
10F
Black
10
½T
26.0pF±4%
45
60
FEM7BNP-11F
11F
Natural
11
½T
23.3pF±4%
45
60
FEM7BNP-12F
12F
Red
12
½T
21.0pF±4%
45
60
FEM7BNP-13F
13F※
Orange
13
½T
19.3pF±4%
45
60
FEM7BNP-14F
14F※
Yellow
14
½T
17.6pF±3%
45
60
FEM7BNP-15F
15F※
Green
15
½T
15.8pF±3%
45
60
※ Variable range of tuning capacitance allows screw core to have 1.0T Max. out from the top of coil.
* VHF Q-METER to be used when measuring.
S


Similar Part No. - FEM7BNNP-5F

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
FEM7LNNP-1F SUMIDA-FEM7LNNP-1F Datasheet
40Kb / 1P
   Molding RF Coils
FEM7LNNP-2F SUMIDA-FEM7LNNP-2F Datasheet
40Kb / 1P
   Molding RF Coils
FEM7LNNP-3F SUMIDA-FEM7LNNP-3F Datasheet
40Kb / 1P
   Molding RF Coils
FEM7LNNP-4F SUMIDA-FEM7LNNP-4F Datasheet
40Kb / 1P
   Molding RF Coils
FEM7LNNP-5F SUMIDA-FEM7LNNP-5F Datasheet
40Kb / 1P
   Molding RF Coils
More results

Similar Description - FEM7BNNP-5F

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
FEM-12A SUMIDA-FEM-12A Datasheet
47Kb / 2P
   Molding RF Coils
FEM-10 SUMIDA-FEM-10 Datasheet
67Kb / 2P
   Molding RF Coils
FEM-7LN SUMIDA-FEM-7LN Datasheet
40Kb / 1P
   Molding RF Coils
FEM-85 SUMIDA-FEM-85 Datasheet
81Kb / 2P
   Molding RF Coils
S-7GDJ SUMIDA-S-7GDJ Datasheet
220Kb / 1P
   RF COILS
QU57 SUMIDA-QU57 Datasheet
121Kb / 1P
   RF COILS
S-10E SUMIDA-S-10E Datasheet
114Kb / 1P
   RF COILS
CFE534 SUMIDA-CFE534 Datasheet
138Kb / 1P
   RF Coils
S-7JLB SUMIDA-S-7JLB Datasheet
218Kb / 1P
   RF COILS
QU-10 SUMIDA-QU-10 Datasheet
117Kb / 1P
   RF COILS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com