Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BR-HUB33-05V-TRB Datasheet(PDF) 3 Page - BRIGHT LED ELECTRONICS CORP

Part # BR-HUB33-05V-TRB
Description  Super Red Mono-color type Suitable for all SMT assembly methods.
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BRIGHT [BRIGHT LED ELECTRONICS CORP]
Direct Link  http://www.brightled.co.kr
Logo BRIGHT - BRIGHT LED ELECTRONICS CORP

BR-HUB33-05V-TRB Datasheet(HTML) 3 Page - BRIGHT LED ELECTRONICS CORP

  BR-HUB33-05V-TRB Datasheet HTML 1Page - BRIGHT LED ELECTRONICS CORP BR-HUB33-05V-TRB Datasheet HTML 2Page - BRIGHT LED ELECTRONICS CORP BR-HUB33-05V-TRB Datasheet HTML 3Page - BRIGHT LED ELECTRONICS CORP BR-HUB33-05V-TRB Datasheet HTML 4Page - BRIGHT LED ELECTRONICS CORP BR-HUB33-05V-TRB Datasheet HTML 5Page - BRIGHT LED ELECTRONICS CORP BR-HUB33-05V-TRB Datasheet HTML 6Page - BRIGHT LED ELECTRONICS CORP  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
B
BR
RIIG
GH
HT
T L
LE
ED
D E
EL
LE
EC
CT
TR
RO
ON
NIIC
CS
S C
CO
OR
RP
P..
B
BR
R--H
HY
Y0
03
33
3--0
05
5V
V--T
TR
RB
B
SINCE 1981
Tapping and packaging specifications(Units: mm)
START
NOTE: 3000 pcs PER REEL
2.0±0.05
±
±
4.0
4.0
0.1
0.1
1.5±0.1
0.3
FIXING TAPE
LEADER
TRAILER
1.27±0.1
USER DIRECTION OF FEED
1.88±0.1
END
13.0±0.5
Package Method:(unit:mm)Vacuum
470
245
220
Aluminum Foil Bag
Bar Code Label
3000 pcs/reel
200
6 box/carton
645
210
185
12 bag/box
220
Ver.2.0 Page 3 of 6


Similar Part No. - BR-HUB33-05V-TRB

ManufacturerPart #DatasheetDescription
logo
Yellow Stone Corp
BR-HUB33-05V YSTONE-BR-HUB33-05V Datasheet
706Kb / 1P
   SURFACE MOUNT RESISTOR CHIP LED LAMPS
More results

Similar Description - BR-HUB33-05V-TRB

ManufacturerPart #DatasheetDescription
logo
BRIGHT LED ELECTRONICS ...
BL-HZD39T-TRB BRIGHT-BL-HZD39T-TRB Datasheet
199Kb / 9P
   White Mono-color type Suitable for all SMT assembly methods.
BR-HY033-05V-TRB BRIGHT-BR-HY033-05V-TRB Datasheet
287Kb / 6P
   Yellow Mono-color type Suitable for all SMT assembly methods.
BL-HZD39A-TRB BRIGHT-BL-HZD39A-TRB Datasheet
304Kb / 8P
   White Mono-color type Suitable for all SMT assembly methods.
BR-HG033-12V-TRB BRIGHT-BR-HG033-12V-TRB Datasheet
206Kb / 6P
   White Mono-color type Suitable for all SMT assembly methods.
BL-HZ434A-TRB BRIGHT-BL-HZ434A-TRB Datasheet
219Kb / 8P
   White Mono-color type Suitable for all SMT assembly methods.
BL-HZP39M-TRB BRIGHT-BL-HZP39M-TRB Datasheet
281Kb / 9P
   White Mono-color type Suitable for all SMT assembly methods.
BL-HZF39G-TRB BRIGHT-BL-HZF39G-TRB Datasheet
196Kb / 8P
   White Mono-color type Suitable for all SMT assembly methods.
BL-HUB34C-TRB BRIGHT-BL-HUB34C-TRB Datasheet
198Kb / 6P
   Super Red Suitable for all SMT assembly methods.
BL-HD036D-TRB BRIGHT-BL-HD036D-TRB Datasheet
217Kb / 7P
   Super Red Suitable for all SMT assembly methods.
BL-HF034A-TRB BRIGHT-BL-HF034A-TRB Datasheet
322Kb / 7P
   Super Red Suitable for all SMT assembly methods.
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com