Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RCP095NP-393J-50 Datasheet(PDF) 1 Page - Sumida Corporation

Part # RCP095NP-393J-50
Description  POWER INDUCTORS < Pin Type: RCP Series >
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

RCP095NP-393J-50 Datasheet(HTML) 1 Page - Sumida Corporation

  RCP095NP-393J-50 Datasheet HTML 1Page - Sumida Corporation RCP095NP-393J-50 Datasheet HTML 2Page - Sumida Corporation RCP095NP-393J-50 Datasheet HTML 3Page - Sumida Corporation RCP095NP-393J-50 Datasheet HTML 4Page - Sumida Corporation RCP095NP-393J-50 Datasheet HTML 5Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
POWER INDUCTORS < Pin Type: RCP Series >
Type: RCP-095/12
Please refer to the sales offices on our website for a representative near you
www.sumida.com
1/5
5.0 -0.5
+1.0
12.5±1.0
Product Description
10.2mm Max.φ, 13.5mm Max. height.
Inductance Range: 1.0~100mH.
Rated Current Range: 1.9~125mA.
Feature
Magnetically shielded construction.
Ideally Used in Printers, LCD TV, Copy Machine, Mainboard of the compounding machines,
etc as Power Supplies’s Inductors or DC-DC Converter inductors.
RoHS Compliance.
Dimensions (mm)
12.5±1.0
7.5-0.5
+1.0


Similar Part No. - RCP095NP-393J-50

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
RCP0505B VISHAY-RCP0505B Datasheet
95Kb / 4P
   Thick Film Chip Resistors, Industrial, High Power, Aluminum Nitride Substrate
Revision: 13-Dec-16
RCP0505W VISHAY-RCP0505W Datasheet
95Kb / 4P
   Thick Film Chip Resistors, Industrial, High Power, Aluminum Nitride Substrate
Revision: 13-Dec-16
RCP0603B VISHAY-RCP0603B Datasheet
95Kb / 4P
   Thick Film Chip Resistors, Industrial, High Power, Aluminum Nitride Substrate
Revision: 13-Dec-16
RCP0603W VISHAY-RCP0603W Datasheet
95Kb / 4P
   Thick Film Chip Resistors, Industrial, High Power, Aluminum Nitride Substrate
Revision: 13-Dec-16
More results

Similar Description - RCP095NP-393J-50

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
RCP1317 SUMIDA-RCP1317_06 Datasheet
201Kb / 2P
   POWER INDUCTORS < Pin Type: RCP Series >
RCP-105 SUMIDA-RCP-105 Datasheet
29Kb / 3P
   POWER INDUCTORS
RCP-195D SUMIDA-RCP-195D Datasheet
156Kb / 2P
   POWER INDUCTORS
RC-855 SUMIDA-RC-855 Datasheet
44Kb / 5P
   POWER INDUCTORS < Pin Type: RC Series>
RCR-110D SUMIDA-RCR-110D Datasheet
155Kb / 2P
   POWER INDUCTORS < Pin Type: RCR Series>
RX-9P SUMIDA-RX-9P Datasheet
86Kb / 7P
   POWER INDUCTORS < Pin Type: RX Series>
RP1315 SUMIDA-RP1315 Datasheet
166Kb / 2P
   POWER INDUCTORS
RC-885 SUMIDA-RC-885 Datasheet
121Kb / 2P
   POWER INDUCTORS < PIN Type: RC Series>
RCR1010 SUMIDA-RCR1010 Datasheet
151Kb / 2P
   POWER INDUCTORS < Pin Type: RCR Series>
RCR-108D SUMIDA-RCR-108D Datasheet
162Kb / 2P
   POWER INDUCTORS < Pin Type: RCR Series>
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com