Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BR-HE133-05V-TRB Datasheet(PDF) 6 Page - BRIGHT LED ELECTRONICS CORP

Part # BR-HE133-05V-TRB
Description  Hi-Eff Red Mono-color type.
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BRIGHT [BRIGHT LED ELECTRONICS CORP]
Direct Link  http://www.brightled.co.kr
Logo BRIGHT - BRIGHT LED ELECTRONICS CORP

BR-HE133-05V-TRB Datasheet(HTML) 6 Page - BRIGHT LED ELECTRONICS CORP

  BR-HE133-05V-TRB Datasheet HTML 1Page - BRIGHT LED ELECTRONICS CORP BR-HE133-05V-TRB Datasheet HTML 2Page - BRIGHT LED ELECTRONICS CORP BR-HE133-05V-TRB Datasheet HTML 3Page - BRIGHT LED ELECTRONICS CORP BR-HE133-05V-TRB Datasheet HTML 4Page - BRIGHT LED ELECTRONICS CORP BR-HE133-05V-TRB Datasheet HTML 5Page - BRIGHT LED ELECTRONICS CORP BR-HE133-05V-TRB Datasheet HTML 6Page - BRIGHT LED ELECTRONICS CORP  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
B
BR
RIIG
GH
HT
T L
LE
ED
D E
EL
LE
EC
CT
TR
RO
ON
NIIC
CS
S C
CO
OR
RP
P..
B
BR
R--H
HE
E1
13
33
3--0
05
5V
V--T
TR
RB
B
SINCE 1981
Notes for designing:
Care must be taken to provide the current limiting resistor in the circuit so as to drive the BRIGHT
LEDs within the rated figures. Also, caution should be taken not to overload BRIGHT LEDs with
instantaneous voltage at the turning ON and OFF of the circuit.
When using the pulse drive care must be taken to keep the average current within the rated figures.
Also, the circuit should be designed so as be subjected to reverse voltage when turning off the
BRIGHT LEDs.
Storage:
In order to avoid the absorption of moisture, it is recommended to solder BRIGHT LEDs as soon as
possible after unpacking the sealed envelope.
If the envelope is still packed, to store it in the environment as following:
(1) Temperature : 5℃-30℃(41℉)Humidity : RH 60﹪Max.
(2) After this bag is opened, devices that will be applied to infrared reflow, vapor-phase reflow, or
equivalent soldering process must be:
a. Completed within 24 hours.
b. Stored at less than 30% RH.
(3) Devices require baking before mounting, if:
(2) a or (2) b is not met.
(4) If baking is required, devices must be baked under below conditions:
12 hours at 60℃±3℃.
Package and Label of Products:
(1) Package: Products are packed in one bag of 3000 pcs (one taping reel) and a label is attached
on each bag.
(2) Label:
BRIGHT LED LOGO
Part No.
Quantity
BIN.
Sealing Date
x
xx
xx
xx
Year Month Day
Manufacture Location
Ver.2.0 Page 6 of 6


Similar Part No. - BR-HE133-05V-TRB

ManufacturerPart #DatasheetDescription
logo
Yellow Stone Corp
BR-HE133-05V YSTONE-BR-HE133-05V Datasheet
706Kb / 1P
   SURFACE MOUNT RESISTOR CHIP LED LAMPS
More results

Similar Description - BR-HE133-05V-TRB

ManufacturerPart #DatasheetDescription
logo
Lucky Light Electronic
LL-253ID1G-I1 LUCKY-LIGHT-LL-253ID1G-I1_15 Datasheet
137Kb / 7P
   Hi-Eff Red LED
LL-463IDS LUCKY-LIGHT-LL-463IDS_15 Datasheet
125Kb / 6P
   Hi-Eff Red LED
LL-253ID1F-I1 LUCKY-LIGHT-LL-253ID1F-I1 Datasheet
137Kb / 7P
   Hi-Eff Red LED
LL-463IDS LUCKY-LIGHT-LL-463IDS Datasheet
125Kb / 6P
   Hi-Eff Red LED
LL-244ID3D-I1 LUCKY-LIGHT-LL-244ID3D-I1 Datasheet
134Kb / 7P
   Hi-Eff Red LED
LL-244ID3D-I1 LUCKY-LIGHT-LL-244ID3D-I1_15 Datasheet
134Kb / 7P
   Hi-Eff Red LED
LL-253ID1F-I1 LUCKY-LIGHT-LL-253ID1F-I1_15 Datasheet
137Kb / 7P
   Hi-Eff Red LED
LL-253ID1G-I1 LUCKY-LIGHT-LL-253ID1G-I1 Datasheet
137Kb / 7P
   Hi-Eff Red LED
logo
BRIGHT LED ELECTRONICS ...
BR-HG033-05V-TRB BRIGHT-BR-HG033-05V-TRB Datasheet
216Kb / 6P
   Super Red Mono-color type.
logo
P-tec Corporation
PL24-CTR12 P-TEC-PL24-CTR12 Datasheet
35Kb / 1P
   10mm Hi-Eff Red LED
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com