Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CYT6166FLN Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # CYT6166FLN
Description  150mA CMOS LDO Regulator (Preliminary)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

CYT6166FLN Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  CYT6166FLN Datasheet HTML 1Page - List of Unclassifed Manufacturers CYT6166FLN Datasheet HTML 2Page - List of Unclassifed Manufacturers CYT6166FLN Datasheet HTML 3Page - List of Unclassifed Manufacturers CYT6166FLN Datasheet HTML 4Page - List of Unclassifed Manufacturers CYT6166FLN Datasheet HTML 5Page - List of Unclassifed Manufacturers CYT6166FLN Datasheet HTML 6Page - List of Unclassifed Manufacturers CYT6166FLN Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Preliminary and all contents are subject to change without prior notice.
2
150mA CMOS LDO
Regulator
(Preliminary)
CYT6166
Ordering/Marking Information (Continued)
Package
Ordering Information
Marking Information
3.3V
CYT6166ALN
166AN_
2.8V
CYT6166BLN
166BN_
2.5V
CYT6166CLN
166CN_
1.8V
CYT6166DLN
166DN_
1.5V
CYT6166ELN
166EN_
3.0V
CYT6166FLN
166FN_
3.3V
CYT6166ALG
166AG_
2.8V
CYT6166BLG
166BG_
2.5V
CYT6166CLG
166CG_
1.8V
CYT6166DLG
166DG_
1.5V
CYT6166ELG
166EG_
3.0V
CYT6166FLG
166FG_
3.3V
CYT6166APN
166AN_
2.8V
CYT6166BPN
166BN_
2.5V
CYT6166CPN
166CN_
1.8V
CYT6166DPN
166DN_
1.5V
CYT6166EPN
166EN_
3.0V
CYT6166FPN
166FN_
3.3V
CYT6166APG
166AG_
2.8V
CYT6166BPG
166BG_
2.5V
CYT6166CPG
166CG_
1.8V
CYT6166DPG
166DG_
1.5V
CYT6166EPG
166EG_
3.0V
CYT6166FPG
166FG_
Starting with 1, a bar on top of 1 is
for production year 2001, and
underlined 1 is for year 2002. The
next character is marked on top for
2003, and underlined for 2004. The
naming pattern continues with
consecutive characters for later
years.
The last character is the week
code. (
A-Z: 1-26, a-z: 27-52)


Similar Part No. - CYT6166FLN

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CYT6167 ETC2-CYT6167 Datasheet
1Mb / 7P
   400mA CMOS LDO Regulator
CYT6167AHG ETC2-CYT6167AHG Datasheet
1Mb / 7P
   400mA CMOS LDO Regulator
CYT6167AHN ETC2-CYT6167AHN Datasheet
1Mb / 7P
   400mA CMOS LDO Regulator
CYT6167ALG ETC2-CYT6167ALG Datasheet
1Mb / 7P
   400mA CMOS LDO Regulator
CYT6167ALN ETC2-CYT6167ALN Datasheet
1Mb / 7P
   400mA CMOS LDO Regulator
More results

Similar Description - CYT6166FLN

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SE5166 ETC1-SE5166 Datasheet
153Kb / 7P
   150mA CMOS LDO Regulator(Preliminary)
logo
Micrel Semiconductor
MIC5245 MICREL-MIC5245 Datasheet
630Kb / 12P
   150mA 關Cap CMOS LDO Regulator Preliminary Information
MIC5246 MICREL-MIC5246 Datasheet
58Kb / 12P
   150mA 關Cap CMOS LDO Regulator Preliminary Information
MIC5250 MICREL-MIC5250 Datasheet
168Kb / 12P
   Dual 150mA 關Cap CMOS LDO Regulator Preliminary Information
MIC5210 MICREL-MIC5210 Datasheet
60Kb / 8P
   Dual 150mA LDO Regulator Preliminary Information
logo
Catalyst Semiconductor
CAT6217 CATALYST-CAT6217 Datasheet
266Kb / 10P
   150mA CMOS LDO Regulator
logo
Seaward Electronics Inc...
SE5168 SEAWARD-SE5168 Datasheet
215Kb / 8P
   150mA CMOS LDO Regulator
logo
Catalyst Semiconductor
CAT6217 CATALYST-CAT6217_08 Datasheet
274Kb / 10P
   150mA CMOS LDO Regulator
logo
California Micro Device...
CM3112 CALMIRCO-CM3112 Datasheet
277Kb / 14P
   150mA/1.2V CMOS LDO Regulator
logo
Micrel Semiconductor
MIC5245 MICREL-MIC5245_02 Datasheet
129Kb / 12P
   150mA 關Cap CMOS LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com