Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ESDALC6V1P3 Datasheet(PDF) 2 Page - STMicroelectronics

Part # ESDALC6V1P3
Description  ASD (Application Specific Devices) Low capacitance TRANSIL??arrays for ESD protection
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ESDALC6V1P3 Datasheet(HTML) 2 Page - STMicroelectronics

  ESDALC6V1P3 Datasheet HTML 1Page - STMicroelectronics ESDALC6V1P3 Datasheet HTML 2Page - STMicroelectronics ESDALC6V1P3 Datasheet HTML 3Page - STMicroelectronics ESDALC6V1P3 Datasheet HTML 4Page - STMicroelectronics ESDALC6V1P3 Datasheet HTML 5Page - STMicroelectronics ESDALC6V1P3 Datasheet HTML 6Page - STMicroelectronics ESDALC6V1P3 Datasheet HTML 7Page - STMicroelectronics ESDALC6V1P3 Datasheet HTML 8Page - STMicroelectronics ESDALC6V1P3 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Characteristics
ESDALC6V1Px
2/9
1
Characteristics
Table 1.
Absolute ratings (Tamb = 25° C)
Symbol
Parameter
Value
Unit
VPP
(1)
1.
For a surge greater than the maximum values, the diode will fail in short-circuit.
Peak pulse voltage
IEC 61000-4-2 contact discharge
IEC 61000-4-2 air discharge
±8
±15
kV
PPP
Peak pulse power (8/20 µs)(1) Tj initial = Tamb
30
W
Tj
Junction temperature
150
°C
Tstg
Storage temperature range
-55 to +150
°C
TL
Maximum lead temperature for soldering during 10 s
260
°C
Top
Operating temperature range
-40 to +150
°C
Table 2.
Electrical characteristics (Tamb = 25° C)
Symbol
Parameter
VRM
Stand-off voltage
VBR
Breakdown voltage
VCL
Clamping voltage
IRM
Leakage current
IPP
Peak pulse current
αT
Voltage temperature coefficient
VF
Forward voltage drop
C
Capacitance
Rd
Dynamic resistance
Part Number
VBR@ IR
IRM @ VRM
Rd
αTC
min.
max.
max.
typ.
typ.
typ.@ 3V
VV
mA
µA
V
10-4/°C
pF
ESDALC6V1P3
ESDALC6V1P5
ESDALC6V1P6
6.1
7.2
1
0.1
3
1.5
4.5
7.5
V
I
VCLVBR
VRM
IF
VF
IRM
IPP
Slope: 1/Rd


Similar Part No. - ESDALC6V1P3

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ESDALC6V1P5 STMICROELECTRONICS-ESDALC6V1P5 Datasheet
53Kb / 5P
   QUAD LOW CAPACITANCE TRANSIL ARRAY FOR ESD PROTECTION
logo
Shanghai Leiditech Elec...
ESDALC6V1P5 LEIDITECH-ESDALC6V1P5 Datasheet
381Kb / 3P
   LOW CAPACITANCE TVS DIODE ARRAY
Rev 2.0 : 12.01.2020
logo
STMicroelectronics
ESDALC6V1P6 STMICROELECTRONICS-ESDALC6V1P6 Datasheet
160Kb / 10P
   QUAD LOW CAPACITANCE TRANSIL TM ARRAY FOR ESD PROTECTION
ESDALC6V1PX STMICROELECTRONICS-ESDALC6V1PX Datasheet
233Kb / 9P
   Low capacitance Transil??arrays for ESD protection
ESDALC6V1PX STMICROELECTRONICS-ESDALC6V1PX_08 Datasheet
233Kb / 9P
   Low capacitance Transil??arrays for ESD protection
More results

Similar Description - ESDALC6V1P3

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ESDALC6V1-5T6 STMICROELECTRONICS-ESDALC6V1-5T6 Datasheet
161Kb / 11P
   Low capacitance Transil arrays for ESD protection
March 2011 Rev 2
ESDALC6V1PX STMICROELECTRONICS-ESDALC6V1PX_08 Datasheet
233Kb / 9P
   Low capacitance Transil??arrays for ESD protection
CLP30-200B1 STMICROELECTRONICS-CLP30-200B1_06 Datasheet
151Kb / 15P
   ASD (Application Specific Devices) Overvoltage and overcurrent protection for telecom line
ESDALC6V1M6 STMICROELECTRONICS-ESDALC6V1M6_08 Datasheet
213Kb / 11P
   4- and 5-line low capacitance Transil arrays for ESD protection
ESDALC14V2-2BP5 STMICROELECTRONICS-ESDALC14V2-2BP5 Datasheet
69Kb / 6P
   Low capacitance TRANSIL??array for ESD protection
Rev 1 December 2005
ESDALC6V1F2 STMICROELECTRONICS-ESDALC6V1F2 Datasheet
88Kb / 7P
   Quad low capacitance Transil array for ESD protection
ESDALC14V2-1U2 STMICROELECTRONICS-ESDALC14V2-1U2 Datasheet
283Kb / 11P
   Single-line low capacitance Transil??for ESD protection
logo
ON Semiconductor
CM1293A ONSEMI-CM1293A_12 Datasheet
518Kb / 9P
   Low Capacitance ESD Protection Arrays
July, 2012 ??Rev. 8
logo
STMicroelectronics
ESDALC6V1-1M2 STMICROELECTRONICS-ESDALC6V1-1M2 Datasheet
147Kb / 10P
   Single line low capacitance Transil for ESD protection
ESDALC6V1M3 STMICROELECTRONICS-ESDALC6V1M3_08 Datasheet
334Kb / 7P
   Dual low capacitance Transil array for ESD protection
January 2006
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com