Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EMP25P12A Datasheet(PDF) 9 Page - International Rectifier

Part # EMP25P12A
Description  NPT IGBTs 25A, 1200V
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

EMP25P12A Datasheet(HTML) 9 Page - International Rectifier

Back Button EMP25P12A Datasheet HTML 5Page - International Rectifier EMP25P12A Datasheet HTML 6Page - International Rectifier EMP25P12A Datasheet HTML 7Page - International Rectifier EMP25P12A Datasheet HTML 8Page - International Rectifier EMP25P12A Datasheet HTML 9Page - International Rectifier EMP25P12A Datasheet HTML 10Page - International Rectifier EMP25P12A Datasheet HTML 11Page - International Rectifier EMP25P12A Datasheet HTML 12Page - International Rectifier EMP25P12A Datasheet HTML 13Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
www.irf.com
9
EMP25P12B
I27149 08/07
Fig. 17 – Typical Diode IRR vs. IF
Tj = 125ºC
IF = (A)
Fig. 19 – Typical Diode IRR vs. dIF/dt
VDC = 600V; VGE = 15V; IF = 25A; Tj = 125ºC
dIF/dt (A/
µs)
Fig. 18 – Typical Diode IRR vs. Rg
IF = 25A; Tj = 125ºC
Rg = (
Ω)
Fig. 20 – Typical Diode QRR
VDC = 600V; VGE = 15V; Tj = 125ºC
dIF/dt (A/
µs)


Similar Part No. - EMP25P12A

ManufacturerPart #DatasheetDescription
logo
Excelics Semiconductor,...
EMP201 EXCELICS-EMP201 Datasheet
141Kb / 3P
   17.5 - 21.0 GHz Power Ammplifier MMIC
logo
List of Unclassifed Man...
EMP202 ETC2-EMP202 Datasheet
236Kb / 28P
   Single-Chip Dual-Channel AC??7 Audio Codec for PC Audio Systems
logo
Excelics Semiconductor,...
EMP207 EXCELICS-EMP207 Datasheet
164Kb / 3P
   17.0 - 20.0 GHz Power Amplifier MMIC
EMP207-P1 EXCELICS-EMP207-P1 Datasheet
94Kb / 2P
   17 - 20 GHz Power Amplifier MMIC
EMP207-Q5 EXCELICS-EMP207-Q5 Datasheet
124Kb / 3P
   17.0 - 20.0 GHz Surface-Mounted PA
More results

Similar Description - EMP25P12A

ManufacturerPart #DatasheetDescription
logo
International Rectifier
PIIPM25P12B008 IRF-PIIPM25P12B008 Datasheet
1,002Kb / 28P
   NPT IGBTs 25A, 1200V
logo
Wuxi NCE Power Semicond...
NCE25G120T NCEPOWER-NCE25G120T Datasheet
433Kb / 8P
   1200V, 25A, Trench NPT IGBT
NCE25G120P NCEPOWER-NCE25G120P Datasheet
324Kb / 7P
   1200V, 25A, Trench NPT IGBT
NCE25GD120T NCEPOWER-NCE25GD120T Datasheet
323Kb / 8P
   1200V, 25A, Trench NPT IGBT
NCE25GD120P NCEPOWER-NCE25GD120P Datasheet
328Kb / 8P
   1200V, 25A, Trench NPT IGBT
logo
Intersil Corporation
HGTP5N120BN INTERSIL-HGTP5N120BN Datasheet
82Kb / 7P
   21A, 1200V, NPT Series N-Channel IGBTs
January 2000
HGTP5N120CN INTERSIL-HGTP5N120CN Datasheet
80Kb / 7P
   25A, 1200V, NPT Series N-Channel IGBT
January 2000
logo
IXYS Corporation
IXGA20N120A3 IXYS-IXGA20N120A3 Datasheet
241Kb / 6P
   GenX3 1200V IGBTs
IXGA30N120B3 IXYS-IXGA30N120B3 Datasheet
217Kb / 6P
   GenX3 1200V IGBTs
IXGK120N120B3 IXYS-IXGK120N120B3 Datasheet
129Kb / 2P
   GenX3 1200V IGBTs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com