Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2178-T044 Datasheet(PDF) 2 Page - Sumida Corporation

Part # 2178-T044
Description  IFT Coils < Pin Type: PG Series>
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

2178-T044 Datasheet(HTML) 2 Page - Sumida Corporation

  2178-T044 Datasheet HTML 1Page - Sumida Corporation 2178-T044 Datasheet HTML 2Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Type: PG78 /FM, PG78/AM, PG78/SW, PG78/MW
Please refer to the sales offices on our website for a representative near you
www.sumida.com
2/2
IFT Coils < Pin Type: PG Series>
Specification (PG78/FM) (Part No. 2176-T060)
Specification (PG78/AM) (Part No. S0975881)
Specification (PG78/SW) (Part No. 2178-T044)
Item
(1-3)
Measuring Conditions
Inductance
110µH ± 4% Variable
2.52MHz
Unloaded Qu
40 Min.
2.52MHz
Specification (P-7GB/MW) (Part No. 2177-T074)
(1-3)
Measuring Condition
Using frequency
10.7MHz±1% Variable
Unloaded Qu
60 Min.
10.7MHz
Capacity (Int.)
100pF±10%
Ext stray capacity 0pF between (1-3) at measuring.
Item
(1-3)
Measuring Conditions
Frequency
455kHz±2% Variable
Unloaded Qu
50 Min.
455kHz
Capacity (INT.)
180pF±10%
Item
(1-3)
Measuring Condition
Inductance
400μH± 5%
Variable
796KHz
Unloaded Qu
55
Min.
796KHz


Similar Part No. - 2178-T044

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
2178 ALPHAWIRE-2178 Datasheet
101Kb / 3P
   Customer Specification
9/14/2022
logo
Littelfuse
217800 LITTELFUSE-217800 Datasheet
224Kb / 2P
   5 x 20 mm Fast-Acting Fuse
217800P LITTELFUSE-217800P Datasheet
303Kb / 2P
   5 x 20 mm Fast-Acting Fuse
logo
Molex Electronics Ltd.
2178040001 MOLEX-2178040001 Datasheet
395Kb / 4P
   TOP MOUNT USB TYPE C RECEPTACLE IPX8
REVISION A
logo
TE Connectivity Ltd
2178299-1 TEC-2178299-1 Datasheet
210Kb / 1P
   THIS DRAWING IS A CONTROLLED DOCUMENT.
More results

Similar Description - 2178-T044

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
PG78 SUMIDA-PG78_1 Datasheet
186Kb / 2P
   IFT Coils < Pin Type: PG Series>
PG57 SUMIDA-PG57 Datasheet
62Kb / 2P
   IFT COILS < Pin Type: PG Series>
MG56 SUMIDA-MG56 Datasheet
32Kb / 1P
   IFT COILS < Pin Type: MG Series>
P-4SBAM SUMIDA-P-4SBAM Datasheet
37Kb / 1P
   IFT COILS< Pin Type: P-4 Series>
P-7GL SUMIDA-P-7GL Datasheet
42Kb / 2P
   IFT COILS < Pin Type: P-7 Series>
P-7GJ SUMIDA-P-7GJ Datasheet
36Kb / 2P
   IFT COILS < Pin Type: P-7 Series>
P-5LG SUMIDA-P-5LG Datasheet
62Kb / 2P
   IFT COILS < Pin Type: P-5 Series>
P-5LG SUMIDA-P-5LG_1 Datasheet
48Kb / 2P
   IFT COILS < Pin Type P-5 Series>
P-4SB SUMIDA-P-4SB Datasheet
159Kb / 1P
   IFT COILS< Pin Type: P-4 Series>
P-7LC SUMIDA-P-7LC Datasheet
44Kb / 2P
   IFT COILS< Pin Type:P-7 Series>
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com