Part Name
         Description
QU-7

 RF COILS ( 1 Page)


SUMIDA
100% 
Zoom Out Zoom In
   
 1 page
background image
Type: QU-7
Please refer to the sales offices on our website for a representative near you
www.sumida.com
1/1
RF COILS < Pin Type: QU Series>
12.5 Max.
3.
0
±0.5
4.5±0.2
7.5±0.3
Core out
1.0 Max.
Product Description
7.8×7.6mm Max.(L×W), 12.5mm Max. Height.
Inductance:0.1~25µH Max.
Operating frequency: 30MHz Max.
In addition to the reference versions of parameters shown here,
custom designs are available to meet your exact requirements
Feature
Variable shielded type.
Internally assembled condenser is available.
Ideally used in quadrature detector coil.
RoHS Compliance
Dimensions (mm)
Dimension does not include solder used on coil.
Pin pitch should be measured at the root of terminal.
Connection (Bottom View)
Specification (Part No. 2231-T039)
S”is winding start.
Item
(1-3)
Measuring
Conditions
Turning frequency
10.7MHz±1% Variable
Unloaded Qu
30 Min.
10.7MHz
Capacity (Int.)
82pF±10%
Ext. stray capacity 5pF between (1-3) at measuring.
③④
S



Html Pages

1 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
K5-SAdjustable Type Coils 1 2 3 4 Mitsumi Electronics, Corp.
CS53RF COILS < SMD Type: CS Series> 1 2 Sumida Corporation
SM55RF Coils 1 2 Sumida Corporation
S-5LGRF COILS 1 2 Sumida Corporation
PFB-2Filter Coils 1 2 Sumida Corporation
836BN-0075ZVariable Coils for Surface Mounting 1 2 TOKO, Inc
CP-4LBIFT Coils 1 2 Sumida Corporation
CMG65BAM Antenna Loading Coils 1 2 Sumida Corporation
SM-118IFT COILS 1 Sumida Corporation
S-5LFRF COILS 1 Sumida Corporation

Link URL

Sponsor of Alldatasheet


Alldistributor will be your best source to find out the prices for your daily purchasing of Electronic Components.
Alldistributor.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com

Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl